PART |
Description |
Maker |
FDS6911 |
Fast switching speed, Low gate charge Dual N-Channel Logic Level PowerTrench? MOSFET 20V, 7.5A, 13mΩ Dual N-Channel Logic Level PowerTrench㈢ MOSFET 20V, 7.5A, 13mヘ Dual N-Channel Logic Level PowerTrench??MOSFET 20V, 7.5A, 13m??/td>
| SOP
|
List of Unclassifed Manufacturers FAIRCHILD[Fairchild Semiconductor]
|
SUP40N06-25L SUB40N06-25L |
N-Channel Enhancement-Mode MOSFETs, Logic Level N-Channel 60-V (D-S), 175 Degrees Celcious MOSFET, Logic Level
|
VISAY[Vishay Siliconix]
|
ISL9N303AS3ST ISL9N303AS3 ISL9N303AP3 N303AS N303A |
N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 3.2mз 75 A, 30 V, 0.005 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-262AA N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 3.2mз 75 A, 30 V, 0.005 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB RECTIFIER SCHOTTKY DUAL COMMON-CATHODE 30A 40V 250A-Ifsm 0.55Vf 1A-IR D2PAK 800/REEL-13 75 A, 30 V, 0.005 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB N-Channel Logic Level UltraFET Trench MOSFETs 30V / 75A / 3.2m N-Channel Logic Level UltraFET Trench MOSFETs 30V 75A 3.2m N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 3.2m?/a>
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
NTD24N06L NTD24N06L-1 NTD24N06L-1G NTD24N06LG NTD2 |
Power MOSFET 24 Amps, 60 Volts, Logic Level N-Channel DPAK; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Tape and Reel; Qty per Container: 2500 24 A, 60 V, 0.045 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 24Amps, 60Volts Logic Level N-Channel DPAK(24A, 60 V,逻辑电平,N通道,DPAK封装的功率MOSFET) Power MOSFET 24 Amps, 60 Volts Logic Level, N−Channel DPAK
|
ON Semiconductor
|
BUK9Y59-60E BUK9Y59-60E-15 |
N-channel 60 V, 59 mΩ logic level MOSFET in LFPAK56 N-channel TrenchMOS logic level FET
|
NXP Semiconductors
|
FDB883210 FDB8832-F085 FDB8832F085 |
30V N-Channel Logic Level PowerTrenchMOSFET N-Channel Logic Level PowerTrench? MOSFET 30V, 80A, 2.1mΩ
|
Fairchild Semiconductor
|
ISL9N308AP3 ISL9N308AS3ST |
N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 8mOhm N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 8m ? N-CHANNEL LOGIC LEVEL ULTRAFET TRENCH MOSFETS 30V, 75A, 8M з N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 8m з 75 A, 30 V, 0.012 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB
|
Fairchild Semiconductor, Corp.
|
RFT3055 RFT3055LE HGTG20N120CND FN4537 |
2.0A, 60V, 0.150 Ohm, N-Channel, Logic Level, ESD Rated, Power MOSFET 2.0安培0V的,0.150 Ohm的N通道,逻辑层次,额定静电,功率MOSFET 2.0A/ 60V/ 0.150 Ohm/ N-Channel/ Logic Level/ ESD Rated/ Power MOSFET 63A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode 2.0A 60V 0.150 Ohm N-Channel Logic Level ESD Rated Power MOSFET From old datasheet system
|
Fairchild Semiconductor, Corp. INTERSIL[Intersil Corporation]
|
FDB886010 FDB8860F085 FDB8860-F085 |
30V N-Channel Logic Level PowerTrenchMOSFET N-Channel Logic Level PowerTrench? MOSFET 30V, 80A, 2.6m
|
Fairchild Semiconductor
|
FDD6632_04 FDD6632 FDD663204 FDD6632NL |
30V N-Channel Logic Level UltraFET Trench Power MOSFET 4 A, 30 V, 0.09 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252 N-Channel Logic Level UltraFET? Trench Power MOSFET 30V, 9A, 70m?/a> N-Channel Logic Level UltraFET㈢ Trench Power MOSFET 30V, 9A, 70mз
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
HUFA76407DK8T HUFA76407DK8 |
3.5A, 60V, 0.105 Ohm, Dual N-Channel, Logic Level UltraFET Power MOSFET 3800 mA, 60 V, 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, MS-012AA 3.5A/ 60V/ 0.105 Ohm/ Dual N-Channel/ Logic Level UltraFET Power MOSFET 3.5A, 60V, 0.105 Ohm, Dual N-Channel, Logic Level UltraFETPower MOSFET
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
|