PART |
Description |
Maker |
MBR4030PT1 MBR4060PT MBR4030PT MBR4035PT MBR4040PT |
RECTIFIER SCHOTTKY DUAL 40A 50V 400A-ifsm 0.8V-vf 1mA-ir TO-3P 30/TUBE 40A SCHOTTKY BARRIER RECTIFIER
|
DIODES[Diodes Incorporated]
|
DF40SC3L |
Schottky Rectifiers (SBD) (30V 40A)
|
SHINDENGEN[Shindengen Electric Mfg.Co.Ltd]
|
STS4DNFS30L 8566 STS4DNFS30 |
N-CHANNEL 30V - 0.044 OHM - 4A SO-8 STRIPFET II MOSFET PLUS SCHOTTKY RECTIFIER N-CHANNEL 30V - 0.044 OHM - 4A SO-8 STRIPFET II MOSFET PLUS SCHOTTKY RECTIFIER N-CHANNEL 30V - 0.044ohm - 4A SO-8 STripFET⑩ II MOSFET PLUS SCHOTTKY RECTIFIER From old datasheet system N-CHANNEL POWER MOSFET N-CHANNEL 30V - 0.044ohm - 4A SO-8 STripFET?/a> II MOSFET PLUS SCHOTTKY RECTIFIER
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
STS2DNFS30L |
N-CHANNEL 30V 0.09 OHM 3A SO-8 STRIPFET II MOSFET PLUS SCHOTTKY RECTIFIER N-CHANNEL 30V - 0.09ohm - 3A SO-8 STripFETII MOSFET PLUS SCHOTTKY RECTIFIER N-CHANNEL 30V - 0.09ohm - 3A SO-8 STripFET⑩ II MOSFET PLUS SCHOTTKY RECTIFIER N-CHANNEL 30V - 0.09ohm - 3A SO-8 STripFET II MOSFET PLUS SCHOTTKY RECTIFIER
|
ST Microelectronics 意法半导 STMICROELECTRONICS[STMicroelectronics]
|
STS8NFS30L |
N - CHANNEL 30V - 0.018ohm - 8A S0-8 STripFET MOSFET PLUS SCHOTTKY RECTIFIER -通道30V 0.018ohm - 8A条的S0 - 8 STripFET肖特基整流器MOSFET的普乐士 N - CHANNEL 30V - 0.018ohm - 8A S0-8 STripFET MOSFET PLUS SCHOTTKY RECTIFIER N - CHANNEL 30V - 0.018 Ohm - 8A S0-8 STripFET MOSFET PLUS SCHOTTKY RECTIFIER
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
SB07W03V |
Schottky Barrier Diode (Twin Type Cathode Common) 30V, 700mA Rectifier 30V 700mA Rectifier
|
SANYO[Sanyo Semicon Device] Sanyo Semiconductor
|
ADP1173AN-12 ADP1173AN-33 ADP1173AR-33 ADP1173 ADP |
Micropower DC-DC Converter RECTIFIER SCHOTTKY SINGLE 1A 80V 25A-ifsm 0.8V-vf 0.5mA-ir DO-41 5K/AMMO 1.5 A SWITCHING REGULATOR, 32 kHz SWITCHING FREQ-MAX, PDIP8 RECTIFIER SCHOTTKY DUAL 40A 60V 375A-ifsm 0.7V-vf 1mA-ir TO-3P 30/TUBE RECTIFIER SCHOTTKY SINGLE 1A 90V 25A-ifsm 0.8V-vf 0.5mA-ir DO-41 5K/REEL-13
|
http:// Analog Devices, Inc.
|
MBR4045CT-1 MBRB4045CT MBR4045CT MBRB4045CTTRR |
45V 40A Schottky Common Cathode Diode in a D2-Pak package 45V 40A Schottky Common Cathode Diode in a TO-262 package SCHOTTKY RECTIFIER
|
IRF[International Rectifier]
|
SBL4030PT SBL4035PT SBL4060PT SBL4040PT SBL4045PT |
40A SCHOTTKY BARRIER RECTIFIER
|
DIODES[Diodes Incorporated] General Semiconductor
|
SBL4060PT SBL4030PT SBL4030PT_1 SBL4035PT SBL4040P |
40A SCHOTTKY BARRIER RECTIFIER
|
DIODES[Diodes Incorporated]
|
EN8967A SBE81312 SBE813-TL-E EN8967 |
Schottky Barrier Diode, 30V, 3A, Low IR, Non-Monolithic Dual VEC8 Common Cathode 30V, 3.0A Rectifier
|
ON Semiconductor Sanyo Semicon Device
|
CF4060CT |
40A High Power Schottky Barrier Rectifier
|
Chip Integration Techno...
|