PART |
Description |
Maker |
MC100E446FN MC100E446FNG MC100E446FNR2 MC100E446FN |
5V ECL 4-Bit Parallel/Serial Converter; Package: 28 LEAD PLCC; No of Pins: 28; Container: Rail; Qty per Container: 37 100E SERIES, 4-BIT RIGHT PARALLEL IN SERIAL OUT SHIFT REGISTER, COMPLEMENTARY OUTPUT, PQCC28
|
ONSEMI[ON Semiconductor]
|
HI-8684PST-10 HI-8683 HI-8683PJI HI-8683PJT HI-868 |
ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 8-BIT PARALLEL DATA 384 MCELL 3 VOLT ZERO POWER ISP CPLD - NOT RECOMMENDED for NEW DESIGN (HI-8683 / HI-8684) ARINC INTERFACE DEVICE ARINC 429 & 561 SERIAL DATA TO 8-BIT PARALLEL DATA ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 8-BIT PARALLEL DATA System component for interfacing incoming ARINC 429 signals to 8-bit parallel data
|
http:// HOLTIC[Holt Integrated Circuits] HOLT INTEGRATED CIRCUITS INC Holt Integrated Circuit...
|
74F675ASPC 74F675ASC 74F675APC 74F675A |
16-Bit Serial-In, Serial/Parallel-Out Shift Register F/FAST SERIES, 16-BIT RIGHT SERIAL IN PARALLEL OUT SHIFT REGISTER, TRUE OUTPUT, PDSO24
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74LVC595A 74LVC595ABQ 74LVC595AD 74LVC595APW 74LVC |
8-bit serial-in/serial-out or parallel-out shift register; 3-state; Package: SOT403-1 (TSSOP16); Container: Reel Pack, SMD, 13" LVC/LCX/Z SERIES, 8-BIT RIGHT SERIAL IN PARALLEL OUT SHIFT REGISTER, TRUE OUTPUT, PDSO16 8-bit serial-in/serial-out or parallel-out shift register; 3-state; Package: SOT109-1 (SO16); Container: Reel Pack, SMD, 13" LVC/LCX/Z SERIES, 8-BIT RIGHT SERIAL IN PARALLEL OUT SHIFT REGISTER, TRUE OUTPUT, PDSO16
|
NXP Semiconductors N.V.
|
LTC1418ACNPBF LTC1418ACGTRPBF |
Low Power, 14-Bit, 200ksps ADC with Serial and Parallel I/O; Package: PDIP; No of Pins: 28; Temperature Range: 0°C to 70°C 1-CH 14-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL/PARALLEL ACCESS, PDIP28 Low Power, 14-Bit, 200ksps ADC with Serial and Parallel I/O; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C 1-CH 14-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL/PARALLEL ACCESS, PDSO28
|
Linear Technology, Corp.
|
MC54HC589J MC54_74HC589A MC74HC589D MC74HC589N ON1 |
8-BIT SERLAL OR PARALLEL-INPUT/SERIAL-OUTPUT SHIFT REGISTER WITH 3-STATE OUTPUT From old datasheet system 8-Bit Serial or Parallel-Input/Serial-Output Shift Register with 3-State Output High-Performance Silicon-Gate CMOS
|
MOTOROLA[Motorola Inc] ON Semi Motorola, Inc
|
AD660BRZ-REEL AD660ARZ-REEL1 AD660BRZ-REEL1 AD660A |
Monolithic 16-Bit Serial/Byte DACPORT; Package: SOIC - Wide; No of Pins: 24; Temperature Range: Industrial SERIAL, PARALLEL, 8 BITS INPUT LOADING, 2.5 us SETTLING TIME, 16-BIT DAC, PDSO24
|
Analog Devices, Inc.
|
N74F676D N74F676N 74F676 74F676_2 |
16-bit serial/parallel-in, serial-out shift register 3-State From old datasheet system
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
74HC595D 74HC595DB 74HC595N 74HC595PW |
8-bit serial-in/serial or parallel-out shift register with output latches 3-state
|
Philips
|
74AHC595BQ |
8-bit serial-in/serial-out or parallel-out shift register with output latches; 3-state
|
NXP Semiconductors
|
27HC595P 27HC595T 27HCT595P 27HCT595T |
8-bit serial-in/serial-on parallel-out shift register with output latche; 3-state
|
Philips
|