PART |
Description |
Maker |
LTC1415 LTC1415CSW LTC1415CG LTC1415IG LTC1415ISW |
From old datasheet system 12-Bit/ 1.25Msps/ 55mW Sampling A/D Converter 12-Bit, 1.25Msps, 55mW Sampling A/D Converter
|
LINER[Linear Technology]
|
LTC1415CGTR |
12-Bit, 1.25Msps, 55mW Sampling A/D Converter; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO28
|
Linear Technology, Corp.
|
LTC2246HLXPBF LTC2246H |
14-Bit, 25Msps 125C ADC In LQFP 14-Bit, 25Msps Low Power 3V ADCs 1-CH 14-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQFP48
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|
LTC1746CFWPBF LTC1746CFWTR LTC1746CFWTRPBF |
Low Power,14-Bit, 25Msps ADC
|
Linear Technology
|
LTC1745 |
Low Noise,12-Bit, 25Msps ADC
|
Linear Technology
|
LTC2256-14 LTC2256CUJ-14-PBF LTC2256CUJ-14-TRPBF L |
14-Bit, 65/40/25Msps Ultralow Power 1.8V ADCs
|
Linear Technology
|
LTC2226 LTC2227 LTC2228 |
12-Bit, 65/40/25Msps Low Power 3V ADCs
|
Linear Technology
|
LTC2296UP LTC2297UP LTC2298UP LTC2296CUP |
Dual 14-Bit, 65/40/25Msps Low Power 3V ADCs
|
Linear Technology
|
TSA1001 TSA1001CF TSA1001CFT TSA1001IF TSA1001IFT |
10-BIT, 25MSPS, 35mW A/D CONVERTER 10位,25Msps时为35mW的A / D转换
|
STMICROELECTRONICS[STMicroelectronics]
|
LTC2263-12 LTC2264CUJ-12PBF LTC2264CUJ-12TRPBF LTC |
12-Bit, 65Msps/40Msps/25Msps Low Power Dual ADCs
|
Linear Technology
|
LTC2192CUKGPBF LTC6421-20 LTC2259-14 LTC2190CUKGPB |
16-Bit, 65Msps/40Msps/25Msps Low Power Dual ADCs
|
Linear Technology http://
|
AM27C020-155DI AM27C020-175DI AM27C020-155DIB AM27 |
Micropower Sampling 8-Bit Serial I/O A/D Converters; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Complete Single Supply 12-Bit Voltage Output DAC in SO-8; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C High Speed 8-Bit A/D Converter with Built-In Sample-and-Hold; Package: PDIP; No of Pins: 20; Temperature Range: -40°C to 85°C Micropower Sampling 8-Bit Serial I/O A/D Converters; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Micropower Low Dropout References; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C Complete Single Supply 12-Bit Voltage Output DAC in SO-8; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Switched-Capacitor Wide Input Range Voltage Converter with Shutdown; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 12-Bit, 500ksps Sampling A/D Converter with Shutdown; Package: PDIP; No of Pins: 24; Temperature Range: -40°C to 85°C Rail-to-Rail Input Rail-to-Rail Output Zero-Drift Op Amp; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C 3V 140ksps 12-Bit Sampling A/D Converter with Reference; Package: SO; No of Pins: 24; Temperature Range: 0°C to 70°C 3V 140ksps 12-Bit Sampling A/D Converter with Reference; Package: PDIP; No of Pins: 24; Temperature Range: 0°C to 70°C Single Chip 12-Bit Data Acquisition System; Package: SO; No of Pins: 20; Temperature Range: -40°C to 85°C High Efficiency Step-Down and Inverting DC/DC Converter; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C 3V Micropower Sampling 12-Bit A/D Converters in SO-8 Packages; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 12-Bit, 300ksps Sampling A/D Converters with Reference; Package: PDIP; No of Pins: 24; Temperature Range: 0°C to 70°C Micropower Sampling 12-Bit A/D Converters In S0-8 Packages; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C 12-Bit, 500ksps Sampling A/D Converter with Shutdown; Package: SO; No of Pins: 24; Temperature Range: 0°C to 70°C 12-Bit, 1.25Msps, 55mW Sampling A/D Converter; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C High Efficiency Step-Down and Inverting DC/DC Converter; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C High Efficiency Step-Down and Inverting DC/DC Converter; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Low Power, 14-Bit, 200ksps ADC with Serial and Parallel I/O; Package: PDIP; No of Pins: 28; Temperature Range: 0°C to 70°C Low Power, Low Noise, Quad Universal Filter Building Block; Package: PDIP; No of Pins: 14; Temperature Range: 0°C to 70°C Switched Capacitor Regulated Voltage Inverter; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C Switched Capacitor Regulated Voltage Inverter; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Single 5V RS232/RS485 Multiprotocol Transceiver; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C x8存储 Single Chip 12-Bit Data Acquisition System; Package: SO; No of Pins: 20; Temperature Range: 0°C to 70°C x8存储 x8 EPROM x8存储
|
C-MAC MicroTechnology SPC Technology Electronic Theatre Controls, Inc.
|