PART |
Description |
Maker |
UC3500 UC3550L-XX-AF5-R UC3550-XX-AF5-R UC3550-33- |
PWM CONTROLLED,PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER PWM控制,PWM / PFM切换升压型DC - DC控制 PWM CONTROLLED锛?WM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER HIGH EFFICIENCY VFM CONTROLLED STEP-UP DC/DC CONVERTER
|
??『绉???′唤?????? Unisonic Technologies Co., Ltd. 友顺科技股份有限公司 UTC[Unisonic Technologies]
|
ADG731BCP-REEL7 ADG731BSU ADG731BSU-REEL ADG731BSU |
16-/32-Channel, Serially Controlled 3.5 Ohm 1.8 V to 5.5 V, ±2.5 V, Analog Multiplexer 32-CHANNEL, SGL ENDED MULTIPLEXER, QCC48 16-/32-Channel, Serially Controlled 4 1.8 V to 5.5 V, 2.5 V, Analog Multiplexers 16-/32-Channel, Serially Controlled 4, 1.8 V to 5.5 V, 2.5 V, Analog Multiplexers 16-/32-Channel, Serially Controlled 4 1.8 V to 5.5 V, 2.5 V, Analog Multiplexers
|
Analog Devices, Inc.
|
XC9101D00AKL XC9101D00AKR XC9101D03AKL XC9101D03AK |
PWM Controlled Step-Up DC/DC Controllers
|
TOREX[Torex Semiconductor]
|
XC6371SERIES TOR015 |
PWM Controlled Step-up DC/DC Converters From old datasheet system
|
Torex
|
HIP5061 HIP5061DS |
7A, High Efficiency Current Mode Controlled PWM Regulator
|
INTERSIL[Intersil Corporation]
|
ADG725 ADG725BCP ADG725BSU ADG731BCP ADG731BSU ADG |
16-/32- Channel, Serially Controlled 4 1.8 V to 5.5 V, .5 V, Analog Multiplexers 16-/32- Channel, Serially Controlled 4 ?1.8 V to 5.5 V, ±2.5 V, Analog Multiplexers 16-/32- Channel, Serially Controlled 4 1.8 V to 5.5 V, 2.5 V, Analog Multiplexers 16-/32- Channel, Serially Controlled 4 з 1.8 V to 5.5 V, 【2.5 V, Analog Multiplexers 16-/32- Channel/ Serially Controlled 4 1.8 V to 5.5 V/ 2.5 V/ Analog Multiplexers Tantalum Conformal-Coated Capacitor; Capacitance: 150uF; Voltage: 4V; Packaging: Tape & Reel 16-/32- Channel, Serially Controlled 4 з 1.8 V to 5.5 V, .5 V, Analog Multiplexers Tantalum Conformal-Coated Capacitor; Capacitance: 220uF; Voltage: 4V; Packaging: Tape & Reel
|
AD[Analog Devices] Analog Devices, Inc.
|
L6751 |
Digitally controlled dual PWM for Intel VR12 and AMD SVI
|
STMicroelectronics
|
L6258E L6258E07 |
PWM controlled high current DMOS universal motor driver
|
STMicroelectronics
|
E-L6258EX E-L6258EXTR |
PWM controlled high current DMOS universal motor driver
|
STMicroelectronics
|