PART |
Description |
Maker |
AD5327ARU-REEL7 AD5307ARU AD5307BRUZ-REEL AD5307BR |
2.5 V to 5.5 V, 400 µA, Quad Rail-To-Rail Output 12-Bit DAC; Package: TSSOP; No of Pins: 16; Temperature Range: Industrial SERIAL INPUT LOADING, 8 us SETTLING TIME, 12-BIT DAC, PDSO16 2.5 V to 5.5 V, 400 µA, Quad Voltage Output 8-Bit DAC in a 16-Lead TSSOP; Package: TSSOP; No of Pins: 16; Temperature Range: Commercial SERIAL INPUT LOADING, 6 us SETTLING TIME, 8-BIT DAC, PDSO16 2.5 V to 5.5 V, 400 muA, Quad Voltage Output 2.5 V to 5.5 V, 400 μA, Quad Voltage Output, 8-/10-/12-Bit DACs in 16-Lead TSSOP 2.5 V to 5.5 V, 400 muA, Quad Voltage Output
|
Analog Devices, Inc.
|
WM2627IDT WM2627 WM2627CDT |
Quad 8-Bit Serial Input Voltage Output DAC
|
WOLFSON[Wolfson Microelectronics plc]
|
AD7808BST AD7808BR AD7808BN AD7805BR |
High Efficiency Step-Down and Inverting DC/DC Converter; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 3.3 V to 5 V Quad/Octal 10-Bit DACs SERIAL INPUT LOADING, 1.5 us SETTLING TIME, 10-BIT DAC, PDSO24 3.3 V to 5 V Quad/Octal 10-Bit DACs SERIAL INPUT LOADING, 1.5 us SETTLING TIME, 10-BIT DAC, PDIP24 +3.3V to +5V Quad/Octal 10-Bit DACs
|
Analog Devices, Inc. ANALOG DEVICES INC
|
MAX514BCWIT |
CMOS Quad, 12-Bit, Serial-Input Multiplying DAC QUAD, SERIAL INPUT LOADING, 0.25 us SETTLING TIME, 12-BIT DAC, PDSO28
|
Maxim Integrated Products, Inc.
|
MAX5500AGAP MAX5500BGAP MAX5501AGAP MAX5501BGAP MA |
Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
|
Maxim Integrated Products
|
WM2614 WM2614IDT WM2614CDT |
QUAD 12-BIT SERIAL INPUT VOLTAGE OUTPUT DAC From old datasheet system
|
WOLFSON[Wolfson Microelectronics plc]
|
MAX514 MAX514ACNG MAX514ACWI MAX514AENG MAX514AEWI |
CMOS Quad, 12-Bit, Serial-Input Multiplying DAC QUAD, SERIAL INPUT LOADING, 0.25 us SETTLING TIME, 12-BIT DAC, PDSO28 CMOS Quad, 12-Bit, Serial-Input Multiplying DAC QUAD, SERIAL INPUT LOADING, 0.25 us SETTLING TIME, 12-BIT DAC, PDIP24
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
AD5754R |
Complete, Quad, 16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DAC
|
Analog Devices
|
AD5724RBREZ-REEL7 AD5734RBREZ-REEL7 AD5754R |
Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
|
Analog Devices
|
|