PART |
Description |
Maker |
AN1442 |
SIGNAL PROCESSING WITH THE ST10-DSP
|
SGS Thomson Microelectronics
|
TC-350-CBG-156A-12.80 TC-350-DBG-256A-12.80 TC-350 |
From old datasheet system Circular Connector; Body Material:Aluminum; Series:PT06; Number of Contacts:12; Connector Shell Size:14; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Circular Contact Gender:Pin; Insert Arrangement:14-12 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Crimp; Body Material:Aluminum; Series:PT06; No. of Contacts:12; Connector Shell Size:14; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Body Style:Straight PTSE 14C 4#16,8#20 PIN PLUG Circular Connector; Body Material:Aluminum; Series:PT06; No. of Contacts:12; Connector Shell Size:14; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Circular Contact Gender:Pin; Insert Arrangement:14-12 Circular Connector; Body Material:Aluminum; Series:PT06; No. of Contacts:12; Connector Shell Size:14; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Circular Contact Gender:Socket; Insert Arrangement:14-12 Circular Connector; Body Material:Aluminum; Series:PT06; Number of Contacts:12; Connector Shell Size:14; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Circular Contact Gender:Socket; Insert Arrangement:14-12 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT08; No. of Contacts:8; Connector Shell Size:16; Connecting Termination:Solder; Circular Shell Style:Right Angle Plug ECONOLINE: RJ & RG - Dual Output from a Single Input Rail - 3kVDC & 4kVDC Isolation - Optional Continuous Short Circuit Protected - Custom Solutions Available - UL94V-0 Package Material - Efficiency to 84% Circular Connector; No. of Contacts:8; Series:; Body Material:Aluminum; Connecting Termination:Solder; Connector Shell Size:16; Circular Contact Gender:Pin; Circular Shell Style:Right Angle Plug; Insert Arrangement:16-8 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Crimp; Body Material:Aluminum; Series:PT06; Number of Contacts:8; Connector Shell Size:12; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Body Style:Straight 超薄TCXO的温度补偿晶体振荡器 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Crimp; Body Material:Aluminum; Series:PT06; No. of Contacts:8; Connector Shell Size:12; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Body Style:Straight 超薄TCXO的温度补偿晶体振荡器 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT08; No. of Contacts:26; Connector Shell Size:16; Connecting Termination:Solder; Circular Shell Style:Right Angle Plug 超薄TCXO的温度补偿晶体振荡器 PT 8C 8#20 SKT PLUG 超薄TCXO的温度补偿晶体振荡器 SISONIC 0-HEIGHT, 3.6V, SMD; Temp, op. min:-40(degree C); Temp, op. max:100(degree C); Pins, No. of:5; Case style:SMD; Termination Type:SMD; Temperature, operating range:-40(degree C) to 100(degree C) RoHS Compliant: Yes 超薄TCXO的温度补偿晶体振荡器 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT08; Number of Contacts:26; Connector Shell Size:16; Connecting Termination:Solder; Circular Shell Style:Right Angle Plug 超薄TCXO的温度补偿晶体振荡器 Low Profile TCXOs Temperature Compensated Crystal Oscillators 超薄TCXO的温度补偿晶体振荡器
|
http:// ETC[ETC] Vectron International, Inc Electronic Theatre Controls, Inc.
|
DH71006 DH71008 DH71010 DH7101053 DH71004 EH71004 |
Circular Connector; Body Material:Aluminum; Series:PT06; Number of Contacts:55; Connector Shell Size:22; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Circular Contact Gender:Socket; Insert Arrangement:22-55 调谐变容二极 6 Pin, DIP, Zero Crossing Triac Detector, VDRM 600V, IFT 15mA Optocoupler 调谐变容二极 RECTIFIER SCHOTTKY SINGLE 5A 50V 175A-Ifsm 0.7Vf 0.5A-IR SMC 3K/REEL 调谐变容二极 TERM BLOCK HDR 5.08MM 11POS PCB 调谐变容二极 TUNING VARACTOR 调谐变容二极 Circular Connector; Body Material:Aluminum; Series:PT07; Number of Contacts:15; Connector Shell Size:14; Connecting Termination:Crimp; Circular Shell Style:Jam Nut Receptacle; Circular Contact Gender:Pin; Insert Arrangement:14-15 调谐变容二极 Circular Connector; Body Material:Aluminum; Series:PT07; No. of Contacts:12; Connector Shell Size:14; Connecting Termination:Crimp; Circular Shell Style:Jam Nut Receptacle; Circular Contact Gender:Socket; Insert Arrangement:14-12 调谐变容二极 Circular Connector; No. of Contacts:12; Series:; Body Material:Aluminum; Connecting Termination:Solder; Connector Shell Size:14; Circular Contact Gender:Pin; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:14-12 调谐变容二极 PTSE 12C 4#16,8#20 SKT RECP 128 x 128 pixel format, LED or EL Backlight available Circular Connector; MIL SPEC:MIL-C-26482, Series I, Crimp; Body Material:Aluminum; Series:PT06; Number of Contacts:10; Connector Shell Size:12; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Body Style:Straight Circular Connector; Body Material:Aluminum; Series:PT07; Number of Contacts:12; Connector Shell Size:14; Connecting Termination:Crimp; Circular Shell Style:Jam Nut Receptacle; Circular Contact Gender:Pin; Insert Arrangement:14-12 PTSE 10C 10#20 PIN PLUG Circular Connector; No. of Contacts:10; Series:; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:12; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:12-10 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Crimp; Body Material:Aluminum; Series:PT06; No. of Contacts:10; Connector Shell Size:12; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Body Style:Straight Circular Connector; Body Material:Aluminum; Series:PT06; No. of Contacts:55; Connector Shell Size:22; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Circular Contact Gender:Socket; Insert Arrangement:22-55
|
List of Unclassifed Man... List of Unclassifed Manufac... Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
464 046406.3 04641.25 04643.15 046401.6 046402.5 0 |
DC-DC Converter; Supply Voltage:48V; Output Voltage:12V; Number of Outputs:1; Power Rating:300W; Mounting Type:PC Board; Efficiency:94%; External Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT01; No. of Contacts:18; Connector Shell Size:14; Connecting Termination:Solder; Circular Shell Style:Cable Receptacle; Body Style:Straight Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT01; No. of Contacts:15; Connector Shell Size:14; Connecting Termination:Solder; Circular Shell Style:Cable Receptacle; Body Style:Straight Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT01; Number of Contacts:18; Connector Shell Size:14; Connecting Termination:Solder; Circular Shell Style:Cable Receptacle Circular Connector; No. of Contacts:4; Series:; Body Material:Aluminum; Connecting Termination:Solder; Connector Shell Size:12; Circular Contact Gender:Socket; Circular Shell Style:Cable Receptacle; Insert Arrangement:12-4 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT01; Number of Contacts:5; Connector Shell Size:14; Connecting Termination:Solder; Circular Shell Style:Cable Receptacle 表面贴装保险超小型表面贴
|
Littelfuse, Inc.
|
285D126X0250G5 285D405X0250G3 285D805X0250G4 285D8 |
Foil Tantalum Replacement, Gelled-Electrolyte Sintered Anode Tantalex, for Operation to 125°C, Hermetically-Sealed TYPE 285D Foil Tantalum Replacement Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; Number of Contacts:3; Connector Shell Size:8; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; No. of Contacts:32; Connector Shell Size:18; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight Circular Connector; Body Material:Aluminum; Series:PT07; No. of Contacts:34; Connector Shell Size:22; Connecting Termination:Solder; Circular Shell Style:Jam Nut Receptacle; Circular Contact Gender:Socket; Insert Arrangement:22-34 Circular Connector; Body Material:Aluminum; Series:PT07; Number of Contacts:36; Connector Shell Size:22; Connecting Termination:Solder; Circular Shell Style:Jam Nut Receptacle; Circular Contact Gender:Pin; Insert Arrangement:22-36 TV 6C 6#20 SKT RECP Circular Connector; Body Material:Aluminum; Series:PT06; No. of Contacts:32; Connector Shell Size:18; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Circular Contact Gender:Pin; Insert Arrangement:18-32 Circular Connector; Body Material:Aluminum; Series:PT07; Number of Contacts:21; Connector Shell Size:22; Connecting Termination:Solder; Circular Shell Style:Jam Nut Receptacle; Circular Contact Gender:Socket Circular Connector; Body Material:Aluminum; Series:PT07; Number of Contacts:32; Connector Shell Size:22; Connecting Termination:Solder; Circular Shell Style:Jam Nut Receptacle; Circular Contact Gender:Pin; Insert Arrangement:22-32 GIGATRUE 550 CAT6 PATCH 100 FT, SNAGLESS, ORANGE Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; Number of Contacts:32; Connector Shell Size:18; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Gender:Male From old datasheet system
|
VISAY[Vishay Siliconix] Vishay Intertechnology,Inc.
|
0267000000 0345500000 0309400000 0318000000 055110 |
Cross-connector / link for modular terminal, Connecting sleeve, No. of poles: 1
|
Weidmuller
|
M24256-A MM24256-AWDL6T MM24256-AWMW5T MM24256-ARM |
256 Kbit Serial I C Bus EEPROM With Two Chip Enable Lines ER 3C 3#8 SKT RECP WALL ECONOLINE: REC3-S_DR/H1 - 3W DIP Package- 1kVDC Isolation- Regulated Output- UL94V-0 Package Material- Continuous Short Circiut Protection- Internal SMD design- 100% Burned In- Efficiency to 75% Circular Connector; No. of Contacts:3; Series:; Body Material:Aluminum Alloy; Connecting Termination:Solder; Connector Shell Size:10SL; Circular Contact Gender:Pin; Circular Shell Style:Wall Mount Receptacle RoHS Compliant: No 61-168624-52S Circular Connector; No. of Contacts:6; Series:MS27497; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:8; Circular Contact Gender:Pin; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:8-35 RoHS Compliant: No Circular Connector; No. of Contacts:13; Series:MS27505; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:11; Circular Contact Gender:Socket; Circular Shell Style:Box Mount Receptacle RoHS Compliant: No Circular Connector; No. of Contacts:13; Series:MS27505; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:11; Circular Contact Gender:Pin; Circular Shell Style:Box Mount Receptacle; Insert Arrangement:11-35 RoHS Compliant: No GT 37C 37#16 PIN PLUG Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GTS; No. of Contacts:35; Connector Shell Size:28; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight 32K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8
|
意法半导 STMICROELECTRONICS
|
MPC8241 XPC8241TZP XPC8241TZP166B XPC8241TXXX XPC8 |
MPC8241 Part Number Specification for the XPC8241TXXnnnx Series Intergrated Processor Hardware Specifications Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT07; No. of Contacts:16; Connector Shell Size:20; Connecting Termination:Solder; Circular Shell Style:Jam Nut Receptacle Circular Connector; Body Material:Aluminum; Series:PT06; No. of Contacts:16; Connector Shell Size:20; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Circular Contact Gender:Pin; Insert Arrangement:20-16 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; Number of Contacts:30; Connector Shell Size:18; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight Circular Connector; Body Material:Aluminum; Series:PT07; Number of Contacts:32; Connector Shell Size:18; Connecting Termination:Solder; Circular Shell Style:Jam Nut Receptacle; Circular Contact Gender:Socket 综合处理器硬件规
|
Freescale (Motorola) FREESCALE[Freescale Semiconductor, Inc] 飞思卡尔半导体(中国)有限公司
|
HZS12NB1 HZS12NB2 HZS12NB4 HZS10NB1 HZS10NB2 HZS11 |
Diodes>Zener SILICON EPITAXIAL PLANAR ZENER DIODE FOR STABILIZED POWER SUPPLY Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT01; No. of Contacts:41; Connector Shell Size:20; Connecting Termination:Solder; Circular Shell Style:Cable Receptacle; Body Style:Straight Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT01; Number of Contacts:41; Connector Shell Size:20; Connecting Termination:Solder; Circular Shell Style:Cable Receptacle Shell Style:Cable Receptacle; Circular Contact Gender:Pin; Insert Arrangement:24-31 Circular Connector; No. of Contacts:2; Series:; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:8; Circular Contact Gender:Socket; Circular Shell Style:Cable Receptacle; Insert Arrangement:8-2 Circular Connector; No. of Contacts:3; Series:; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:8; Circular Contact Gender:Socket; Circular Shell Style:Cable Receptacle; Insert Arrangement:8-3 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Crimp; Body Material:Aluminum; Series:PT01; No. of Contacts:3; Connector Shell Size:8; Connecting Termination:Crimp; Circular Shell Style:Cable Receptacle; Body Style:Straight Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT01; Number of Contacts:3; Connector Shell Size:8; Connecting Termination:Solder; Circular Shell Style:Cable Receptacle; Body Style:Straight Circular Connector; MIL SPEC:MIL-C-26482, Series I, Crimp; Body Material:Aluminum; Series:PT01; Number of Contacts:3; Connector Shell Size:8; Connecting Termination:Crimp; Circular Shell Style:Cable Receptacle; Body Style:Straight Circular Connector; Body Material:Aluminum; Series:PT01; No. of Contacts:32; Connector Shell Size:18; Connecting Termination:Solder; Circular Shell Style:Cable Receptacle; Circular Contact Gender:Pin; Insert Arrangement:18-32 Circular Connector; Body Material:Aluminum; Series:PT01; Number of Contacts:32; Connector Shell Size:18; Connecting Termination:Solder; Circular Shell Style:Cable Receptacle; Circular Contact Gender:Socket; Insert Arrangement:18-32 Circular Connector; Body Material:Aluminum; Series:PT01; Number of Contacts:61; Connector Shell Size:24; Connecting Termination:Solder; Circular Shell Style:Cable Receptacle; Circular Contact Gender:Pin; Insert Arrangement:24-61 Circular Connector; Body Material:Aluminum; Series:PT01; Number of Contacts:61; Connector Shell Size:24; Connecting Termination:Solder; Circular Shell Style:Cable Receptacle; Circular Contact Gender:Socket; Insert Arrangement:24-61 Circular Connector; Body Material:Aluminum; Series:PT01; No. of Contacts:61; Connector Shell Size:24; Connecting Termination:Solder; Circular Shell Style:Cable Receptacle; Circular Contact Gender:Pin; Insert Arrangement:24-61 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT01; Number of Contacts:55; Connector Shell Size:22; Connecting Termination:Solder; Circular Shell Style:Cable Receptacle Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 250 的低电流运算,低反向泄露,低噪声稳压二极 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT01; No. of Contacts:5; Connector Shell Size:14; Connecting Termination:Solder; Circular Shell Style:Cable Receptacle; Body Style:Straight 硅外延平面齐纳二极管稳压电源 Circular Connector; Body Material:Aluminum; Series:PT01; Number of Contacts:41; Connector Shell Size:20; Connecting Termination:Solder; Circular Shell Style:Cable Receptacle; Circular Contact Gender:Socket; Insert Arrangement:20-41 硅外延平面齐纳二极管稳压电源 Niobium Oxide Capacitor; Capacitor Type:Solid; Voltage Rating:6.3VDC; Capacitor Dielectric Material:Niobium Oxide; Capacitance:22uF; Capacitance Tolerance: 20%; ESR:2.6ohm; Leaded Process Compatible:Yes RoHS Compliant: Yes 硅外延平面齐纳二极管稳压电源 DIODE ZENER SINGLE 350mW 18Vz 7mA-Izt 0.05 0.1uA-Ir 14 SOT-23 3K/REEL 硅外延平面齐纳二极管稳压电源 Low Current Operation at 250 锛?ow Reverse Leakage,Low Noise Zener Diode Circular Connector; Body Material:Aluminum; Series:PT01; No. of Contacts:31; Connector Shell Size:24; Connecting Termination:Solder; Circular Shell Style:Cable Receptacle; Circular Contact Gender:Socket; Insert Arrangement:24-31 CAPACITOR, CASE A, 15UF, 6.3V; Application:Solid; Capacitance:15uF; Tolerance, capacitance:20%; Series:NOJ; Voltage, rating:6.3V; Capacitor dielectric type:Niobium Oxide; Case style:A; Depth, external:1.6mm; Length / Height, RoHS Compliant: Yes CAP OXI NIOB 22UF 10V 20% SMD
|
Renesas Technology / Hitachi Semiconductor RENESAS[Renesas Electronics Corporation] http:// Renesas Electronics Corporation. Renesas Electronics, Corp.
|
IR2E46U6 IR2E47U6 IR2E48U6 GM1HD55200A GL5CU44 GL5 |
HIGH-LUMINOSITY LED LAMP 高亮度发光二极管 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT01; No. of Contacts:3; Connector Shell Size:12; Connecting Termination:Solder; Circular Shell Style:Cable Receptacle; Body Style:Straight Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT01; Number of Contacts:18; Connector Shell Size:14; Connecting Termination:Solder; Circular Shell Style:Cable Receptacle Circular Connector; Body Material:Aluminum; Series:PT00; No. of Contacts:24; Connector Shell Size:20; Connecting Termination:Solder; Circular Shell Style:Wall Mount Receptacle; Circular Contact Gender:Pin; Insert Arrangement:20-24 Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:19 x 32; Jacket Color:Orange; Approval Bodies:UL; Approval Categories:UL AWM Style 1180; Passes VW-1 Flame Test; Cable/Wire MIL SPEC:MIL-W-16878/5 Type EE RoHS Compliant: Yes INDU : 1H 10% MAGNETICALLY SHIELDED(WIREBOUND) KK 100 HDR FLAT RTAN 8CKT TIN Circular Connector; Body Material:Aluminum; Series:PT00; No. of Contacts:27; Connector Shell Size:20; Connecting Termination:Solder; Circular Shell Style:Wall Mount Receptacle; Circular Contact Gender:Socket CONNECTOR ACCESSORY Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT00; Number of Contacts:41; Connector Shell Size:20; Connecting Termination:Solder; Circular Shell Style:Wall Mount Receptacle Style:Wall Mount Receptacle; Circular Contact Gender:Socket; Insert Arrangement:22-41
|
http:// Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers List of Unclassifed Man...
|
|