PART |
Description |
Maker |
AS7620 AS762013 AS7620B-BQFT |
650mA, Ul t ra low Ripple Step Down DC/DC Conver ter
|
austriamicrosystems AG
|
AS1322 AS1322A-BTTT AS1322-13 AS1322B-BTTT |
Low Vol tage, Micropower, DC-DC Step-Up Conver ters
|
ams AG
|
ISL6548 ISL6548CRZ ISL6548CRZ-T ISL6548CRZA-T ISL6 |
500-mA Peak Step-Up, Step-Down, Inverting Switching Voltage Regulator 14-SO 0 to 70 ACPI Regulator/Controller for Dual Channel DDR Memory Systems
|
INTERSIL[Intersil Corporation]
|
ISL6548ACRZ-T ISL6548ACRZA ISL6548ACRZA-T ISL6548A |
500-mA Peak Step-Up, Step-Down, Inverting Switching Voltage Regulator 14-PDIP 0 to 70 500-mA Peak Step-Up, Step-Down, Inverting Switching Voltage Regulator 14-SO 0 to 70 ACPI Regulator/Controller for Dual Channel DDR Memory Systems
|
INTERSIL[Intersil Corporation]
|
AAT2505IWP-AO-T1 |
Dual Channel, Step-Down Converter/Linear Regulator
|
Advanced Analogic Technologies, Inc.
|
SC284 |
Dual Channel 2.5MHz, 1.8A Synchronous Step-Down Regulator
|
Semtech Corporation
|
LT3626 LTC3633A-1 LTC3601 LTC3604 |
Dual Channel 3A, 20V Monolithic Synchronous Step-Down Regulator
|
Linear Technology
|
LTC3633EFEPBF LTC3633IFEPBF LTC3633EFETRPBF LTC363 |
Dual Channel 3A, 15V Monolithic Synchronous Step-Down Regulator
|
Linear Technology
|
LTC3633AEUFD-2 |
Dual Channel 3A 20V Monolithic Synchronous Step-Down Regulator Board
|
Linear Technology
|
LT8650S |
Dual Channel 42V, 4A Synchronous Step-Down Silent Switcher with 6.2μA Quiescent Current
|
Linear Technology
|
5962-8687517XX 5962-8687520XX 5962-8687515XX 5962- |
Adjustable, PWM, Step-Down Regulator Improved MX7524 3.3V, Step-Down, Current-Mode PWM DC-DC Converters 12V/15V or Adjustable, High-Efficiency, Low-IQ, Step-Up DC-DC Converters Evaluation Kit for the MAX761 High-Efficiency, PWM, Step-Down Controller (External P-Channel Driver) 5V-Output, Step-Up, Current-Mode PWM DC-DC Converter Evaluation Kit for the MAX747 Digitally Adjustable LCD Bias Supply -12V, Inverting, PWM, Current-Mode DC-DC Converter Bidirectional Video Filters/Buffers for Composite and S-Video Portable Media Devices CCFL Backlight and LCD Negative Contrast Controller Evaluation Kit for the MAX752 3.3V/5V/Adjustable-Output, Step-Up DC-DC Converters x8双端口SRAM x8 Dual-Port SRAM x8双端口SRAM
|
Kingbright, Corp. Mini-Circuits
|
AN8018 |
1.8-volt 2-channel step-up, step-down, or inverting DC-DC converter control IC
|
Panasonic Semiconductor
|