Part Number Hot Search : 
3F624 EP2645 1N4756 EP3624 BD548 X205SF0 A52A1 SC470
Product Description
Full Text Search

20-352000-10 - PLCC-to-DIP Adapter

20-352000-10_2312122.PDF Datasheet


 Full text search : PLCC-to-DIP Adapter


 Related Part Number
PART Description Maker
20-353000-10 28-353000-10 PLCC-to-DIP Adapter
Aries Electronics, Inc.
28-653000-11-RC 32-653000-11-RC 44-653000-11-RC 68 RoHs/WEEE-Compliant PLCC-to-DIP Adapter
Aries Electronics, Inc.
CA-PLCC32-Z-J-T-01 Carrier Adapter 32 position PLCC ZIF socket with test probes to surface mountable PLCC emulator foot.
Ironwood Electronics.
18101RC MM58274CV    National MM58274CV 20-Pin PLCC-to-16-Pin DIP Pkg Converter
A cost-effective means of upgrading to a PLCC package type Clock Chip without changing your PCB layout
Aries Electronics, Inc.
CA-PLCC20-Z-M-T-01 Carrier Adapter 20 Position PLCC ZIF Socket with test points to mini-grid array interface. Pin mapping is 1:1.
Ironwood Electronics.
CA-PLCC32-Z-M-T-01 Carrier Adapter 32 Position PLCC ZIF Socket with test points to mini-grid array interface. Pin mapping is 1:1.
Ironwood Electronics.
48-6645-18-P 48-Pin 0.5mm QFP-to-48-Pin 0.600" DIP Adapter
48-Pin 0.5mm QFP-to-48-Pin 0.600 DIP Adapter
QFP48-DIP48, IC SOCKET
Aries Electronics, Inc.
ARIES ELECTRONICS INC
44-305263-20-P 44-Pin 0.8mm QFP-to-44-Pin PLCC Adapter
Aries Electronics, Inc.
AM29LV800BT-80DTC2 AM29LV800BT-80DGI2 AM29LV800BT- 25NS,OTP CERDIP,883C; LEV B FULLY CMPLNT(EPLD)
20NS, OTP, PLCC, COM TEMP(EPLD)
20NS, SOIC, IND TEMP(EPLD)
25NS, SOIC, COM TEMP(EPLD)
20NS,OTP LCC,883C; LEVEL B FULLY CMPLNT(EPLD)
10MHZ, 8 DIP, COM TEMP(FPGA)
10MHZ, 20 PLCC, IND TEMP(FPGA)
10MHZ, 32 TQFP, COM TEMP(FPGA)
10MHZ, 44 PLCC, COM TEMP(FPGA)
30MHZ, 3.3V, 20 PLCC, COM TEMP(FPGA)
8 TSSOP,PB/HALO FREE,IND,1.8V(SERIAL EE)
DIE SALE, 1.8V, 11 MIL(SERIAL EE)
8 PDIP,PB/HALO FREE,IND TEMP,1.8V(SERIAL EE)
65K CONFIG MEM, 20 PLCC, IND TEMP(FPGA)
10MHZ, 20 SOIC, IND TEMP(FPGA)
128K CONFIG MEM, 20 PLCC, COM(FPGA)
EEPROM EEPROM
10MHZ, 8 NSOIC, COM TEMP(FPGA) EEPROM
512K X 16 FLASH 3V PROM, 120 ns, UUC44
10MHZ, 8 LAP, 5K MOQ(FPGA)
10MHZ, 8 N-SOIC, COM TEMP(FPGA)
10MHZ, 20 PLCC, COM TEMP(FPGA)
512K X 16 FLASH 3V PROM, 80 ns, UUC44
ADVANCED MICRO DEVICES INC
24-651000-10 24-651000-10-P 36-Pin SSOP-to-0.6 DIP Adapter
Aries Electronics, Inc.
28-350002-11-P 16-354000-21-RC 24-354000-21-RC 20- SOIC and SOJ-to-DIP Adapter
Aries Electronics, Inc.
AK18SOIC-D300 AK18SOIC-D300S AK14SOIC-D300 AK14SOI DIP to SOIC Adapter Modules
ACCUTEK MICROCIRCUIT CORPORATION
ACCUTEK MICROCIRCUIT CORPOR...
ACCUTEK MICROCIRCUIT CO...
 
 Related keyword From Full Text Search System
20-352000-10 motorola 20-352000-10 reference 20-352000-10 regulation 20-352000-10 application 20-352000-10 terminal
20-352000-10 regulator 20-352000-10 microsemi 20-352000-10 Control 20-352000-10 Product 20-352000-10 Device
 

 

Price & Availability of 20-352000-10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
3.5805900096893