PART |
Description |
Maker |
16297 16297-A |
Slim Power Relay, 1 Form A, 6A 250VAC, Silver Alloy Contact HTSNK, B X-FLOW, .4H LOW FLOW, THREADED HTSNK B X-FLOW .4H LOW FLOW THREADED
|
VICOR[Vicor Corporation]
|
17572 17572-G |
HTSNK. B X-FLOW. .9H LOW FLOW. THRU HOLE HTSNKB型X流0.9 低流量。通孔
|
Vicor, Corp. VICOR[Vicor Corporation]
|
T6THSHD121EEA T6THSHD241EEA T6SHSLD121EEA T6THSLD1 |
High flow, compact diaphragm pumps
|
Sensortechnics GmbH
|
T6SHSHD121EEA T6SHSHD241EEA T6THSLD121EEA T2-06 |
High flow, compact diaphragm pumps
|
Sensortechnics GmbH http://
|
IDTQS3VH16861PA IDTQS3VH16861PAG IDTQS3VH16861PV I |
2.5V/3.3V 20-Bit Flow-Through Pin Out, High Bandwidth Bus Switch
|
IDT Integrated Device Technology
|
MAX9178 MAX9178ETE MAX9178EUE |
Quad LVDS Line Driver with High-ESD Tolerance and Flow-Through Pinout
|
MAXIM[Maxim Integrated Products]
|
GS881Z18BD-133 GS881Z18BD-133I GS881Z18BD-150 GS88 |
133MHz 8.5ns 512K x 18 9Mb pupelined and flow through sync NBT SRAM 150MHz 7.5ns 512K x 18 9Mb pupelined and flow through sync NBT SRAM 166MHz 7ns 512K x 18 9Mb pupelined and flow through sync NBT SRAM 200MHz 6.5ns 512K x 18 9Mb pupelined and flow through sync NBT SRAM 225MHz 6ns 512K x 18 9Mb pupelined and flow through sync NBT SRAM 250MHz 5.5ns 512K x 18 9Mb pupelined and flow through sync NBT SRAM
|
GSI Technology
|
A63L73321E-12 A63L73321 |
128K X 32 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
|
AMICC[AMIC Technology]
|
15987-8 15987 |
HTSNK C X-FLOW. .911 LOW FLOW. THREADED HTSNK, C X-FLOW. .911 LOW FLOW. THREADED
|
VICOR[Vicor Corporation]
|
18068 18068-6 |
HTSNK A X-FLOW .4H LOW FLOW THRU HOLE HTSNK, A X-FLOW, .4H LOW FLOW, THRU HOLE
|
VICOR[Vicor Corporation]
|
MT55L128L32P1 MT55L256V18P1 MT55L256L18P1 MT55L128 |
3.3V I/O28K x 32,Flow-Through ZBT SRAM(3.3V输入/输出,4Mb流通式同步静态存储器) 2.5V I/O56K x 18,Flow-Through ZBT SRAM(2.5V输入/输出,4Mb流通式同步静态存储器) 3.3V I/O56K x 18,Flow-Through ZBT SRAM(3.3V输入/输出,4Mb流通式同步静态存储器) 3.3V的I / O56 × 18,流量通过ZBT SRAM的电压(3.3V输入/输出Mb的流通式同步静态存储器 3.3V I/O28K x 36,Flow-Through ZBT SRAM(3.3V或输输出,4Mb流通式同步静态存储器) 3.3V的I / O28K的36,流量通过ZBT SRAM的电压(3.3V或输输出Mb的流通式同步静态存储器 2.5V I/O28K x 32,Flow-Through ZBT SRAM(2.5V输入/输出,4Mb流通式同步静态存储器) 2.5VI / O28K的32,流量通过ZBT SRAM的电压(2.5V输入/输出Mb的流通式同步静态存储器
|
Micron Technology, Inc.
|