PART |
Description |
Maker |
NC7SZ175P6 NC7SZ175P6X NC7SZ175 NC7SZ175L6X |
TinyLogic UHS D-Type Flip-Flop LVC/LCX/Z SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, TRUE OUTPUT, DSO6 TinyLogic UHS D-Type Flip-Flop TinyLogic UHS D-Type Flip-Flop
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74VHCT74A 74VHCT74AM 74VHCT74ASJ 74VHCT74 74VHCT74 |
Octal D-type Edge-Triggered Flip-Flops With 3-State Outputs 20-SOIC -40 to 85 AHCT/VHCT SERIES, DUAL POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, PDIP14 Dual D-Type Flip-Flop with Preset and Clear AHCT/VHCT/VT SERIES, DUAL POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, PDSO14
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
HCTS74KTR HCTS74T HCTS74DTR |
DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS 20-LCCC -55 to 125 Radiation Hardened Dual-D Flip-Flop with
Set and Reset(抗辐射双D触发器(带置位、复位)) Radiation Hardened Dual-D Flip-Flop with Set and Reset HCT SERIES, DUAL POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, CDIP14
|
Intersil Corporation
|
MC74HCT273ADW MC74HCT273ADWR2 MC74HCT273AN HCT273 |
LAMINATED LABEL, 3/4-INCH BLK/YEL RoHS Compliant: Yes HCT SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, TRUE OUTPUT, PDSO20 Octal D Flip-Flop with Common Clock and Reset with LSTTL-Compatible Inputs Octal D-Type Flip-Flop
|
ONSEMI[ON Semiconductor]
|
MC100ELT23 MC100EL12DTR2 MC10H131FNR2 MC100H640FNR |
5V Dual Differential PECL to TTL Translator 5V ECL Low Impedance Driver Dual Type D Master-Slave Flip-Flop ECL/TTL Clock Driver 3.3V / 5V ECL Quad D Flip Flop with Set, Reset, and Differential Clock 3.3V / 5V ECL ÷4 Divider Quad 2-Input NOR Gate 3.3V ECL Dual Differential Data and Clock D-Type Flip-Flop with Set and Reset 3.3V / 5V Hex Differential Line Receiver / Driver 3.3V / 5V Triple ECL Input to LVPECL/PECL Output Translator
|
ON Semiconductor
|
HEC4027BT-T HEC4027BT112 HEC4027BT118 |
Dual JK flip-flop 4000/14000/40000 SERIES, DUAL POSITIVE EDGE TRIGGERED J-K FLIP-FLOP, COMPLEMENTARY OUTPUT, PDSO16 Dual JK flip-flop; Package: SOT109-1 (SO16); Container: Tube 4000/14000/40000 SERIES, DUAL POSITIVE EDGE TRIGGERED J-K FLIP-FLOP, COMPLEMENTARY OUTPUT, PDSO16 Dual JK flip-flop; Package: SOT109-1 (SO16); Container: Reel Pack, SMD, 13"
|
NXP Semiconductors N.V.
|
MM74HC273WM MM74HC273_05 MM74HC273 MM74HC273MTC MM |
Octal D-Type Flip-Flop with Clear; Package: SOP; No of Pins: 20; Container: Tape & Reel HC/UH SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, TRUE OUTPUT, PDSO20 Octal D-Type Flip-Flops with Clear
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
PI74STX1G79TX PI74STX1G79 PI74STX1G79CX |
FLIP-FLOP|SINGLE|D TYPE|CMOS|TSSOP|6PIN|PLASTIC 触发器|单| D型|的CMOS | TSSOP封装| 6针|塑料 SOTiny Gate STX Single Positive-Edge-Triggered D-Type Flip-Flop
|
Pericom Semiconductor, Corp. PERICOM[Pericom Semiconductor Corporation]
|
MC74HC374A-D MC74HC374ADW MC74HC374ADWR2 MC74HC374 |
Octal 3-State Non-Inverting D Flip-Flop High-Performance Silicon-Gate CMOS Octal 3-State Noninverting D Flip-Flop Octal D-Type Flip-Flop
|
ON Semiconductor Motorola
|
SY100E131JYTR SY100E131JY SY10E131_06 SY100E131 SY |
4-BIT D FLIP-FLOP 4-BIT D FLIP-FLOP 10E SERIES, DUAL POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, PQCC28
|
MICREL[Micrel Semiconductor] Micrel Semiconductor, Inc.
|
74LVTH374 74LVT374 74LVT374WMX 74LVTH374WMX 74LVTH |
Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs From old datasheet system Octal D-Type Flip-Flop 八路D类触发器
|
Fairchild Semiconductor, Corp.
|
74VHC273MTC 74VHC273N 74VHC273SJ 74VHC273 74VHC273 |
Octal D-Type Flip-Flop AHC/VHC SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, TRUE OUTPUT, PDSO20
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|