PART |
Description |
Maker |
PUMA68F64006IB-90 PUMA68F64006AIB-90 PUMA68F64006I |
2NS, 208 PQFP, IND TEMP(FPGA) 30K GATE, 4NS, 132 BQFP, IND TEMP(FPGA) .NS, 144 TQFP, COM TEMP(FPGA) 15K GATE, 2NS, 100 VQFP, COM TEMP(FPGA) 2NS, 208 PQFP, COM TEMP(FPGA) EEPROM 15K GATE, 4NS, 100 VQFP, COM TEMP(FPGA) EEPROM
|
Cirrus Logic, Inc. ON Semiconductor
|
EPM240ZM68C7N EPM1270T144C3N EPM570T144C5 EPM570T1 |
FLASH PLD, PBGA68 LEAD FREE, MICRO, FBGA-68 FLASH PLD, PQFP144 22 X 22 MM, 0.50 MM PITCH, LEAD FREE, TQFP-144 FLASH PLD, PQFP144 22 X 22 MM, 0.50 MM PITCH, TQFP-144 The MAX II family of instant-on, non-volatile CPLDs is based on a 0.18-m, FLASH PLD, PBGA324
|
Altera, Corp. Altera International Limited Altera Corporation
|
YTM401F |
MAX II CPLD 570 LE 144-TQFP
|
|
LC4032ZE-4TN48C LC4032ZE-7TN48I LC4128ZE-5MN144C |
EE PLD, 4.4 ns, PQFP48 LEAD FREE, TQFP-48 EE PLD, 7.5 ns, PQFP48 LEAD FREE, TQFP-48 EE PLD, 5.8 ns, PBGA144 0.5 MM PITCH, LEAD FREE, CSBGA-144
|
Lattice Semiconductor, Corp.
|
PIC32MZ2048ECH144 PIC32MZ2048EFH144 |
PIC32MZ EC and PIC32MZ EF Bluetooth? Audio 144-pin to 100-pin TQFP Plug-In Module
|
Microchip Technology
|
A3P015-QN68IQN68 A3P015-2QNG68IQN68 A3P015-1QNG68I |
FPGA, 15000 GATES, QCC68 0.50 MM PITCH, QFN-68 FPGA, 15000 GATES, QCC68 0.50 MM PITCH, GREEN, QFN-68 FPGA, 125000 GATES, PQFP100 0.50 MM PITCH, GREEN, VQFP-100 FPGA, 1000000 GATES, PBGA144 1 MM PITCH, GREEN, FBGA-144 FPGA, 125000 GATES, PQFP100 0.50 MM PITCH, VQFP-100 FPGA, 125000 GATES, PQFP144 0.50 MM PITCH, TQFP-144 FPGA, 125000 GATES, PQFP144 0.50 MM PITCH, GREEN, TQFP-144 FPGA, 1000000 GATES, PBGA256 1 MM PITCH, GREEN, FBGA-256 FPGA, 250000 GATES, PQFP100 0.50 MM PITCH, VQFP-100 FPGA, 250000 GATES, PQFP100 0.50 MM PITCH, GREEN, VQFP-100 FPGA, 250000 GATES, PQFP208
|
Panduit, Corp. L-com, Inc.
|
VSC3144 |
6.5 Gbps 144 144 Asynchronous Crosspoint Switch
|
Vitesse Semiconductor Corporation.
|
EL5185CS-T13 EL5185CS-T7 EL5185C EL5185CS |
4ns High-Speed Comparator
|
ELANTEC[Elantec Semiconductor]
|
BC213A BC214B BC214A BC213C BC158B BC158A BC147B B |
Programmable Logic IC; Logic Type:Programmable; No. of Macrocells:102; Package/Case:144-TQFP; Number of Circuits:1728; Mounting Type:surface mount Programmable Logic IC; Logic Type:Programmable; No. of Macrocells:147; Package/Case:208-PQFP; Leaded Process Compatible:No; Number of Circuits:1728 Programmable Logic IC; Logic Type:Programmable; No. of Macrocells:176; Package/Case:256-FBGA; Leaded Process Compatible:No; Number of Circuits:1728 Programmable Logic IC; Logic Type:Programmable; No. of Macrocells:102; Package/Case:144-TQFP; Leaded Process Compatible:No; Number of Circuits:576 ; Temperature, operating range:-40(degree C) to (degree C); Base number:16; IC Generic RoHS Compliant: Yes ; Temperature, operating range:-40(degree C) to (degree C); Base number:1; IC Generic RoHS Compliant: Yes FPGA, FLEX 10K, 10K GATES, PQFP208; Logic IC family:FPGA; Logic IC Base Number:10; Logic IC function:EPF10K10; Voltage, supply:5.0V; Case style:PQFP MAX 3000A CPLD 128 MC 100-TQFP MAX 7000 CPLD 128 MC 100-PQFP Stratix II GX FPGA 60K FPGA-780 晶体管|晶体管|进步党| 20V的五(巴西)总裁| 100mA的我(丙 Stratix II FPGA 60K FBGA-672 晶体管|晶体管|叩| 45V的五(巴西)总裁| 100mA的我(丙 SERIAL CONFIG MEMORY, 16M, SOIC16; Memory type:FLASH; Memory size:16MB; Temp, op. min:-40(degree C); Temp, op. max:85(degree C); Case style:SOIC; Temperature, operating range:-40(degree C) to (degree C); Base number:16; IC Generic RoHS Compliant: Yes
|
Golledge Electronics, Ltd. STMicroelectronics N.V.
|
EL5287 EL5287CY EL5287CY-T13 |
Window 4ns High-Speed Comparator
|
Intersil Corporation
|
ST20-JPIUK ST20-JPI ST20-JPI110 ST20-JPI220 ST20-J |
MAX 7000 CPLD 512 MC 144-TQFP 计算机并行端口JTAG接口 PC PARALLEL PORT TO JTAG INTERFACE 计算机并行端口JTAG接口 CYCLONE III FPGA 119K 780FBGA MAX 7000 CPLD 256 MC 208-RQFP PC PARALLEL PORT TO JTAG INTERFACE
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics SGS Thomson Microelectronics
|
EL5285C EL5285CS EL5285CS-T13 EL5285CS-T7 |
Dual and Window 4ns High-Speed Comparators
|
Elantec Semiconductor
|
|