PART |
Description |
Maker |
P6AU-2415E P6AU-0505 P6AU-0505E P6AU-0512E P6AU-05 |
Input voltage:5V, output voltage 3.3V (300mA), 1KV isolated 1W unregulated single output Input voltage:5V, output voltage 15V (70mA), 1KV isolated 1W unregulated single output Input voltage:5V, output voltage 7.2V (140mA), 1KV isolated 1W unregulated single output 1KV ISOLATED 1W UNREGULATED SINGLE OUTPUT SIP4 1KV交隔W的未稳压单输出学校改善工 Input voltage:5V, output voltage 12V (100mA), 1KV isolated 1W unregulated single output
|
PEAK[PEAK electronics GmbH] Electronic Theatre Controls, Inc.
|
ISL84515IB ISL84515 ISL84515IB-T ISL84515IH-T ISL8 |
512 x 36 synchronous FIFO memory 120-HLQFP 0 to 70 低电压,单电源,聚苯乙烯,模拟开 SINGLEMODE FIBER PATCH CABLE, PLENUM ST-LC 10M Low-Voltage, Single Supply, SPST, Analog Switches Low-Voltage/ Single Supply/ SPST/ Analog Switches Low-Voltage Single Supply SPST Analog Switches Analog Switch, SPST, Single, NOpen, Ron = 20 @ 3.3V, 12 @ 5V and 8 @ 12V, Ron Flatness Max 3 Single Supply, 2.4V to 12V Analog Switch, SPST, Single, NClosed, Ron = 20 @ 3.3V, 12 @ 5V and 8 @ 12V, Ron Flatness Max 3 Single Supply, 2.4V to 12V
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
P8SG-053R6ZH52M P8SG-0505ZH52M P8SG-247R2ZH52M |
Input voltage:5V, output voltage /-3.6V ( /-200mA), 5.2KV isolated 1.5W regulated single output Input voltage:5V, output voltage /-5V ( /-150mA), 5.2KV isolated 1.5W regulated single output Input voltage:24V, output voltage /-7.2V ( /-100mA), 5.2KV isolated 1.5W regulated single output
|
PEAK electronics
|
TXS100ZA TXS100ZB TXS100ZY TXS80ZD TXS75ZA TXS75ZB |
Input voltage range 36ˇ75V DC Single 80ˇ100A output 1500V DC I/O electrical strength test voltage Input voltage range 3675V DC Single 80100A output 1500V DC I/O electrical strength test voltage
|
POWER-ONE[Power-One]
|
UM3150F UM3150H |
LOW VOLTAGE SINGLE BUS BUFFER (3-STATE) Single 2-input Schmitt NAND gate
|
|
P8SG-XXXXEH30M P8SG-0505EH30M P8SG-1205EH30M P8SG- |
Input voltage:24V, output voltage 7.2V (200mA), 3KV isolated 1.5W regulated single output 3 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT DIP24 3千伏隔震1.5糯稳压单输出DIP24
|
PEAK[PEAK electronics GmbH]
|
MAX16132 |
Low-Voltage, Precision, Single/Dual/Triple/Quad-Voltage μP Supervisors
|
Maxim Integrated Produc...
|
ISL84525IU ISL84524IU ISL84524 ISL84525 |
Analog Switch, DPDT, Low-Voltage, Ron = 92 @ 5V, Single Supply 2V to 12V, with inhibit Multiplexer, Demultiplexer, 4 Channel, Low-Voltage, Ron = 92 @ 5V, Single Supply 2V to 12V, With Inhibit Low-Voltage Single Supply 4 to 1 Multiplexer and DPDT Analog Switches Low-Voltage, Single Supply, 4 to 1 Multiplexer and DPDT Analog Switches
|
INTERSIL[Intersil Corporation]
|
MC13110AFB MC13110AFTA MC13110BFB MC13110BFTA MC13 |
CONVERTER, DC/DC, 1O/P, 5W, 3.3V; Power rating:5W; DC/DC Converter O/P type:Single; Voltage, input max:36V; Voltage, input min:9V; Voltage, output UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
|
Motorola, Inc.
|
MAX673009 MAX6732UTD-T MAX6734KAD-T MAX6730 MAX673 |
3-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO8 Single-/Dual-/Triple-Voltage μP Supervisory Circuits with Independent Watchdog Output Single-/Dual-/Triple-Voltage 渭P Supervisory Circuits with Independent Watchdog Output Single-/Dual-/Triple-Voltage 楼矛P Supervisory Circuits with Independent Watchdog Output
|
MAXIM INTEGRATED PRODUCTS INC
|
675-100 677-25K 653-25K 676-25K 652-25K 654-25K 65 |
Precision, 5V Voltage Reference, Replaced MAX673 Dual, Ultra-Low-Voltage SOT23 µP Supervisors with Manual Reset and Watchdog Timer Analog IC 模拟IC Low-Power, Single/Dual-Voltage Window Detectors 低功耗、单/双电压窗检测器
|
Microchip Technology, Inc. EAO International
|