PART |
Description |
Maker |
LH28F160BJHE-TTL90 LHF16J04 |
16M-BIT ( 1Mbit x16 / 2Mbit x8 )Boot Block Flash MEMORY(16M 1Mx16 / 2Mx8 )Boot Block 闪速存储器) Flash Memory 16M (1M × 16/2M × 8)
|
Sharp Corporation Sharp Electrionic Components
|
K8D1716UBB-YI07 K8D1716UBB-YI08 K8D1716UBB-YI09 K8 |
16M Bit (2M x8/1M x16) Dual Bank NOR Flash Memory 1,600位(200万x8/1M x16)的双银行NOR闪存
|
SAMSUNG SEMICONDUCTOR CO. LTD. Samsung Semiconductor Co., Ltd.
|
MB84VD21094 MB84VD21094-85-PBS MB84VD21094-85-PTS |
16M (x8/x16) FLASH MEMORY & 2M (x8/x16) STATIC RAM
|
FUJITSU[Fujitsu Media Devices Limited]
|
MX28F160C3TXAC-11G MX28F160C3BXAC-11 MX28F160C3BXA |
16M-BIT [1M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 1M X 16 FLASH 3V PROM, 90 ns, PDSO48 16M-BIT [1M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 1M X 16 FLASH 3V PROM, 70 ns, PDSO48 16M-BIT [1M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 1M X 16 FLASH 3V PROM, 70 ns, PBGA48 16M-BIT [1M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 1M X 16 FLASH 3V PROM, 110 ns, PBGA48
|
Macronix International Co., Ltd. PROM MACRONIX INTERNATIONAL CO LTD
|
MB84VD22193EC MB84VD22193EC-90 MB84VD22193EC-90-PB |
32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM 32M的(x 8/x16)闪 32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM SPECIALTY MEMORY CIRCUIT, PBGA73 Trimmer; Series:3262; Track Resistance:5kohm; Resistance Tolerance: 10%; Power Rating:0.25W; Operating Temperature Range:-65 C to C; Resistor Element Material:Cermet; Temperature Coefficient:100 ppm; Adjustment Type:Top RoHS Compliant: Yes CONN, M HEADER ST 1X2 .230 32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM
|
FUJITSU LTD Fujitsu, Ltd. Fujitsu Limited Fujitsu Component Limited.
|
LH28F160BHE-TTL90 |
16M (x8/x16) Flash Memory
|
Sharp Corporation
|
MX69F162 MX69F164C3BTXBI-90 MX69F162C3BB MX69F162C |
16M-BIT [X16] FLASH AND 2M-BIT/4M-BIT [X16] SRAM MIXED MULTI CHIP PACKAGE MEMORY
|
MXIC MCNIX[Macronix International]
|
MBM29DL16XBD-90 MBM29DL16XTD-70 MBM29DL16XTD-90 MB |
FLASH MEMORY 16M (2M x 8/1M x 16) BIT Dual Operation Flash memory CMOS 16M (2M x 8/1M x16) bit dual operation
|
Fujitsu Microelectronics
|
MB84VD22181FM-70PBS MB84VD22191FM-70PBS |
32M (X16) FLASH MEMORY & 4M (X16) STATIC RAM 32M (X16) FLASH MEMORY & 4M (X16) STATIC RAM 32M的(x16)的快闪记忆
|
Spansion Inc. Spansion, Inc.
|
M36W832TE70ZA1T M36W832TE85ZA1T M36W832TE-ZAT M36W |
SPECIALTY MEMORY CIRCUIT, PBGA66 32 Mbit 2Mb x16, Boot Block Flash Memory and 8 Mbit 512Kb x16 SRAM, Multiple Memory Product
|
SGS Thomson Microelectronics NUMONYX 意法半导 ST Microelectronics
|
M76DW52004TA M76DW52004TA70Z M76DW52004TA70ZT |
32Mbit (4Mb x8/ 2Mb x16, Dual Bank, Boot Block) Flash Memory and 4Mbit (256Kb x16) SRAM, Multiple Memory Product
|
ST Microelectronics
|