PART |
Description |
Maker |
MAX1680/MAX1681 |
125mA Frequency-Selectable Switched-Capacitor Voltage Converte
|
Maxim Integrated Products, Inc.
|
FCPL-70 |
SELECTABLE FREQUENCY SYNTHESIZER
|
SYNERGY MICROWAVE CORPORATION
|
MAX3673 MAX3673ETN |
Low-Jitter Frequency Synthesizer with Selectable Input Reference
|
Maxim Integrated Products
|
RCV7050P |
SMD Selectable Frequency Voltage Controlled Crystal Oscillator
|
TEMEX
|
MT9041 |
Single reference frequency selectable Digital PLL with multiple clock outputs for T1/E1 trunk and backplane synchronization
|
Zarlink Semiconductor
|
ACI-E096250-1884 |
I-DRIVE, 24 WATT LED DRIVER (Dual Channel 96V, 0-125mA)
|
Applied Concepts Inc.
|
CDSFR4448 |
Small Signal Switching Diodes, V-RRM=100V, V-R=80V, P-D=350mW, I-F=125mA
|
Comchip Technology
|
MAX821-MAX822 MAX822LUS-T MAX822MUS-T MAX822RUS-T |
4-Pin レP Voltage Monitors with Pin-Selectable Power-On Reset Timeout Delay 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 SCR Thyristor; Thyristor Type:Standard Gate; Peak Repetitive Off-State Voltage, Vdrm:400V; On State RMS Current, IT(rms):16A; Peak Non Repetitive Surge Current, Itsm:200A; Gate Trigger Current Max, Igt:25mA RoHS Compliant: Yes 4-PIN ヌP VOLTAGE MONITORS WITH PIN-SELECTABLE POWER-ON RESET TIMEOUT DELAY 4-Pin P Voltage Monitors with Pin-Selectable Power-On Reset Timeout Delay 4-Pin ?? Voltage Monitors with Pin-Selectable Power-On Reset Timeout Delay 4-Pin μP Voltage Monitors with Pin-Selectable Power-On Reset Timeout Delay Microprocessor Voltage Monitors with Programmable Voltage Detection
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX8630YETD15_T MAX8630Y MAX8630YETD15T MAX8630ZET |
125mA 1x/1.5x Charge Pumps for 5 White LEDs in 3mm x 3mm TDFN
|
MAXIM INTEGRATED PRODUCTS INC MAXIM[Maxim Integrated Products]
|
HA3-2444-5 HA9P2444-5 HA-2444 |
50MHz, Selectable, Four Channel Video Operational Amplifier 50MHz的,可选,四通道视频运算放大 50 MHz, Selectable, Four Channel Video Operational Amplifier 50MHz/ Selectable/ Four Channel Video Operational Amplifier
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
LT1991 LT1991HMS-PBF LT1991HMS-TRPBF LT1991IDD-PBF |
Precision, 100µA Gain Selectable Amplifier; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 85°C OP-AMP, 250 uV OFFSET-MAX, 0.56 MHz BAND WIDTH, PDSO10 Precision, 100µA Gain Selectable Amplifier; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 85°C OP-AMP, 200 uV OFFSET-MAX, 0.56 MHz BAND WIDTH, PDSO10 Precision, 100µA Gain Selectable Amplifier; Package: MSOP; No of Pins: 10; Temperature Range: -40° to 125°C OP-AMP, 160 uV OFFSET-MAX, 0.56 MHz BAND WIDTH, PDSO10 Precision, 100μA Gain Selectable Amplifi er Precision, 100渭A Gain Selectable Amplifi er Precision, 100楼矛A Gain Selectable Amplifi er
|
Linear Technology, Corp. http://
|