PART |
Description |
Maker |
BL-L333PGC BL-L333VC BL-L333SRC BL-L333UYC BL-L333 |
Cylindrical, Inverted Cone LED lamp
|
BetLux Electronics
|
SEL2513E SEL2613CS-S SEL2013 SEL2413G |
3phi Inverted-cone LED for surface illumination
|
Sanken Electric Co.,Ltd.
|
SEL2713K SEL2013 SEL2413E SEL2413G SEL2613CS-S SEL |
3phi Inverted-cone LED for surface illumination
|
SANKEN[Sanken electric]
|
GB-483 GB-483HR3C GB-483UR1C GB-483VGC GB-483VGT G |
Cylindrical Type Inverted Cone LED Lamps (3mm)
|
Lucky Light Electronic
|
GL5HD47 GL5HS47 GL5EG47 GL5HY47 |
mm(T-1 3/4), Inverted Cone Type, Colored Transparency LED Lamps for Backlight
|
SHARP
|
S3901-FX |
MOSFET, Switching; VDSS (V): 400; ID (A): 15; Pch : 100; RDS (ON) typ. (ohm) @10V: 0.34; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 1100; toff (µs) typ: 0.077; Package: LDPAK (S)- (1)
|
Hamamatsu Photonics
|
S7978 |
MOSFET, Switching; VDSS (V): -60; ID (A): -40; Pch : 50; RDS (ON) typ. (ohm) @10V: 0.02; RDS (ON) typ. (ohm) @4V[4.5V]: 0.033; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: -; toff (µs) typ: 25; Package: LDPAK (S)- (1)
|
Hamamatsu Photonics
|
UPSD3433E-40T6 UPSD3453E-40U6T UPSD3453E-40T6T UPS |
MOSFET, Switching; VDSS (V): 40; ID (A): 40; Pch : 25; RDS (ON) typ. (ohm) @10V: 0.0038; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 2280; toff (µs) typ: 0.041; Package: LFPAK MOSFET, Switching; VDSS (V): 30; ID (A): 60; Pch : 30; RDS (ON) typ. (ohm) @10V: 0.0025; RDS (ON) typ. (ohm) @4V[4.5V]: [0.003]; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 7600; toff (µs) typ: 0.065; Package: LFPAK MOSFET, Switching; VDSS (V): 20; ID (A): 60; Pch : 30; RDS (ON) typ. (ohm) @10V: 0.0021; RDS (ON) typ. (ohm) @4V[4.5V]: [0.0028]; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 7750; toff (µs) typ: 0.065; Package: LFPAK MOSFET, Switching; VDSS (V): 450; ID (A): 0.7; Pch : -; RDS (ON) typ. (ohm) @10V: 5.5; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 140; toff (µs) typ: -; Package: SOP-8 MOSFET, Switching; VDSS (V): 12; ID (A): 3.5; Pch : 0.9; RDS (ON) typ. (ohm) @10V: -; RDS (ON) typ. (ohm) @4V[4.5V]: [0.026]; RDS (ON) typ. (ohm) @2.5V: 0.034; Ciss (pF) typ: 770; toff (µs) typ: 0.036; Package: CMFPAK-6 MOSFET, Switching; VDSS (V): 80; ID (A): 30; Pch : 25; RDS (ON) typ. (ohm) @10V: 0.01; RDS (ON) typ. (ohm) @4V[4.5V]: [0.0115]; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 3520; toff (µs) typ: -; Package: WPAK Turbo Plus系列高速涡032 USB和可编程逻辑控制 Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic Turbo Plus系列高速涡032 USB和可编程逻辑控制 MOSFET, Switching; VDSS (V): 100; ID (A): 25; Pch : 30; RDS (ON) typ. (ohm) @10V: 0.012; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 4350; toff (µs) typ: 0.037; Package: LFPAK Turbo Plus系列高速涡032 USB和可编程逻辑控制
|
意法半导 STMicroelectronics N.V.
|
VTS3186 VTS3086 |
Process photodiode. Isc = 80 microA(typ), Voc = 0.45 mV(typ) at H = 1000 lux, 2850 K.
|
PerkinElmer Optoelectronics
|
380AW100XM08 380AW100XM10 380AW100XM12 380AW100XM1 |
Composite Cone and Ring Style
|
Glenair, Inc. http://
|
GF1004 |
Square frame paper cone - ferrite magnet
|
CUI INC
|