PART |
Description |
Maker |
Z84C0006PEG Z84C0006VEG Z84C0008AEG Z84C0008PEG Z8 |
CENTRAL PROCESSING UNIT The extensive instruction set contains 158 instructions, instructions,including the 8080A instruction set as a subest Z8400/Z84C00 NMOS/CMOS Z80 CPU Central processing Unit Central Processing Unit
|
Zilog, Inc.
|
S3C9004/P9004/C9014/P9014 |
Single-chip 8-bit Microcontroller Instruction Set
|
Samsung Electronic
|
3-59619-9 1-59619-2 90240-2 90248-2 1-59781-0 2-59 |
Reasons for reissue of this instruction sheet are provided in Section 7, REVISION SUMMARY.
|
TE Connectivity Ltd
|
S3P72G9 S3C72G9 |
The S3C72G9 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable M SAM47 INSTRUCTION SET
|
SAMSUNG[Samsung semiconductor]
|
S3C9442C9444F9444C9452C9454F9454 S3C9454 S3C9442 |
SAM88RCRI family of 8-bit single-chip CMOS microcontrollers S3C9442/F9444/C9452/C9454/F9454 Instruction Set
|
Samsung semiconductor Samsung Electronic
|
MPC750D MPC750 |
MPC750 RISC Microprocessor Technical Summary Advance Information RISC Microprocessor Technical Summary
|
Motorola
|
NU85E212 NU85E213 NU85E252 NU85E263 NDU85E213V10 |
Instruction Cache Data Cache Instruction Cache(for NDU85ETV14)
|
NEC
|
PIC17C42A-16/PQ PIC17C44T-16/L PIC17C44T-16/PQ PIC |
A newer device is available. Please consider PIC18F4220. This powerful 8.25 MIPS (121 nanosecond instruction execution) yet ... A newer device is available. Please consider PIC18F4220. This powerful 8.25 MIPS (121 nanosecond instruction execution) ... A newer device is available. Please consider PIC18F442. This powerful 8.25 MIPS (121 nanosecond instruction execution) yet ... High-Performance 8 Bit CMOS EPROM Microcontroller
|
Microchip Technology
|
AT90SC9636R |
AT90SC9636R Summary [Updated 06/03. 3 Pages] Summary of the AT90SC9636R giving the key features. a brief description and a block diagram. Low-power, High performance 8-bit/16-bit secure microcontroller with 96K Byte ROM, 36K Byte EEPROM, programmable internal oscillator. Security Features: MMU, MED, OTP (one time programmable) EEPROM area, RN (Random Number Generator), "out
|
Atmel
|
OZ9939 |
Change Summary
|
O2Micro
|