PART |
Description |
Maker |
HY6264 HY6264-10 HY6264-12 HY6264-15 HY6264-70 HY6 |
8KX8-Bit CMOS SRAM x8 SRAM 8K X 8 STANDARD SRAM, 70 ns, PDSO28 x8 SRAM 8K X 8 STANDARD SRAM, 70 ns, PDIP28 x8 SRAM 8K X 8 STANDARD SRAM, 85 ns, PDSO28
|
HYNIX[Hynix Semiconductor] Hynix Semiconductor Inc. Hynix Semiconductor, Inc.
|
P4C1024-17PC P4C214-17PPC P4C1024-17JC P4C1024-17J |
128K X 8 STANDARD SRAM, 17 ns, PDIP32 PLASTIC, DIP-32 16K X 16 CACHE SRAM, 17 ns, PQCC52 PLASTIC, LCC-52 128K X 8 STANDARD SRAM, 17 ns, PDSO32 SOJ-32 64K X 1 STANDARD SRAM, 10 ns, PDIP22 1K X 4 STANDARD SRAM, 10 ns, PDIP18 128K X 8 STANDARD SRAM, 15 ns, PDSO32
|
Performance Semiconductor, Corp. Pyramid Semiconductor, Corp. PERFORMANCE SEMICONDUCTOR CORP PYRAMID SEMICONDUCTOR CORP
|
R1RP0416DSB-2PR R1RP0416D R1RP0416DGE-2LR R1RP0416 |
Memory>Fast SRAM>Asynchronous SRAM 4M High Speed SRAM (256-kword X 16-bit) From old datasheet system
|
http:// RENESAS[Renesas Electronics Corporation] Renesas Electronics Corporation.
|
AS7C251MPFD32_36A AS7C251MPFD36A-200TQIN AS7C251MP |
Sync SRAM - 2.5V 2.5V 1M x 32/36 pipelined burst synchronous SRAM 1M X 32 STANDARD SRAM, 3.1 ns, PQFP100
|
Alliance Semiconductor Corp... ALSC[Alliance Semiconductor Corporation] SRAM Alliance Semiconductor, Corp.
|
GS81032AT-150I GS81032AT-138I GS81032AT-133I GS810 |
18ns 66MHz 32K x 32 1Mb synchronous burst SRAM 12ns 100MHz 32K x 32 1Mb synchronous burst SRAM 10ns 133MHz 32K x 32 1Mb synchronous burst SRAM 9.7ns 138MHz 32K x 32 1Mb synchronous burst SRAM 11ns 117MHz 32K x 32 1Mb synchronous burst SRAM 9ns 150MHz 32K x 32 1Mb synchronous burst SRAM 32K x 32 1M Synchronous Burst SRAM 32K X 32 CACHE SRAM, 9.7 ns, PQFP100 32K x 32 1M Synchronous Burst SRAM 32K X 32 CACHE SRAM, 18 ns, PQFP100 32K x 32 1M Synchronous Burst SRAM 32K X 32 CACHE SRAM, 10 ns, PQFP100 32K x 32 1M Synchronous Burst SRAM
|
GSI Technology, Inc.
|
M48T08 M48T0807 M48T08Y M48T18 |
64Kb (8K x 8) TIMEKEEPER SRAM(64KTIMEKEEPER SRAM) 64Kb的(8K的8)计时器的SRAM4K的位计时器的SRAM 5V, 64Kbit (8 Kb x 8) TIMEKEEPER? SRAM 5V, 64Kbit (8 Kb x 8) TIMEKEEPER庐 SRAM
|
STMicroelectronics N.V. 意法半导
|
CY7C1168V18-400BZXC CY7C1168V18-375BZXC CY7C1168V1 |
1M X 18 DDR SRAM, 0.45 ns, PBGA165 13 X 15 MM, 1.40 MM HEIGHT, LEAD FREE, MO-216, FBGA-165 18-Mbit DDR-II SRAM 2-Word Burst Architecture (2.5 Cycle Read Latency) 1M X 18 DDR SRAM, 0.45 ns, PBGA165 2M X 8 DDR SRAM, 0.45 ns, PBGA165
|
Cypress Semiconductor, Corp. CYPRESS SEMICONDUCTOR CORP
|
AS7C33512PFS32_36A AS7C33512PFS36A-166TQIN AS7C335 |
3.3V 512K x 32/36 pipelined burst synchronous SRAM 512K X 32 STANDARD SRAM, 3.8 ns, PQFP100 Sync SRAM - 3.3V
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
EDI8C32128C WS128K32-XXX EDI8C32128LP17EI |
128Kx32 SRAM Module(低功耗CMOS12Kx32静态RAM模块(存取时5705555ns 128Kx32 SRAM Module(低功耗CMOS28Kx32静态RAM模块(存取时5705555ns 128Kx32 SRAM Module(低功耗CMOS12Kx32静态RAM模块(存取时57055555ns 128Kx32 SRAM Module(低功耗CMOS28Kx32静态RAM模块(存取时57205555ns 128Kx32 SRAM的模块(低功耗的CMOS28Kx32静态内存模块(存取时间15,17,20,25,35,45,55纳秒)) 128K X 32 MULTI DEVICE SRAM MODULE, 17 ns, CQFP68
|
White Electronic Designs Corporation TE Connectivity, Ltd.
|
AS5C4009ECJ-85L_883C AS5C4009ECJ-85L_IT AS5C4009EC |
512K x 8 SRAM Ultra Low Power SRAM 512K X 8 STANDARD SRAM, 100 ns, CDIP32 512K X 8 STANDARD SRAM, 85 ns, CDSO32 512K X 8 STANDARD SRAM, 70 ns, CDSO32 512K X 8 STANDARD SRAM, 55 ns, CDSO32
|
MICROSS COMPONENTS AUSTIN SEMICONDUCTOR INC
|
74F212SCQR 74F212L1CQR 54F212L1MQB 54F212DMQB 74F2 |
16 X 9 STANDARD SRAM, 28 ns, PDSO20 16 X 9 STANDARD SRAM, 28 ns, CQCC20 16 X 9 STANDARD SRAM, 28 ns, CDIP20 16 X 9 STANDARD SRAM, 28 ns, PQCC20
|
FAIRCHILD SEMICONDUCTOR CORP
|