PART |
Description |
Maker |
TC1270 TC1270FERC TC1270LERC TC1270MERC TC1270RERC |
4-Pin μP Reset Monitors 4-Pin P Reset Monitors 4-Pin レP Reset Monitors TC1270 and TC1271 are cost-effective system supervisor circuits designed to monitor VCC in digital systems and provide a reset signal ...
|
MICROCHIP[Microchip Technology]
|
MAX811 MAX811EUS-T MAX811-MAX812 MAX812EUS-T MAX81 |
Microprocessor voltage monitor with manual reset input. Reset threshold voltage 4.38V Hex D-type Flip-Flops With Clear 16-CDIP -55 to 125 4-Pin レP Voltage Monitors with Manual Reset Input 4-Pin P Voltage Monitors with Manual Reset Input
|
Maxim Integrated Products, Inc. MAXIM - Dallas Semiconductor
|
MAX821PUS-T MAX821MUS-T MAX822MUS-T MAX821SUS-T MA |
4-Pin 渭P Voltage Monitors with Pin-Selectable Power-On Reset Timeout Delay 4-Pin μP Voltage Monitors with Pin-Selectable Power-On Reset Timeout Delay 4-Pin uP Voltage Monitors with Pin-Selectable Power-On Reset Timeout Delay
|
Maxim Integrated Products Maxim Integrated Produc...
|
2-1437024-0 7-1437024-4 7-1437023-4 |
BUCHSENLEISTE IDC VERPOLSCHUTZ 26POL 5-Pin Microprocessor Supervisory Circuits with Watchdog Timer and Manual Reset BUCHSENLEISTE IDC的VERPOLSCHUTZ 40POL 4-Pin, µP Voltage Monitors with Pin-Selectable Power-On Reset Timeout Delay
|
Molex, Inc.
|
W25Q80BVSSIG W25Q80BVSNIG W25Q80BVUXIG W25Q80BVZPI |
8M-BIT SERIAL FLASH MEMORY WIT DUAL AND QUAD SPI
|
Winbond
|
TC1271TERCTR TC1270 TC1270_07 TC1270FERCTR TC1270L |
4-Pin Reset Monitors
|
MICROCHIP[Microchip Technology]
|
MAX670905 MAX6709LUB MAX6709JUB MAX6709CUB |
Low-Voltage, High-Accuracy, Quad Voltage Monitors in 渭MAX Package Low-Voltage, High-Accuracy, Quad Voltage Monitors in μMAX Package
|
Maxim Integrated Products Maxim Integrated Produc...
|
TC1275-15ENB TC1276-5ENB TC1276-15ENB TC1277-5ENB |
3-Pin Reset Monitors for 3.3V Systems 3引脚复位监控器为3.3V系统
|
Microchip Technology, Inc.
|
MAX809SN160T1 MAX810TTR MAX810LTR MAX809JTR MAX810 |
Very Low Supply Current 3-Pin Microprocessor Reset Monitors
|
ONSEMI[ON Semiconductor]
|
TC1279-5ENB TC1278 TC1278-10ENB TC1278-15ENB TC127 |
3-Pin Reset Monitors for 5V Systems 3引脚复位监控器的5V系统 Fast Recovery Power Rectifier; Repetitive Reverse Voltage Max, Vrrm:200V; Forward Current Avg Rectified, IF(AV):3A; Non Repetitive Forward Surge Current Max, Ifsm:150A; Reverse Recovery Time, trr:50ns; Forward Voltage Max, VF:1V
|
Microchip Technology, Inc. Microchip Technology Inc. MICROCHIP[Microchip Technology]
|
MAX6459UTC MAX6458UKD-T |
High-Voltage, Low-Current Voltage Monitors in SOT Packages
|
Maxim Integrated Products Maxim Integrated Produc...
|