PART |
Description |
Maker |
Q67106-H5157 |
Expanded Decoder for Program Delivery Control and Video Program System EPDC / VPS Decoder
|
SIEMENS AG
|
PIC12C509-04/P PIC12C509-04/SM PIC12C509-04E/P PIC |
A newer version of this device is available. Please consider PIC12C509A. This powerful (1µsecond instruction execution) yet easy-to-program (only 33 single word instructions) CMOS OTP-based 8-bit microcontroller ... 8-Pin, 8-Bit CMOS Microcontrollers A newer device is available. Please consider PIC12F629. This powerful (1µsecond instruction execution) yet easy-to-program ... This powerful (1µsecond instruction execution) yet easy-to-program (only 33 single word instructions) CMOS ROM-based 8-bit microcontroller packs Microchips powerful PIC architecture into an 8-pin package. Easily adapted for auto A newer version of this device is available. Please consider PIC12C508A. 8-bit CMOS microcontroller, 1024 x 12 ROM program, 41 RAM data, 4MHz
|
Microchip
|
185-001NF02-13-2NM 185-001NF02-13-2NS 185-001NF02- |
Expanded Beam Fiber Optic Threaded Coupling Dummy Terminus
|
Glenair, Inc.
|
HD14556B HD14555 HD14555B HD14556BP |
4000/14000/40000 SERIES, OTHER DECODER/DRIVER, INVERTED OUTPUT, PDIP16 Dual Binary to 1-of-4 Decoder/Demultiplexer 双二元至1 - 4解码解复用器 Dual Binary 1-of-4 Decoder/Multiplexer
|
Hitachi,Ltd. http:// HITACHI[Hitachi Semiconductor]
|
G3VM-402J |
Expanded Range of Analog-Switching MOSFET Relays with 400-V Load Voltage
|
OMRON
|
M37906M4C-XXXFP M37906M4C-XXXSP M37906M6C-XXXFP M3 |
7905 Series Microcontrollers: Internal Flash Memory and Mask ROM w/Expanded Instruction Set
|
Mitsubishi Electric Corporation
|
LC51024MC-52FN672C LC51024MC-75FN672C LC51024MC-75 |
1.8V in-system programmable expanded programmable logic device XPLD. 3.3V in-system programmable expanded programmable logic device XPLD. 2.5V in-system programmable expanded programmable logic device XPLD.
|
Lattice Semiconductor
|
ISL95857C |
1 2 1 Voltage Regulator With Expanded Iccmax Register Range Supporting Intel IMVP8 CFL/CNL CPUs
|
Renesas Electronics Corporation
|
0190710219 |
InsulKrimp?/a> Brazed Ring Tongue Terminal for 6 AWG Wire, Expanded Flare, StudSize 8, Length 40.54mm (1.596
|
Molex Electronics Ltd.
|
E-657-38XT 0190710195 |
InsulKrimp Brazed Ring Tongue Terminal for 6 AWG Wire, Expanded Flare, StudSize 3/8, Length 42.34mm (1.667
|
Molex Electronics Ltd.
|
E-657-10XT |
InsulKrimp Brazed Ring Tongue Terminal for 6 AWG Wire, Expanded Flare, StudSize 10, Length 42.34mm (1.667), Mylar Tape Carrier
|
Molex Electronics Ltd.
|
E-657-56XT 190710198 0190710198 |
InsulKrimp Brazed Ring Tongue Terminal for 6 AWG Wire, Expanded Flare, StudSize 5/16, Length 42.34mm (1.667), Mylar Tape Carrier
|
Molex Electronics Ltd.
|