PART |
Description |
Maker |
RM912 |
CDMA/AMPS 3-4 Volt Power Amplifier (824-849 MHz) CDMA/AMPS 3-4 Volt Power Amplifier (824849 MHz)
|
Conexant Systems, Inc.
|
NTMS4P01R2 NTMS4P01R2/D NTMS4P01R2-D |
Power MOSFET -4.5 Amps, -12 Volts P-Channel Enhancement-Mode Single SO-8 Package Receptacle With A Standard Tail Power MOSFET -4.5 Amps-12 Volts
|
ON Semiconductor
|
NTP85N03 NTB85N03 NTB85N03T4 |
Power MOSFET 85 Amps / 28 Volts Power MOSFET 85 Amps, 28 Volts N-Channel TO-220(85A,28V,N通道,TO-220封装的功率MOSFET)
|
ONSEMI[ON Semiconductor]
|
NTD24N06L NTD24N06L-1 NTD24N06L-1G NTD24N06LG NTD2 |
Power MOSFET 24 Amps, 60 Volts, Logic Level N-Channel DPAK; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Tape and Reel; Qty per Container: 2500 24 A, 60 V, 0.045 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 24Amps, 60Volts Logic Level N-Channel DPAK(24A, 60 V,逻辑电平,N通道,DPAK封装的功率MOSFET) Power MOSFET 24 Amps, 60 Volts Logic Level, N−Channel DPAK
|
ON Semiconductor
|
NTF3055-100 NTF3055-100T3G |
Power MOSFET 3.0 Amps, 60 Volts N-Channel SOT-223(3A,60V逻辑电平,N通道 SOT-223 封装的功率MOSFET) Power MOSFET 3.0 Amps 60 Volts N−Channel
|
ON Semiconductor
|
NTD32N06-1 NTD32N06-1G NTD32N06T4G NTD32N06 NTD32N |
Power MOSFET 32 Amps, 60 Volts 32 Amps, 60 Volts, N−Channel DPAK
|
ONSEMI[ON Semiconductor]
|
MTY25N60E |
OBSOLETE - Power MOSFET 25 Amps, 600 Volts N?Channel Power MOSFET
|
ON Semiconductor
|
NTP75N03RG NTB75N03R NTB75N03RG |
Power MOSFET 75 A, 25V N-Channel, TO-220; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50 75 A, 25 V, 0.013 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB Power MOSFET 75 Amps, 25 Volts N?Channel D2PAK, TO?20
|
ON Semiconductor
|
J60030-2P J60030-3S J60030-1PR J60030-2PR J60030-2 |
Class J Fuseblocks 600 Volt, ú 600 Amps Class J Fuseblocks 600 Volt, ú-600 Amps Fuse 0.5 TO 30A 600V CLASS J
|
Cooper Bussmann, Inc.
|
MTD20N06HDLT4 |
Power MOSFET 20 Amps, 60 Volts, Logic Level N−Channel DPAK 20 A, 60 V, 0.07 ohm, N-CHANNEL, Si, POWER, MOSFET
|
ON Semiconductor
|
MTP1306 |
N?Channel Power MOSFET Power MOSFET 75 Amps, 30 Volts
|
ON Semiconductor
|
|