PART |
Description |
Maker |
TSH93I TSH93ID TSH93 -TSH93I |
HIGH SPEED LOW POWER TRIPLE OP-AMPS HIGH SPEED LOW POWER TRIPLE OPERATIONAL AMPLIFIER
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
MJE170 MJE172 MJE171 MJE172STU MJE170STU MJE171STU |
PNP Epitaxial Silicon Transistor Low Power Audio Amplifier Low Current, High Speed Switching Applications Low Power Audio Amplifier Low Current / High Speed Switching Applications
|
FAIRCHILD[Fairchild Semiconductor] FAIRCHILD SEMICONDUCTOR CORP
|
LT1195 LT1195C LT1195CJ8 LT1195CN8 LT1195CS8 LT119 |
Low Power/ High Speed Operational Amplifier Low Power, High Speed Operational Amplifier Low Power High Speed Operational Amplifier From old datasheet system
|
LINER[Linear Technology]
|
IDTQS3L384SO IDTQS3L384Q QS3L384Q IDTQS3L384QG IDT |
QuikSwitch High-Speed Low Power CMOS 10-Bit Bus Switch QUICKSWITCH PRODUCTS HIGH-SPEED LOW POWER CMOS 10-BIT BUS EXCHANGE SWITCH 3L SERIES, 10-BIT DRIVER, TRUE OUTPUT, PDSO24
|
Integrated Device Techn... IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
24LC64-E/ST 24LC64-E/SN 24LC64-I/MS 24AA64-I/MS 24 |
High-Speed/Low-Power Microcontrollers SERIAL EEPROM|8KX8|CMOS|TSSOP|8PIN|PLASTIC 串行EEPROM的| 8KX8 |的CMOS | TSSOP封装| 8引脚|塑料 High-Speed Microcontroller
|
Microchip Technology, Inc.
|
ISL4491EIB-T ISL4489EIB ISL4489EIB-T ISL4489EIBZ I |
15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed, Full Duplex, RS-485/RS-422 Transceivers Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers
|
INTERSIL[Intersil Corporation]
|
ADA4857-1YCPZ-R2 ADA4857-1YCPZ-R7 ADA4857-1YCPZ-RL |
Ultralow Distortion, Low Power, Low Noise, High Speed Op Amp
|
http:// Analog Devices
|
SP2524XS35RG SP2524 SP2524XS25RG |
Low ESR Cap. & Low Power High-speed CMOS LDO With CE Pin
|
SYNC-POWER[SYNC POWER Crop.]
|
MAX162 MAX162ACNG MAX162ACWG MAX162AING MAX162AMRG |
Complete High-Speed CMOS, 12-Bit ADC " Complete High-Speed CMOS, 12- Bit ADC" JT 3C 3#16 PIN RECP Complete High-Speed CMOS 12-Bit ADC 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDIP24 16-Bit Ultra-Low-Power Microcontroller, 16kB OTP, 512B RAM, 92 segment LCD 56-SSOP -40 to 85
|
MAXIM - Dallas Semiconductor http:// MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
OAKDSPCORE |
16-Bit General-Purpose Low-Power, Low-Voltage High-Speed DSP(16位通用低功耗低电压高速DSP)
|
Atmel Corp.
|
HS7B-1145RH-Q 5962F9683001VPC 5962F9683001VPA HS7- |
Radiation Hardened, High Speed, Low Power, Current Feedback Video Operational Amplifier with Output Disable 1 CHANNEL, VIDEO AMPLIFIER, CDIP8 CONNECTOR ACCESSORY Radiation Hardened, High Speed, Low
Power, Current Feedback Video
Operational Amplifier with Output Disable(抗辐射超高速电流反馈视频运算放大器(带输出禁止 Radiation Hardened/ High Speed/ Low Power/ Current Feedback Video Operational Amplifier with Output Disable
|
Intersil, Corp. Intersil Corporation http://
|