PART |
Description |
Maker |
TC554001FTL-10V TC554001FTL-85V |
524, 288 words x 8 bit static RAM, access time 100ns 524, 288 words x 8 bit static RAM, access time 85ns
|
TOSHIBA
|
AS4LC256K16E0-35JC AS4LC256K16E0-35TC AS4LC256K16E |
3.3V 256K x 16 CM0S DRAM (EDO), 60ns RAS access time 3.3V 256K x 16 CM0S DRAM (EDO), 45ns RAS access time 3.3V 256K x 16 CM0S DRAM (EDO), 35ns RAS access time x16 EDO Page Mode DRAM
|
Alliance Semiconductor
|
AS29P200 AS29F200B-120SC AS29F200B-70TC AS29F200B- |
5V 256K x 8 / 128K x 16 CMOS Flash EEPROM 5V 256K x 8 or 128 x 16 CMOS flash EEPROM, access time 120ns 5V 256K x 8 or 128 x 16 CMOS flash EEPROM, access time 70ns 5V 256K x 8 or 128 x 16 CMOS flash EEPROM, access time 55ns 5V 256K x 8 or 128 x 16 CMOS flash EEPROM, access time 90ns
|
Alliance Semiconductor
|
AS7C1026A-10JC AS7C1026A-15JI AS7C31026A-10TI AS7C |
5V 64K x 16 CM0S SRAM , 12ns access time 5V/3.3V 64K X 16 CMOS SRAM 5V 64K x 16 CM0S SRAM , 10ns access time 3.3V 64K x 16 CM0S SRAM , 12ns access time
|
Alliance Semiconductor ... ALSC[Alliance Semiconductor Corporation]
|
K4R271669A K4R441869A-NMCG6 K4R441869A-NMCK7 K4R44 |
256K x 16 x 32s dependent banks direct RDRAM. Access time: 45 ns, I/O freq. 711 MHz. 256K x 16 x 32s dependent banks direct RDRAM. Access time: 53.3 ns, I/O freq. 600 MHz. 256K x 16/18 bit x 2*16 Dependent Banks Direct RDRAMTM 256K x 16 x 32s dependent banks direct RDRAM. Access time: 45 ns, I/O freq. 800 MHz.
|
SAMSUNG[Samsung semiconductor] Samsung Electronic
|
M41T81M6 M41T81M6TR M41T81MX6 M41T81MX6T M41T81M6E |
SERIAL ACCESS RTC WITH ALARMS Serial Access Real-Time Clock with Alarms
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
AM29F002BT-90ED AM29F002BB-70ED AM29F002NBB-70PD |
Flash Memory IC; Leaded Process Compatible:Yes; Memory Size:2Mbit; Package/Case:48-TSOP; Peak Reflow Compatible (260 C):Yes; Supply Voltage Max:5V; Access Time, Tacc:90ns; Series:AM29 RoHS Compliant: Yes 256K X 8 FLASH 5V PROM, 70 ns, PDSO32 Flash Memory IC; Package/Case:32-DIP; Supply Voltage Max:5V; Access Time, Tacc:70ns RoHS Compliant: Yes
|
SPANSION LLC
|
M41T80M6E M41T80M6F M41T8006 M41T80 |
Serial access Real Time Clock with alarm
|
STMICROELECTRONICS[STMicroelectronics]
|
M41T62 M41T65 M41T64 M41T63 |
Serial Access Real-Time Clock with Alarms
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|
UT62257CLS-35L |
Access time: 35 ns, 32 K x 8 Bit low power CMOS SRAM
|
UTRON Technology
|
UT6164CJC-10 UT6164CJC-12 UT6164CJC-15 |
Access time: 10 ns, 8 K x 8 Bit high speed CMOS SRAM Access time: 12 ns, 8 K x 8 Bit high speed CMOS SRAM Access time: 15 ns, 8 K x 8 Bit high speed CMOS SRAM
|
UTRON Technology
|