PART |
Description |
Maker |
GS71024GT-10I GS71024GT-12 GS71024GT-15 GS71024GT- |
1.5Mb Async SRAMs Planar E Core OSC 5V SMT PLAS 14X9 CMOS 64K x 24 1.5Mb Asynchronous SRAM 64K的24即:1.5MB异步SRAM
|
GSI[GSI Technology] Electronic Theatre Controls, Inc. GSI Technology, Inc.
|
CFR520 |
Fiber Optic, 5Mb Receiver, TO-18, Plastic Lens
|
Clairex Technologies
|
EL5181C EL5181CS-T13 EL5181CS-T7 EL5181CS |
8ns High-Speed Comparator
|
ELANTEC[Elantec Semiconductor]
|
IDT71016 IDT71016S12PHG IDT71016S12PHGI IDT71016S1 |
CMOS Static RAM 1 Meg (64K x 16-Bit) 64K x 16 Static RAM Filter Module w/out Resistor Network 64K X 16 STANDARD SRAM, 20 ns, PDSO44 CMOS Static RAM 1 Meg (64K x 16-Bit) 64K X 16 STANDARD SRAM, 12 ns, PDSO44 Octal Buffers And Line/MOS Drivers With 3-State Outputs 20-SOIC -40 to 85 64K X 16 STANDARD SRAM, 15 ns, PDSO44
|
Integrated Device Techn... IDT[Integrated Device Technology] Integrated Device Technology, Inc. SRAM INTEGRATED DEVICE TECHNOLOGY INC
|
AS7C3364FT36B-80TQIN AS7C3364FT32B AS7C3364FT32B-1 |
From old datasheet system Shielding Gasket; Gasket Style:D-Shaped; Body Material:Beryllium Copper alloy #C17200; Height:.11"; Length:16"; Mounting Type:Adhesive; Thickness:.0027"; Width:.28" 64K X 32 STANDARD SRAM, 10 ns, PQFP100 3.3V 64K x 32/36 Flow Through Synchronous SRAM 64K X 32 STANDARD SRAM, 6.5 ns, PQFP100 3.3V 64K x 32/36 Flow Through Synchronous SRAM 64K X 36 STANDARD SRAM, 7.5 ns, PQFP100
|
Alliance Semiconductor ... ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp.
|
M27V512-100K1TR M27V512-150F1 M27V512-200F1 |
64K X 8 OTPROM, 100 ns, PQCC32 64K X 8 UVPROM, 150 ns, CDIP28 64K X 8 UVPROM, 200 ns, CDIP28
|
STMICROELECTRONICS
|
CY7C1021CV33-10ZXIT CY7C1021CV33-12VIT |
1-Mbit (64K x 16) Static RAM; Density: 1 Mb; Organization: 64Kb x 16; Vcc (V): 3.0 to 3.6 V; 64K X 16 STANDARD SRAM, 10 ns, PDSO44 64K X 16 STANDARD SRAM, 12 ns, PDSO44
|
Cypress Semiconductor, Corp. CYPRESS SEMICONDUCTOR CORP
|
IBM041813PPLB |
64K X 18 BURST PIPELINE SRAM(1M (64K X 18)同步可猝发流水线式线式高性能静态RAM) 64K的X管道18的SRAM00万(64K的X 18)同步可猝发流水线式线式高性能静态内存)
|
International Business Machines, Corp.
|
IS61NLP6B436A-200TQBI IS61NVP6B436A-200TQBI IS61NL |
64K x 32, 64K x 36, and 128K x 18 2Mb, PIPELINE (NO WAIT) STATE BUS SRAM
|
ISSI[Integrated Silicon Solution, Inc]
|
MX27L512PC-15 MX27L512TI-20 MX27L512TI-12 MX27L512 |
512K-BIT [64K x 8] CMOS EPROM 64K X 8 OTPROM, 120 ns, PDIP28
|
Macronix International Co., Ltd.
|
CY7C195B CY7C195B-12VC CY7C195B-15VC CY7C195B-25PC |
256 Kb (64K x 4) Static RAM 64K X 4 STANDARD SRAM, 15 ns, PDSO28
|
Cypress Semiconductor, Corp. CYPRESS[Cypress Semiconductor]
|