PART |
Description |
Maker |
CY7C1347F-166AC CY7C1347F-166AI CY7C1347F-166BGC C |
4-Mbit (128K x 36) Pipelined Sync SRAM 128K X 36 CACHE SRAM, 4 ns, PBGA165 4-Mbit (128K x 36) Pipelined Sync SRAM 128K X 36 CACHE SRAM, 4 ns, PBGA119 4-Mbit (128K x 36) Pipelined Sync SRAM 128K X 36 CACHE SRAM, 3.5 ns, PBGA119 4-Mbit (128K x 36) Pipelined Sync SRAM 128K X 36 CACHE SRAM, 3.5 ns, PQFP100 4-Mbit (128K x 36) Pipelined Sync SRAM 128K X 36 CACHE SRAM, 2.8 ns, PBGA119 4-Mbit (128K x 36) Pipelined Sync SRAM 4兆位28K的36)流水线同步静态存储器
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
CY7C1326H-133AXC CY7C1326H-133AXI CY7C1326H-166AXC |
2-Mbit (128K x 18) Pipelined Sync SRAM
|
Cypress Semiconductor
|
CY7C1340G-100AXC |
4-Mbit (128K x 32) Pipelined DCD Sync SRAM
|
Cypress
|
IDT71V2576S IDT71V2578S IDT71V2578YS150BG IDT71V25 |
128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect 256K X 18 CACHE SRAM, 4.2 ns, PBGA119 IC LOGIC 3253 LOW-VOLTAGE DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER -40 85C TSSOP-16 96/TUBE 256K X 18 CACHE SRAM, 4.2 ns, PBGA119 RECTIFIER FAST-RECOVERY SINGLE 1A 200V 30A-ifsm 1V-vf 50ns 5uA-ir DO-41 5K/REEL-13 128K X 36 CACHE SRAM, 4.2 ns, PBGA165 128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect 128K的米656 × 18 3.3同步SRAM.5VI / O的流水线输出,脉冲计数器,单周期取消 128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect 256K X 18 CACHE SRAM, 3.8 ns, PBGA119 128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect 256K X 18 CACHE SRAM, 4.2 ns, PBGA165 128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect 128K X 36 CACHE SRAM, 4.2 ns, PBGA119 128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect 128K X 36 CACHE SRAM, 4.2 ns, PBGA165 128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect 128K X 36 CACHE SRAM, 3.8 ns, PBGA165 128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect 128K X 36 CACHE SRAM, 3.8 ns, PBGA119 128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect 128K X 36 CACHE SRAM, 3.8 ns, PQFP100 128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect 256K X 18 CACHE SRAM, 4.2 ns, PQFP100 128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect 256K X 18 CACHE SRAM, 3.8 ns, PQFP100 128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect 128K X 36 CACHE SRAM, 4.2 ns, PQFP100 IC LOGIC 3257 LOW-VOLTAGE 4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER -40 85C QSOP-16 97/TUBE
|
http:// Integrated Device Technology, Inc.
|
CY7C1470V25 CY7C1470V25-167ACES CY7C1470V25-167AXC |
72-Mbit(2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL?/a> Architecture 72-Mbit(2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL Architecture 72-Mbit(2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL(TM) Architecture ECONOLINE: RQS & RQD - 1kVDC Isolation- Internal SMD Construction- UL94V-0 Package Material- Toroidal Magnetics- Efficiency to 80% 72-Mbit(2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBLArchitecture 4M X 18 ZBT SRAM, 3.4 ns, PQFP100 72-Mbit(2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBLArchitecture 4M X 18 ZBT SRAM, 3.4 ns, PBGA165 72-Mbit(2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBLArchitecture 4M X 18 ZBT SRAM, 3 ns, PBGA165 72-Mbit(2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBLArchitecture 1M X 72 ZBT SRAM, 3 ns, PBGA209 ECONOLINE: RQS & RQD - 1kVDC Isolation- Internal SMD Construction- UL94V-0 Package Material- Toroidal Magnetics- Efficiency to 80% 2M X 36 ZBT SRAM, 3.4 ns, PBGA165
|
Cypress Semiconductor Corp. SRAM Cypress Semiconductor, Corp.
|
CY7C1340A-100AC CY7C1340A-66AI CY7C1340A |
128K x 32 Synchronous-Pipelined RAM 128K X 32 STANDARD SRAM, 7 ns, PQFP100
|
Cypress Semiconductor, Corp. CYPRESS[Cypress Semiconductor]
|
IS61VPS12836A-250TQ IS61VPS12836A-250B3 IS61VPS128 |
128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
|
http:// Integrated Silicon Solu...
|
CY7C1334H-133AXC CY7C1334H-133AXI CY7C1334H-166AXC |
2-Mbit (64K x 32) Pipelined SRAM with NoBL?/a> Architecture 2-Mbit (64K x 32) Pipelined SRAM with NoBLArchitecture 2-Mbit (64K x 32) Pipelined SRAM with NoBL Architecture 2-Mbit (64K x 32) Pipelined SRAM with NoBL⑩ Architecture
|
Cypress Semiconductor Corp.
|
CY7C1386D-200AXI CY7C1387F-167BGC CY7C1387F-167BGI |
18-Mbit (512K x 36/1 Mbit x 18) Pipelined DCD Sync SRAM
|
Cypress Semiconductor
|
IDT71V546S117PFI IDT71V546S117PF IDT71V546S133PF 7 |
3.3V 128K x 36 ZBT Synchronous PipeLined SRAM 128K x 36 3.3V Synchronous SRAM with ZBT Feature Burst Counter and Pipelined Outputs 128K x 36/ 3.3V Synchronous SRAM with ZBT Feature/ Burst Counter and Pipelined Outputs From old datasheet system 128K x 36, 3.3V Synchronous SRAM with ZBT Feature, Burst Counter and Pipelined Outputs
|
IDT[Integrated Device Technology]
|
|