PART |
Description |
Maker |
FXT3866SM FXT449SM FXT549SM FXT749SM FXT649SM FXT6 |
TRANSISTOR | BJT | NPN | 20V V(BR)CEO | 1A I(C) | SOT-89 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 1A I(C) | SOT-89 TRANSISTOR | BJT | PNP | 25V V(BR)CEO | 2A I(C) | SO TRANSISTOR | BJT | NPN | 25V V(BR)CEO | 2A I(C) | SO TRANSISTOR | BJT | NPN | 300V V(BR)CEO | 500MA I(C) | SO TRANSISTOR | BJT | NPN | 150V V(BR)CEO | 1A I(C) | SO 晶体管|晶体管| npn型| 150伏五(巴西)总裁| 1A条一(c)| TRANSISTOR | BJT | PNP | 100V V(BR)CEO | 2A I(C) | SO 晶体管|晶体管|进步党| 100V的五(巴西)总裁|甲一(c)| TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 1A I(C) | SOT-89 晶体管|晶体管|进步党| 60V的五(巴西)总裁| 1A条一(c)|采用SOT - 89 TRANSISTOR | BJT | NPN | 45V V(BR)CEO | 1A I(C) | SO 晶体管|晶体管|叩| 45V的五(巴西)总裁| 1A条一(c)| TRANSISTOR | BJT | NPN | 30V V(BR)CEO | 400MA I(C) | SO 晶体管|晶体管|叩| 30V的五(巴西)总裁| 400mA的一(c)| TRANSISTOR | BJT | PNP | 80V V(BR)CEO | 1A I(C) | SOT-89
|
Zetex Semiconductor PLC Fujitsu, Ltd. Bourns, Inc. Amphenol, Corp.
|
DDTC114ECA DDTC114ECA-7 DDTC124ECA DDTC124ECA-7 DD |
STIPAX PROMO; RoHS Compliant: NA NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR 50 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR npn型预偏置信号小的SOT - 23表面贴装晶体 NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Inc. Diodes, Inc. DIODES[Diodes Incorporated]
|
BSR13T/R BSR14T/R |
TRANSISTOR | BJT | NPN | 30V V(BR)CEO | 800MA I(C) | SOT-23 TRANSISTOR | BJT | NPN | 40V V(BR)CEO | 800MA I(C) | SOT-23 晶体管|晶体管|叩| 40V的五(巴西)总裁| 800mA的一(c)| SOT - 23封装
|
Advanced Semiconductor, Inc.
|
FA1A4Z FA1A4ZL68 FA1A4ZL67 FA1A4ZL69 FA1A4Z-L FA1A |
Compound transistor MEDIUM SPEED SWITCHING RESISTOR BUILT-IN TYPE NPN TRANSISTOR MINI MOLD TRANSISTOR | 50V V(BR)CEO | 100MA I(C) | SOT-346 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR MINIMOLD, SC-59, 3 PIN
|
NEC Corp. ON Semiconductor
|
TVU0.5A TVU0.5A07 |
TRANSISTOR | BJT | NPN | 24V V(BR)CEO | 2A I(C) | SOT-172DVAR From old datasheet system NPN SILICON RF POWER TRANSISTOR
|
Advanced Semiconductor
|
2SA1326 2SC3341 |
TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 500MA I(C) | SOT-23 TRANSISTOR | BJT | NPN | 30V V(BR)CEO | 500MA I(C) | SOT-23 晶体管|晶体管|叩| 30V的五(巴西)总裁| 500mA的一(c)| SOT - 23封装
|
Samsung Semiconductor Co., Ltd.
|
MMBT4401M3T5G |
SOT-723 NPN GP TRANSISTOR 600 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
ON Semiconductor
|
BC849B/E9 BC848C/E9 |
TRANSISTOR | BJT | NPN | 30V V(BR)CEO | 100MA I(C) | SOT-23 晶体管|晶体管|叩| 30V的五(巴西)总裁| 100mA的一c)| SOT - 23封装
|
Ecliptek, Corp.
|
2SC4400-3 |
TRANSISTOR | BJT | NPN | 18V V(BR)CEO | 50MA I(C) | SOT-23 晶体管|晶体管|叩| 18V的五(巴西)总裁| 50mA的一(c)| SOT - 23封装
|
Sanyo Electric Co., Ltd.
|
FJC1963QTF |
NPN Epitaxial Silicon Transistor; Package: SOT-89; No of Pins: 3; Container: Tape & Reel 3000 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Fairchild Semiconductor, Corp.
|
BC81816MTF BC81840MTF |
NPN Epitaxial Silicon Transistor; Package: SOT-23; No of Pins: 3; Container: Tape & Reel 800 mA, 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Fairchild Semiconductor, Corp.
|
FJX945OTF |
NPN Epitaxial Silicon Transistor; Package: SOT-323; No of Pins: 3; Container: Tape & Reel 150 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Fairchild Semiconductor, Corp.
|