PART |
Description |
Maker |
HM628128LP-7 HM628128LP-7SL HM628128LT-8SL HM62812 |
x8 SRAM x8的SRAM Non-reflective terminators (with SMA connectors); HRS No: 353-0017-3 50 x8SRAM
|
Everlight Electronics Co., Ltd.
|
CY7C1483V33-100BGC CY7C1483V33-117BGC CY7C1483V33- |
IC, SDRAM, 64M BIT, 512KX4X32 BIT,3.3V,10NS,100MHZ,TSOP-86 2M x 36/4M x 18/1M x 72 Flow-through SRAM 4M X 18 STANDARD SRAM, 7.5 ns, PQFP100 2M x 36/4M x 18/1M x 72 Flow-through SRAM 1M X 72 CACHE SRAM, 6.5 ns, PBGA209 2M x 36/4M x 18/1M x 72 Flow-through SRAM 1M X 72 STANDARD SRAM, 7.5 ns, PBGA209 2M x 36/4M x 18/1M x 72 Flow-through SRAM 4M X 18 STANDARD SRAM, 7.5 ns, PBGA165 2M x 36/4M x 18/1M x 72 Flow-through SRAM 4M X 18 STANDARD SRAM, 6.5 ns, PQFP100 2M x 36/4M x 18/1M x 72 Flow-through SRAM 2M X 36 STANDARD SRAM, 8.5 ns, PQFP100 2M x 36/4M x 18/1M x 72 Flow-through SRAM 4M X 18 STANDARD SRAM, 8.5 ns, PQFP100 2M x 36/4M x 18/1M x 72 Flow-through SRAM 1M X 72 STANDARD SRAM, 5.5 ns, PBGA209
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
CY7C1380C-200AC CY7C1380C-200BGC CY7C1380C-167AC C |
Memory : Sync SRAMs PUSHBUTTON, METAL, FLAT, 22MM 5A; Switch function type:NC/NO Mom; Voltage, contact AC max:250V; Temp, op. max:55(degree C); Temp, op. min:-20(degree C); Diameter, panel cut-out:22.2mm; Length / Height, external:32mm; Dielectric RoHS Compliant: Yes 18-Mb (512K x 36/1M x 18) Pipelined SRAM 1M X 18 CACHE SRAM, 2.8 ns, PBGA165 18-Mb (512K x 36/1M x 18) Pipelined SRAM 1M X 18 CACHE SRAM, 2.6 ns, PBGA165 18-Mb (512K x 36/1M x 18) Pipelined SRAM 512K X 36 CACHE SRAM, 2.8 ns, PBGA165 18-Mb (512K x 36/1M x 18) Pipelined SRAM 512K X 36 CACHE SRAM, 3 ns, PQFP100 18-Mb (512K x 36/1M x 18) Pipelined SRAM 512K X 36 CACHE SRAM, 2.8 ns, PQFP100 18-Mb (512K x 36/1M x 18) Pipelined SRAM 512K X 36 CACHE SRAM, 3.4 ns, PQFP100
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
AS7C33256FT32_36A AS7C33256FT32_36A.V1.1 AS7C33256 |
3.3V 256K x 32/36 Flow-through synchronous SRAM 256K X 32 STANDARD SRAM, 8.5 ns, PQFP100 3.3V 256K x 32/36 Flow-through synchronous SRAM 256K X 36 STANDARD SRAM, 7.5 ns, PQFP100 3.3V 256K x 32/36 Flow-through synchronous SRAM 256K X 32 STANDARD SRAM, 7.5 ns, PQFP100 3.3V 256K x 32/36 Flow-through synchronous SRAM 256K X 32 STANDARD SRAM, 10 ns, PQFP100 DIODE ZENER SINGLE 1000mW 24Vz 10.5mA-Izt 0.05 5uA-Ir 18.2Vr DO41-GLASS 5K/AMMO From old datasheet system Sync SRAM - 3.3V
|
Alliance Semiconductor, Corp. Alliance Semiconductor Corporation ALSC
|
R1RW0416DSB-2PR R1RW0416D R1RW0416DGE-2LR R1RW0416 |
4M High Speed SRAM (256-kword x 16-bit) Memory>Fast SRAM>Asynchronous SRAM
|
SRAM Renesas Electronics Corporation. RENESAS[Renesas Electronics Corporation]
|
R1RP0416DSB-2PR R1RP0416D R1RP0416DGE-2LR R1RP0416 |
Memory>Fast SRAM>Asynchronous SRAM 4M High Speed SRAM (256-kword X 16-bit) From old datasheet system
|
http:// RENESAS[Renesas Electronics Corporation] Renesas Electronics Corporation.
|
AS7C251MFT18A AS7C251MFT18A-75TQC AS7C251MFT18A-75 |
2.5V 1M x 18 flowthrough burst synchronous SRAM 1M X 18 STANDARD SRAM, 7.5 ns, PQFP100 2.5V 1M x 18 flowthrough burst synchronous SRAM 1M X 18 STANDARD SRAM, 10 ns, PQFP100 High Speed CMOS Logic Triple 3-Input AND Gates 14-SOIC -55 to 125 Sync SRAM - 2.5V
|
Alliance Semiconductor, Corp. Everlight Electronics Co., Ltd. ALSC Alliance Semiconductor Corporation
|
AS7C164 AS7C164-20 AS7C164-20JC AS7C164-12 AS7C164 |
8K X 8 STANDARD SRAM, 12 ns, PDSO28 SRAM - 5V Fast Asynchronous 5V 8K X 8 CMOS SRAM
|
ALSC[Alliance Semiconductor Corporation]
|
AS7C25512FT32_36A AS7C25512FT32A-10TQC AS7C25512FT |
2.5V 512K x 32/36 flowthrough burst synchronous SRAM 512K X 36 STANDARD SRAM, 8.5 ns, PQFP100 2.5V 512K x 32/36 flowthrough burst synchronous SRAM 512K X 32 STANDARD SRAM, 10 ns, PQFP100 2.5V 512K x 32/36 flowthrough burst synchronous SRAM 512K X 32 STANDARD SRAM, 8.5 ns, PQFP100 DIODE ZENER SINGLE 1000mW 47Vz 5.5mA-Izt 0.05 5uA-Ir 35.8Vr DO41-GLASS 5K/REEL Sync SRAM - 2.5V 2.5V 512K x 32/36 flowthrough burst synchronous SRAM
|
Alliance Semiconductor, Corp. Alliance Semiconductor Corporation ALSC Alliance Semiconductor ...
|
AS7C3256A-8 AS7C3256A-8TCN AS7C3256A-8JC AS7C3256A |
SRAM - 3.3V Fast Asynchronous 3.3V 32K X 8 CMOS SRAM (Common I/O) 32K X 8 STANDARD SRAM, 8 ns, PDSO28 Dual 4-Input Positive-AND Gate 14-SSOP -40 to 85 32K X 8 STANDARD SRAM, 8 ns, PDSO28
|
Alliance Semiconductor ... ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp.
|
DS1220AB-200-IND DS1220Y DS1220Y-100 DS1220Y-120 D |
2K X 8 NON-VOLATILE SRAM MODULE, 150 ns, PDIP24 2K X 8 NON-VOLATILE SRAM MODULE, 200 ns, PDIP24 16K Nonvolatile SRAM 2K X 8 NON-VOLATILE SRAM MODULE, 120 ns, PDIP24 16K Nonovolatile SRAM From old datasheet system
|
Maxim Integrated Products, Inc. MAXIM - Dallas Semiconductor DALLAS[Dallas Semiconducotr] DALLAS[Dallas Semiconductor] http://
|
M48Z2M1Y10 M48Z2M1V-85PL1 M48Z2M1Y-85PL1 M48Z2M1Y- |
5 V or 3.3 V, 16 Mbit (2 Mb x 8) ZEROPOWER庐 SRAM 5 V or 3.3 V, 16 Mbit (2 Mb x 8) ZEROPOWER? SRAM 2M X 8 NON-VOLATILE SRAM MODULE, 70 ns, PDIP36
|
STMicroelectronics
|