PART |
Description |
Maker |
MAX6710UT-T MAX6710IUT MAX6700UT-T MAX6710BUTT MAX |
Low-Voltage, High-Accuracy, Triple/Quad Voltage uP Supervisory Circuits in SOT Package Low-Voltage, High-Accuracy, Triple/Quad Voltage µP Supervisory Circuits in SOT Package 4-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO6 Low-Voltage, High-Accuracy, Triple/Quad Voltage μP Supervisory Circuits in SOT Package
|
Maxim Integrated Products, Inc. Maxim Integrated Produc...
|
633A31 633A32 633A21 631A22 631A21 631A31 |
Low-Voltage, High-Accuracy, Triple/Quad Voltage µP Supervisory Circuits in SOT Package Low-Voltage, SOT23, µP Supervisors with Power-Fail In/Out, Manual Reset, and Watchdog Timer Interface IC 接口IC Low-Voltage, High-Accuracy, Triple/Quad Voltage µP Supervisory Circuits in SOT Package 接口IC
|
DB Lectro, Inc. TE Connectivity, Ltd.
|
MAX670905 MAX6709LUB MAX6709JUB MAX6709CUB |
Low-Voltage, High-Accuracy, Quad Voltage Monitors in 渭MAX Package Low-Voltage, High-Accuracy, Quad Voltage Monitors in μMAX Package
|
Maxim Integrated Products Maxim Integrated Produc...
|
ADP3300ART-3-REEL ADP3300ART-3-REEL7 ADP3300ART-5- |
0.3-16V; high accuracy anyCAP 50mA low dropout linear regulator. For cellular telephones, notebook, palmtop computers, battery powered systems, PCMCIA regulators, bar code scanners, camcoders, cameras High Accuracy anyCAP 50 mA Low Dropout Linear Regulator High Accuracy anyCAP? 50 mA Low Dropout Linear Regulator High Accuracy anyCAP® 50 mA Low Dropout Linear Regulator High Accuracy anyCAP50 mA Low Dropout Linear Regulator THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 2.7 V FIXED POSITIVE LDO REGULATOR, 0.17 V DROPOUT, PDSO6 ULTRA SMALL, SOT-23, 6 PIN 3.3 V FIXED POSITIVE LDO REGULATOR, 0.17 V DROPOUT, PDSO6 ULTRA SMALL, SOT-23, 6 PIN 3.2 V FIXED POSITIVE LDO REGULATOR, 0.17 V DROPOUT, PDSO6 LEAD FREE, ULTRA SMALL, SOT-23, 6 PIN 3.2 V FIXED POSITIVE LDO REGULATOR, 0.17 V DROPOUT, PDSO6 ULTRA SMALL, SOT-23, 6 PIN
|
Analog Devices, Inc. ANALOG DEVICES INC
|
NJU7051 NJU7051D NJU7051M NJU7051V NJU7052 NJU7052 |
10-V Precision Micropower Shunt Voltage Reference, 0.5% accuracy 3-SOT-23 -40 to 85 低输入失调电压的C - MOS运算放大 10-V Precision Micropower Shunt Voltage Reference, 0.5% accuracy 3-TO-92 -40 to 85 10-V Precision Micropower Shunt Voltage Reference, 0.5% accuracy 5-SC70 -40 to 85 LOW INPUT OFFSET VOLTAGE C-MOS OPERATIONAL AMPLIFIER
|
New Japan Radio Co., Ltd. NJRC[New Japan Radio]
|
RX5RW RQ5RW19BA RQ5RW16BA RD5RW22BA RX5RW60 RD5RW6 |
The Rx5RW Series are CMOS-based voltage regulator ICs with high accuracy output voltage and ultra-low
|
RICOH electronics devices division
|
VRD1A1DLTX VRD1A1ELTX VRD1A25LTX VRD1A2FLTX VRD1A2 |
High speed, Low dropout, 1% High output accuracy CMOS Voltage Regulator with Dual output
|
AnaSem Hong Kong Limited
|
NCP3335DMR2285G NCP3335DMR2250G NCP3335DMR2330G NC |
High Accuracy Ultra−low Iq, 500 mA Low Dropout Regulator High Accuracy Ultra-low Iq, 500 mA Low Dropout Regulator From old datasheet system
|
ONSEMI[ON Semiconductor]
|
TC2015-2.85VCTTR TC2185-2.85VCTTR TC2014-3.0VCTTR |
The TC2014, TC2015, and TC2185 are high accuracy (typically ±0.4%) CMOS upgrades for older (bipolar) low dropout regulators ... The TC2054, TC2055, and TC2186 are high accuracy (typically ±0.4%) CMOS upgrades for older (bipolar) low dropout regulators. ...
|
Microchip
|