PART |
Description |
Maker |
870 |
Panel Mount, Shocksafe Medical Grade, 5x20mm Fuses
|
Littelfuse, Inc.
|
870 |
Panel Mount, Shocksafe Medical Grade, 5x20mm Fuses
|
LITTELFUSE[Littelfuse]
|
815 813 |
PC Mount, Shocksafe 5x20mm / 6.3x32mm Fuses
|
LITTELFUSE[Littelfuse]
|
835-20 824 824-20 |
Panel Mount for 5x20mm Fuses
|
LITTELFUSE[Littelfuse]
|
GMD81400 GMF11201 GMF10201 GMF90201 GMF10601 GMF10 |
CAPACITOR, VARIABLE, MICA, 250 V, 380 pF - 1300 pF, HORIZONTAL ADJUSTER, THROUGH HOLE MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 880 pF - 2330 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 15 pF - 130 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 2000 V, 10 pF - 48 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 275 pF - 970 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 550 pF - 1600 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 65 pF - 340 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 450 pF - 1390 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 1300 pF - 2830 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 115 pF - 550 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 1150 pF - 2605 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 45 pF - 280 pF, HORIZONTAL ADJUSTER, THROUGH HOLE MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 350 pF - 1180 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 190 pF - 760 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 780 pF - 2110 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 650 pF - 1890 pF, PANEL MOUNT
|
Sprague-Goodman Electronics, Inc.
|
6560000100 65600001009 6560000140 6590000000 66000 |
PC Mount, 5x20mm Fuses
|
Littelfuse
|
R573002345 R573002340 R573502410 R574183980 R57308 |
RF COAXIAL RELAY, SP3T, MOMENTARY, 0.25A (COIL), 12VDC (COIL), 3000mW (COIL), 3000MHz, PANEL MOUNT RF COAXIAL RELAY, SP4T, MOMENTARY, 0.25A (COIL), 12VDC (COIL), 3000mW (COIL), 3000MHz, PANEL MOUNT RF COAXIAL RELAY, SP9T, LATCHED, 0.5A (COIL), 28VDC (COIL), 14000mW (COIL), 12400MHz, PANEL MOUNT RF COAXIAL RELAY, SP12T, LATCHED, 1.28A (COIL), 12VDC (COIL), 15360mW (COIL), 3000MHz, PANEL MOUNT RF COAXIAL RELAY, SP6T, LATCHED, 0.375A (COIL), 28VDC (COIL), 10500mW (COIL), 12400MHz, PANEL MOUNT RF COAXIAL RELAY, SP11T, LATCHED, 1.375A (COIL), 28VDC (COIL), 38500mW (COIL), 3000MHz, PANEL MOUNT RF COAXIAL RELAY, SP10T, LATCHED, 3.2A (COIL), 12VDC (COIL), 38400mW (COIL), 12400MHz, PANEL MOUNT RF COAXIAL RELAY, SP12T, LATCHED, 1.5A (COIL), 28VDC (COIL), 42000mW (COIL), 12400MHz, PANEL MOUNT RF COAXIAL RELAY, SP4T, MOMENTARY, 0.102A (COIL), 28VDC (COIL), 2856mW (COIL), 3000MHz, PANEL MOUNT
|
Radiall S.A. RADIALL S A
|
C-141-1250AC-FDFB-SLC2 C-141-1250AC-FDFB-SLC2-G5 C |
1.25 Gbps Single Mode SFF LC Transceiver FIBER OPTIC TRANSCEIVER, 1585-1598nm, 1250Mbps(Tx), 1250Mbps(Rx), BOARD/PANEL MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1485-1498nm, 1250Mbps(Tx), 1250Mbps(Rx), BOARD/PANEL MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1385-1398nm, 1250Mbps(Tx), 1250Mbps(Rx), BOARD/PANEL MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1445-1458nm, 1250Mbps(Tx), 1250Mbps(Rx), BOARD/PANEL MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1265-1278nm, 1250Mbps(Tx), 1250Mbps(Rx), BOARD/PANEL MOUNT, LC CONNECTOR
|
Source Photonics, Inc.
|
PICOD PICOD-111-AK PICOD-111-AL PICOD-111-AL_D PIC |
Pushwheel Switches, Subminiature, Panel Mount, Dual Button THUMB/PUSHWHEEL SWITCH-1SWITCHES, HEXADECIMAL COMPLEMENT, 0.02A, 20VDC, PANEL MOUNT THUMB/PUSHWHEEL SWITCH-1SWITCHES, HEXADECIMAL, 0.02A, 20VDC, PANEL MOUNT THUMB/PUSHWHEEL SWITCH-1SWITCHES, BCD COMPLEMENT, 0.02A, 20VDC, PANEL MOUNT THUMB/PUSHWHEEL SWITCH-1SWITCHES, BINARY CODED DECIMAL, 0.02A, 20VDC, PANEL MOUNT
|
Tyco Electronics IXYS, Corp.
|
53358-1540 53358-0840 |
2.0 WtW Panel Mount Wafer Assy15CktWhite 15-15 CONTACT(S), MALE-MALE, CABLE MOUNT, PCB ADAPTER 2.0 WtW Panel Mount Wafer Assy 8CktWhite
|
Molex, Inc. MOLEX INC
|
C-159-155-FDFB-SLC5 C-127-155-FDFB-SLC9S-G5 C-127- |
155 Mbps Single Mode SFF LC Transceiver FIBER OPTIC TRANSCEIVER, 1305-1318nm, 155Mbps(Tx), 155Mbps(Rx), BOARD/PANEL MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1425-1438nm, 155Mbps(Tx), 155Mbps(Rx), BOARD/PANEL MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1265-1278nm, 155Mbps(Tx), 155Mbps(Rx), BOARD/PANEL MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1325-1338nm, 155Mbps(Tx), 155Mbps(Rx), BOARD/PANEL MOUNT, LC CONNECTOR
|
Source Photonics, Inc.
|
|