PART |
Description |
Maker |
SB120-05H 2513 |
40V, 1.1A Rectifier 40V的,1.1A的整流器 From old datasheet system 40V 1.1A Rectifier 50V, 12A Rectifier Schottky Barrier Diode (Twin Type Cathode Common)
|
Sanyo Electric Co., Ltd. SANYO[Sanyo Semicon Device]
|
SBA100-04J |
40V/ 10A Rectifier 40V 10A Rectifier Schottky Barrier Diode (Twin Type Cathode Common) 40V, 10A Rectifier
|
Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device]
|
MBRS540T3 MBRS540T3G |
SCHOTTKY BARRIER RECTIFIER 5.0 AMPERES 40 VOLTS 5 A, 40 V, SILICON, RECTIFIER DIODE 5A 40V Schottky rectifier in SMC
|
ONSEMI[ON Semiconductor]
|
SBA160-04R |
Schottky Barrier Diode (Twin Type Cathode Common) 40V, 16A Rectifier 2SS52M Series Omnipolar Magnetoresistive Sensor; radial lead IC package 40V/ 16A Rectifier
|
SANYO[Sanyo Semicon Device] Sanyo Electric Co.,Ltd.
|
VC-710-DFF-GFM-200.000 VC-710 VC-710-DFC-GFA-125.0 |
CRYSTAL 20.0000 MHZ 18PF SMD 压控晶体振荡 CONNECTOR ACCESSORY 连接器附 Voltage Controlled Crystal Oscillator 压控晶体振荡 RECTIFIER SCHOTTKY DUAL 10A 45V 125A-ifsm 0.7V-vf 0.1mA-ir TO-220AB 50/TUBE 压控晶体振荡 RECTIFIER SCHOTTKY SINGLE 10A 40V 150A-ifsm 0.84V-vf 0.1mA-ir TO220AC 50/TUBE RECTIFIER SCHOTTKY SINGLE 10A 45V 150A-ifsm 0.84V-vf 0.1mA-ir TO220AC 50/TUBE RECTIFIER SCHOTTKY SINGLE 10A 50V 150A-ifsm 0.95V-vf 0.1mA-ir TO220AC 50/TUBE RECTIFIER SCHOTTKY DUAL 10A 40V 125A-ifsm 0.7V-vf 0.1mA-ir TO-220AB 50/TUBE XTAL CER SMT 6X3.5 2PAD AB 6C 6#16 SKT PLUG
|
Electronic Theatre Controls, Inc. ETC[ETC] Vectron International, Inc
|
SB54-C SB53-C |
Schottky Pack: SMC SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE:30 TO 40V CURRENT: 5.0A
|
Gulf Semiconductor
|
SPJ-63S SPB-G56S MPE-24H SPB-64S SPB-G34 SPB-G34S |
Schottky Barrier Diodes (Power Surface Mount) 30V / 40V / 60V Schottky Barrier Diodes (Power Surface Mount) 30V, 40V, 60V 6 A, SILICON, RECTIFIER DIODE Schottky Barrier Diodes (Power Surface Mount) 30V, 40V, 60V 肖特基二极管(电源表面贴装)30V的,40V的,60V Schottky Barrier Diodes (Power Surface Mount) 30V, 40V, 60V 5 A, 40 V, SILICON, RECTIFIER DIODE Schottky Barrier Diodes (Power Surface Mount) 30V, 40V, 60V 3 A, 40 V, SILICON, RECTIFIER DIODE
|
http:// Sanken Electric Co., Ltd. Sanken Electric Co.,Ltd. SANKEN[Sanken electric]
|
MC78L05ACDR2G |
1A 40V Schottky Rectifier
|
ON Semiconductor
|
CBRHDSH1-200 CBRLD1SERIES |
SURFACE MOUNT HIGH DENSITY 1 AMP SILICON SCHOTTKY BRIDGE RECTIFIER 1.0A, 40V thru 200V Schottky Bridge Rectifier in the HD DIP package 1.0A, 200V thru 1000V Bridge Rectifi ers
|
Central Semiconductor Corp
|
M39208-10WNA6T M39208-12WNA1T M39208-12WNB6T M3920 |
256K X 8 FLASH 2.7V PROM, 120 ns, PDSO32 256K X 8 FLASH 2.7V PROM, 150 ns, PDSO32 256K X 8 FLASH 2.7V PROM, 100 ns, PDSO32 RECTIFIER SCHOTTKY DUAL 5A 40V 110A-Ifsm 0.5Vf 0.2A-IR PowerDI-5 5K/REEL 单芯2 Mbit闪存4千位并行EEPROM存储 Single Chip 2 Mbit Flash and 64 Kbit Parallel EEPROM Memory 单芯2 Mbit闪存4千位并行EEPROM存储 RECTIFIER FAST-RECOVERY SINGLE 1A 200V 30A-ifsm 1.3V-vf 150ns 5uA-ir A405 5K/REEL-13 RECTIFIER FAST-RECOVERY SINGLE 1A 200V 30A-ifsm 1.3V-vf 150ns 5uA-ir DO-41 5K/REEL-13 RECTIFIER SCHOTTKY SINGLE 10A 40V 275A-Ifsm 0.51Vf 0.7A-IR PowerDI-5 5K/REEL RECTIFIER FAST-RECOVERY SINGLE 1A 100V 30A-ifsm 1.2V-vf 150ns 5uA-ir DO-41 5K/REEL-13 DIODE, SCHOTTKY, 40V, 10A, POWER DI 5 RECTIFIER FAST-RECOVERY SINGLE 1A 100V 30A-ifsm 1.3V-vf 150ns 5uA-ir DO-41 5K/REEL-13
|
NUMONYX STMicroelectronics N.V. ST Microelectronics 意法半导
|
CMSH3-40FL |
3.0A, 40V Schottky Rectifier in the SMBFL package
|
Central Semiconductor Corp
|
SBA50-04J |
Schottky Barrier Diode (Twin Type ?Cathode Common) 40V, 5A Rectifier
|
Sanyo Semicon Device
|