PART |
Description |
Maker |
ST20-PPIUK ST20-PPI ST20-PPI110 ST20-PPI220 ST20-P |
PC PARALLEL PORT TO OS-LINK INTERFACE 并行端口的PC操作系统- Link接口 PC PARALLEL PORT TO OS-LINK INTERFACE 并行端口PC操作系统- Link接口 Cyclone II FPGA 15K FBGA-256 CYCLONE III FPGA 119K 780FBGA Cyclone II FPGA 15K FBGA-484 PC PARALLEL PORT TO OS-LINK INTERFACE
|
Vicor, Corp. STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics SGS Thomson Microelectronics
|
BC204VI BC214K BC213K BC173C BC153 BC209C BC209B B |
IC FLEX 6000 FPGA 10K 144-TQFP Programmable Logic IC; Logic Type:Programmable; No. of Macrocells:102; Package/Case:144-TQFP; Leaded Process Compatible:No; Number of Circuits:1728 Programmable Logic IC; Logic Type:Programmable; No. of Macrocells:66; Package/Case:100-TQFP; Leaded Process Compatible:No; Number of Circuits:576 FPGA Logic IC; Logic Type:Programmable; No. of Macrocells:147; Package/Case:208-PQFP; Leaded Process Compatible:No; Number of Circuits:4992; Peak Stratix II FPGA 180K FBGA-1020 Cyclone FPGA 6K FBGA-256 IC APEX 20KE FPGA 400K Cyclone FPGA 3K TQFP-144 晶体管|晶体管|叩| 20V的五(巴西)总裁| 100mA的一(c)|06
|
Electronic Theatre Controls, Inc.
|
BC212DCSM |
Dual Bipolar PNP Devices in a hermetically sealed Cyclone FPGA 20K FBGA-400
|
Seme LAB
|
XC3S400AN-4FG484C XC3S400AN-4FG676C XC3S400AN-4FGG |
FPGA, 896 CLBS, 400000 GATES, 667 MHz, PBGA484 FBGA-484 FPGA, 896 CLBS, 400000 GATES, 667 MHz, PBGA676 FBGA-676 FPGA, 896 CLBS, 400000 GATES, 667 MHz, PBGA676 ROHS COMPLIANT, FBGA-676 FPGA, 896 CLBS, 400000 GATES, 667 MHz, PBGA484 ROHS COMPLIANT, FBGA-484 FPGA, 896 CLBS, 400000 GATES, 667 MHz, PQFP144 TQFP-144 FPGA, 896 CLBS, 400000 GATES, 667 MHz, PQFP144 ROHS COMPLIANT, TQFP-144
|
Xilinx, Inc.
|
EP1C3T100C6 EP1C12Q240C8 EP1C6T400 EP1C6T400C6ES E |
Cyclone FPGA Family FPGA FPGA (Field-Programmable Gate Array) - Datasheet Reference
|
ALTERA[Altera Corporation] Altera Corp
|
EP4SGX110DF29C4 EP4SGX110DF29I4N EP4SGX110DF29C2X |
FPGA, 4224 CLBS, 717 MHz, PBGA780 29 X 29 MM, FBGA-780 FPGA, 4224 CLBS, 717 MHz, PBGA780 29 X 29 MM, LEAD FREE, FBGA-780 FPGA, 4224 CLBS, 800 MHz, PBGA780 29 X 29 MM, FBGA-780 FPGA, 11648 CLBS, 800 MHz, PBGA1932 45 X 45 MM, FBGA-1932 FPGA, 11648 CLBS, 717 MHz, PBGA1932 45 X 45 MM, FBGA-1932 FPGA, 2904 CLBS, 717 MHz, PBGA780 29 X 29 MM, LEAD FREE, FBGA-780 FPGA, 7030 CLBS, 717 MHz, PBGA1152 35 X 35 MM, LEAD FREE, FBGA-1152 FPGA, 7030 CLBS, 717 MHz, PBGA1152 35 X 35 MM, FBGA-1152
|
Altera International Limited
|
LFXP2-17E-6FN484C8W LFXP2-17E-6F484C8W LFXP2-17E-6 |
FPGA, 357 MHz, PBGA484 23 X 23 MM, LEAD FREE, FPBGA-484 FPGA, 357 MHz, PBGA484 23 X 23 MM, FPBGA-484 FPGA, 357 MHz, PBGA256
|
Lattice Semiconductor, Corp. LATTICE SEMICONDUCTOR CORP
|
EP2AGX125DF25C5NES EP2AGX125DF35I5NES EP2AGX65DF29 |
FPGA, 124100 CLBS, 500 MHz, PBGA572 25 X 25 MM, LEAD FREE, FBGA-572 FPGA, 124100 CLBS, 500 MHz, PBGA1152 35 X 35 MM, LEAD FREE, FBGA-1152 FPGA, 63250 CLBS, 500 MHz, PBGA780 29 X 29 MM, LEAD FREE, FBGA-780 FPGA, 124100 CLBS, 500 MHz, PBGA780 29 X 29 MM, LEAD FREE, FBGA-780
|
Altera International Limited ALTERA CORP
|
ST24W01 ST24W01B1TR ST24W01B3TR ST24W01B5TR ST24W0 |
128 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 Cyclone FPGA 6K PQFP-240 I2C串行EEPROM MOSFET, N POWERPAKMOSFET, N POWERPAK; Transistor type:MOSFET; Transistor polarity:N; Voltage, Vds max:30V; Case style:PowerPak SO-8; Current, Id cont:6.5A; Current, Idm pulse:40A; Power, Pd:1.5W; Resistance, Rds on:0.015R; SMD:1; 1000串行EEPROM128 × 8 MOSFET, N SO-8MOSFET, N SO-8; Transistor type:MOSFET; Transistor polarity:N; Voltage, Vds max:30V; Case style:PowerPak SO-8; Current, Id cont:11A; Current, Idm pulse:40A; Power, Pd:1.9W; Resistance, Rds on:15R; SMD:1; Charge, gate 000串行EEPROM28 × 8 IC FLEX 10K AKA FPGA I2C串行EEPROM SERIAL 1K 128 x 8 EEPROM 000串行EEPROM28 × 8 Stratix GX FPGA 10K 4-FBGA IC FLEX 10KA FPGA IC FLEX 6000 FPGA 24K 208-PQFP IC APEX 20KE FPGA 200K IC FLEX 10KB FPGA 100K IC APEX 20KE FPGA 400K (ST2xxx) SERIAL 1K 128 x 8 EEPROM From old datasheet system SERIAL 1K (128 x 8) EEPROM
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics ST Microelectronics
|
ORT42G5-2BM484C ORT42G5-2BM484I ORT42G5-3BM484C OR |
0.6 to 3.7 Gbps XAUI and FC FPSCs FPGA, BGA680 LEAD FREE, FPGA-680 FPGA, 1296 CLBS, 333000 GATES, BGA484 LEAD FREE, FPBGA-484 0.6 to 3.7 Gbps XAUI and FC FPSCs
|
Lattice Semiconductor, Corp.
|
|