PART |
Description |
Maker |
AZ432BN-TRE1 AZ432BR-TR AZ432BZ-TR AZ432BR-TRE1 AZ |
25/DSUB/PG/OP/PRASB/30AVG/100 PAK 34/PG/OP/LL/NFLG/30AVG LOW VOLTAGE (1.25V) ADJUSTABLE PRECISION SHUNT REGULATOR 低电压(1.25V时)可调精密并联稳压 9/PLASTIC JS/DSUB/RND CAB/100 PAK 低电压(1.25V时)可调精密并联稳压
|
BCD Semiconductor Manufacturing Limited BCD Semiconductor Manufacturing, Ltd.
|
RND0.8ZHH-M6 RND02ZGE-M6 RND02ZGE |
RND Series: 8-10W DC/DC Converters 38-75V Input 3.3V & 5.0V, 2V Dual Outputs 5V, available with trimming RND系列 - 10W的直直流转换8 - 75V输入3.3 INTEGRATED CKT STATIC SENS RND Series: 8-10W DC/DC Converters 38-75V Input 3.3V & 5.0V, ±12V Dual Outputs ±15V, available with trimming RND Series: 8-10W DC/DC Converters 38-75V Input 3.3V & 5.0V 12V Dual Outputs 15V available with trimming RND Series: 8-10W DC/DC Converters 38-75V Input 3.3V & 5.0V, 【12V Dual Outputs 【15V, available with trimming RND Series: 8-10W DC/DC Converters 38-75V Input 3.3V & 5.0V, ?2V Dual Outputs ?5V, available with trimming RND Series: 8-10W DC/DC Converters 38-75V Input 3.3V & 5.0V, 2V Dual Outputs 5V, available with trimming
|
AZ Displays, Inc. Kingbright, Corp. POWER-ONE[Power-One]
|
RCA9202A RCA9202B RCA9202C |
CAB 14C 14#16 SKT PLUG 4安培NPN达林顿功率晶体管 4 AMPERE NPN DARLINGTON POWER TRANSISTORS
|
ETC[ETC] GE Solid State
|
LC72323-XXXX |
LED RED/AMBR DIFFUSED(WHITE)RND
|
Sanyo Electric Co.,Ltd.
|
CY7C1298A-100NC GVT7164C18 GVT7164C18Q-5 GVT7164C1 |
Memory : Sync SRAMs 64K x 18 Synchronous Burst RAM Pipelined Output 64K X 18 STANDARD SRAM, 8 ns, PQFP100 PLASTIC, TQFP-100 64K X 18 STANDARD SRAM, 6 ns, PQFP100 PLASTIC, TQFP-100
|
Cypress Semiconductor, Corp.
|
0022282048 22-28-2048 |
2.54mm (.100) Pitch KK? Header, Breakaway, Right Angle, with Plastic Polarizing Peg, 4 Circuits, 0.38μm (15μ) Gold (Au) Selective Plating, with Backwalls Removed 2.54mm (.100) Pitch KK庐 Header, Breakaway, Right Angle, with Plastic Polarizing Peg, 4 Circuits, 0.38渭m (15渭) Gold (Au) Selective Plating, with Backwalls Remove 2.54mm (.100) Pitch KK垄莽 Header, Breakaway, Right Angle, with Plastic Polarizing Peg, 4 Circuits, 0.38楼矛m (15楼矛) Gold (Au) Selective Plating, with Backwalls Rem
|
Molex Electronics Ltd.
|
0022282022 22-28-2022 |
2.54mm (.100) Pitch KK? Header, Breakaway, Right Angle, with Plastic Polarizing Peg, 2 Circuits, 0.38μm (15μ) Gold (Au) Selective Plating 2.54mm (.100) Pitch KK庐 Header, Breakaway, Right Angle, with Plastic Polarizing Peg, 2 Circuits, 0.38渭m (15渭) Gold (Au) Selective Plating 2.54mm (.100) Pitch KK垄莽 Header, Breakaway, Right Angle, with Plastic Polarizing Peg, 2 Circuits, 0.38楼矛m (15楼矛) Gold (Au) Selective Plating
|
Molex Electronics Ltd.
|
0022282035 22-28-2035 |
2.54mm (.100) Pitch KK? Header, Breakaway, Right Angle, with Plastic Polarizing Peg, 3 Circuits, 0.38μm (15μ) Gold (Au) Selective Plating, with Kinked PC Tails 2.54mm (.100) Pitch KK庐 Header, Breakaway, Right Angle, with Plastic Polarizing Peg, 3 Circuits, 0.38渭m (15渭) Gold (Au) Selective Plating, with Kinked PC Tails 2.54mm (.100) Pitch KK垄莽 Header, Breakaway, Right Angle, with Plastic Polarizing Peg, 3 Circuits, 0.38楼矛m (15楼矛) Gold (Au) Selective Plating, with Kinked PC Tai
|
Molex Electronics Ltd.
|
OR2T04A4T100-DB OR2C04A4M84-D |
FPGA, 100 CLBS, 4800 GATES, PQFP100 TQFP-100 FPGA, 100 CLBS, 4800 GATES, PQCC84 PLASTIC, LCC-84
|
Lattice Semiconductor, Corp. Electronic Theatre Controls, Inc.
|
|