PART |
Description |
Maker |
AM28F010A AM28F010A-120EC AM28F010A-120ECB AM28F01 |
1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt/ Bulk Erase Flash Memory with Embedded Algorithms 0.5MM, ZIF, SMT, 42 POSITION, EMBOSS TAPE T&R RoHS Compliant: Yes CAP 100PF 1500V 20% NP0(C0G) SMD-1808 TR-13 PLATED-NI/SN 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 1兆位128亩8位)的CMOS 12.0伏,整体擦除闪存的嵌入式记忆算法 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 1兆位128亩8位)CMOS 12.0伏,整体擦除闪存的嵌入式记忆算法 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 1兆位28亩8位)的CMOS 12.0伏,整体擦除闪存的嵌入式记忆算法 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 128K X 8 FLASH 12V PROM, 200 ns, PQCC32 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 128K X 8 FLASH 12V PROM, 70 ns, PQCC32 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 128K X 8 FLASH 12V PROM, 120 ns, PDSO32 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 128K X 8 FLASH 12V PROM, 90 ns, PQCC32 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 128K X 8 FLASH 12V PROM, 150 ns, PDSO32 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 128K X 8 FLASH 12V PROM, 70 ns, PDSO32
|
Advanced Micro Devices, Inc. SPANSION LLC ADVANCED MICRO DEVICES INC
|
M29W256GL70ZS6E M29W256GH70ZS6E M29W256GH70N3E |
Parallel NOR Flash Embedded Memory
|
Micron Technology
|
M25P40-VMC6GX M25P40-VMB6TXX M25P40-VMC6TXX M25P40 |
Micron M25P40 Serial Flash Embedded Memory
|
Micron Technology
|
S34MS08G2 |
8 Gb, 4-Bit ECC, x8 I/O and 1.8 V VCC NAND Flash Memory for Embedded
|
Cypress Semiconductor
|
TE28F640J3D-75 |
Intel® Embedded Flash Memory (J3 v. D)
(32, 64, and 128 Mbit)
|
INTEL
|
PC28F512P30EF PC28F512P30BF PC28F512P30EFA PC28F51 |
Micron Parallel NOR Flash Embedded Memory (P30-65nm) Micron Parallel NOR Flash Embedded Memory (P30-65nm)
|
Micron Technology
|
AM28F512A-200EC AM28F512A-200ECB AM28F512A-200EE A |
512 Kilobit (64 K x 8-Bit) CMOS 12.0 Volt/ Bulk Erase Flash Memory with Embedded Algorithms
|
Advanced Micro Devices
|
AM28F010A AM28F010A-120EC AM28F010A-120ECB AM28F01 |
1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt/ Bulk Erase Flash Memory with Embedded Algorithms 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms
|
AMD[Advanced Micro Devices]
|
AM28F512A AM28F512A-90PIB AM28F512A-120EC AM28F512 |
512 Kilobit (64 K x 8-Bit) CMOS 12.0 Volt Bulk Erase Flash Memory with Embedded Algorithms 512 Kilobit (64 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms
|
AMD[Advanced Micro Devices]
|
CAT28F010 CAT28F010TI-70T CAT28F010PI-70T CAT28F01 |
120ns 2M-bit CMOS flash memory 90ns 2M-bit CMOS flash memory 70ns 2M-bit CMOS flash memory 1 Megabit CMOS Flash Memory High Speed CMOS Logic 8-Stage Shift-and-Store Bus Register with 3-Stage Outputs 16-PDIP -55 to 125
|
http:// CATALYST[Catalyst Semiconductor]
|
AM29F032B-75 AM29F032B-90EF |
32 Megabit (4 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory Flash Memory IC; Leaded Process Compatible:Yes; Memory Size:32Mbit; Package/Case:48-TSOP; Peak Reflow Compatible (260 C):Yes; Supply Voltage Max:5V; Access Time, Tacc:90ns; Series:AM29 RoHS Compliant: Yes 4M X 8 FLASH 5V PROM, 90 ns, PDSO40
|
Spansion, Inc.
|
AT25DF081-UUN-T AT25DF081-MHN-Y AT25DF081-MHN-T AT |
4 Mbit Uniform Sector, Serial Flash Memory 1M X 8 FLASH 1.8V PROM, PDSO8 8-megabit 1.65-volt Minimum SPI Serial Flash Memory
|
Atmel, Corp. 聚兴科技股份有限公司 ATMEL Corporation
|