PART |
Description |
Maker |
272-004 272-005 272-001 272-003 272-002 279.05 279 |
Serial Controlled, 8-Channel SPST Switch 16-Channel Dual 8 Channel, Low Leakage, CMOS Analog Multiplexers Quad, SPST, High-Speed, Break-Before-Make Analog Switch Evaluation Kit for the MAX3664 3.3V, 622Mbps SDH/SONET Laser Driver with Current Monitors and APC 622Mbps, Low-Power, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier 622Mbps, Ultra-Low-Power, 3.3V Transimpedance Preamplifier for SDH/SONET ±15kV ESD-Protected USB Level Translators in UCSP 3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control 保险
|
SIEMENS AG
|
5962-9233803MRX 5962-9233803MSX 5962-9233803MXX 59 |
Multirate Laser Driver with Extinction Ratio Control 155Mbps to 2.7Gbps SFF/SFP Laser Driver with Extinction Ratio Control Low-Power, 622Mbps Limiting Amplifiers with Chatter-Free Power Detect for LANs 622Mbps LAN/WAN Laser Driver with Automatic Power Control and Safety Shutdown 2.7Gbps, Low-Power SFP Laser Drivers 保险丝,可编程的PLD
|
限幅放大
|
MAX3760 MAX3760ESA MAX3760E_D MAX3760E/D |
622Mbps Low-Noise Transimpedance Preamplifier for LAN and WAN Optical Receivers 622Mbps / Low-Noise Transimpedance Preamplifier for LAN and WAN Optical Receivers 8-Bit Registered LVDM Transceiver 64-TSSOP -40 to 85 622Mbps、低噪声互阻前置放大器,用于LAN及WAN光接收器 Quad LVDS Transmitter with Flow-Through Pinout 16-SOIC -40 to 85 ATM/SONET/SDH SUPPORT CIRCUIT, PDSO8 622Mbps, Low-Noise Transimpedance Preamplifier for LAN and WAN Optical Receivers ATM/SONET/SDH SUPPORT CIRCUIT, UUC9
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
HCPL-902J TFRA08C13-DB M2004-01-622.0800 DS2187S M |
High Speed Digital Isolators 高速数字隔离器 Ultraframer DS3/E3/DS2/E2/DS1/E1/DS0 Ultraframer DS3/E3/DS2/E2/DS1/E1/DS0 Frequency Synthesizer 频率合成 Receive Line Interface DATACOM, PCM TRANSCEIVER, PDSO20 3.3V, 2.5Gbps, SDH/SONET 16:1 Serializer with Clock Synthesis and LVDS Inputs SERIAL TO PARALLEL/PARALLEL TO SERIAL CONVERTER, PQFP64 3.3V/5V E1 Single Chip Transceivers (SCT) DATACOM, PCM TRANSCEIVER, PQFP100 E1 Quad Transceiver DATACOM, FRAMER, PQFP100 622Mbps, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier CLOCK RECOVERY CIRCUIT, PQFP32 Low-Power, 622Mbps to 3.2Gbps Limiting Amplifier ATM/SONET/SDH SUPPORT CIRCUIT, QCC16 Ultraframer DS3/E3/DS2/E2/DS1/E1/DS0 DATACOM, FRAMER, PBGA256 Single/Dual/Triple/Quad ATM/Packet PHYs for DS3/E3/STS-1 10Gbps Clock and Data Recovery with Equalizer Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs ????涓???矾??S3/E3/STS-1 LIU DATACOM, FRAMER, PQCC44
|
Avago Technologies, Ltd. Toshiba, Corp. TE Connectivity, Ltd. Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
MAX6416 MAX6418 MAX6412 MAX6413UK37-T MAX6413UK38- |
330MHz, Low Power, Current Feedback Video Operational Amplifier with Output Disable; Temperature Range: -40°C to 85°C; Package: 8-PDIP " Low-Power, Single/Dual-Voltage ?P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay" Dual Long-Tailed Pair Transistor Array; Temperature Range: -40°C to 85°C; Package: 14-SOIC T&R 380MHz, SOT-23, Low Power Current Feedback Operational Amplifier; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R 12-Bit, 80 MSPS, High Speed Video D/A Converter; Temperature Range: 0°C to 70°C; Package: 28-SOIC Single 16 and 8, Differential 8-Channel and 4-Channel CMOS Analog MUXs with Active Overvoltage Protection; Temperature Range: -40°C to 85°C; Package: 28-SOIC 380MHz, SOT-23, Low Power Current Feedback Operational Amplifier; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R Gilbert Cell UHF Transistor Array; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R 850MHz, Low Distortion Programmable Gain Buffer Amplifier; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R 330MHz, Low Power, Current Feedback Video Operational Amplifier; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R 10-Bit, 40MSPS A/D Converter with CMOS Outputs; Temperature Range: 0°C to 70°C; Package: 28-SOIC T&R 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 8-Bit, 165/125/60MSPS, High Speed D/A Converter; Temperature Range: -40°C to 85°C; Package: 28-TSSOP T&R 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 Complete, 12-Bit A/D Converters with Microprocessor Interface; Temperature Range: See Datasheet; Package: 28-PDIP 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 12-Bit, Low Cost, Monolithic D/A Converters; Temperature Range: 0°C to 70°C; Package: 24-PDIP 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 360MHz, Low Power, Video Operational Amplifier with Output Limiting; Temperature Range: -40°C to 85°C; Package: 8-SOIC 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 Dual Long-Tailed Pair Transistor Array; Temperature Range: -40°C to 85°C; Package: 14-SOIC T&R
|
Maxim Integrated Products, Inc. 电源管理 MAXIM INTEGRATED PRODUCTS INC
|
MAX3746ETE MAX3746 |
From old datasheet system Low-Power, 622Mbps to 3.2Gbps
|
MAXIM[Maxim Integrated Products]
|
CXB1565R |
622Mbps Clock & Data Recovery
|
SONY
|
SP-12-LR1-CNA SP-12-LR1-TDA SP-12-LR1-TNA SP-12-LR |
622 Mbps SFP Transceiver FIBER OPTIC TRANSCEIVER, 1260-1360nm, 622Mbps(Tx), 622Mbps(Rx), PANEL MOUNT
|
Source Photonics, Inc.
|
T-11-622M-R3-MSC-G5 T-11-622M-R3-MST-G5 T-11-622M- |
FIBER OPTIC RECEIVER, 1100-1650nm, 622Mbps, PANEL MOUNT, FC CONNECTOR 622Mbps PIN-TIA Receiver Module-Receptacle (5pin-out, 3.3V)
|
Source Photonics, Inc.
|
C-13-15-622-TDFB3-SFC4 C-13-15-622C-TDFB3-SFC4 C-1 |
622 Mbps DFB Laser Single Mode Transceiver(LH) FIBER OPTIC TRANSCEIVER, 1260-1360nm, 622Mbps(Tx), 622Mbps(Rx), THROUGH HOLE MOUNT, FC CONNECTOR
|
Source Photonics, Inc. http://
|
|