PART |
Description |
Maker |
LT1721IGNTRPBF LT1721CSTRPBF LT1721CGNTRPBF LT1720 |
Quad, 4.5ns, Single Supply 3V/5V Comparators with Rail-to-Rail Outputs; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C QUAD COMPARATOR, 4500 uV OFFSET-MAX, 7 ns RESPONSE TIME, PDSO16 Quad, 4.5ns, Single Supply 3V/5V Comparators with Rail-to-Rail Outputs; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C QUAD COMPARATOR, 4500 uV OFFSET-MAX, 7 ns RESPONSE TIME, PDSO16 Quad, 4.5ns, Single Supply 3V/5V Comparators with Rail-to-Rail Outputs; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C QUAD COMPARATOR, 4500 uV OFFSET-MAX, 7 ns RESPONSE TIME, PDSO16 Dual, 4.5ns, Single Supply 3V/5V Comparators with Rail-to-Rail Outputs; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C UltraFast:4.5ns at 20mV Overdrive 7ns at 5mV Overdrive Dual/Quad, 4.5ns, Single Supply 3V/5V Comparators with Rail-to-Rail Outputs
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
ATF16V8C-7JU ATF16V8C-7PU ATF16V8C-10JI G16V8AS G1 |
7NS, PLCC, IND TEMP, GREEN(EPLD) FLASH PLD, 7.5 ns, PQCC20 7NS, PDIP, IND TEMP, GREEN(EPLD) FLASH PLD, 7.5 ns, PDIP20 16V8 FAM,300 GATE SPLD,5V,STD PWR 20 PIN(EPLD) FLASH PLD, 10 ns, PQCC20 Industry-standard architecture Emulates Many 20-pin PALs Low-cost, easy to use software tools
|
Atmel, Corp. ATMEL Corporation
|
LT1394 LT1394CMS8 LT1394CS8 LT1394IS8 1394F |
7ns/ Low Power/ Single Supply/ Ground-Sensing Comparator 7ns, Low Power, Single Supply, Ground-Sensing Comparator From old datasheet system
|
Linear Technology Corporation LINER[Linear Technology]
|
LT1394-15 |
7ns, Low Power, Single Supply, Ground-Sensing Comparator
|
Linear Technology
|
SMP600G-FK |
PIN. Photodiode(Excellent Linearity,Low Noise,Widest Spectral Response,Eye Response Detection)(PIN. 光电二极极好线性特性,低噪声,宽谱响应,信号灯响应检测)) P.I.N. PHOTODIODE
|
Semelab(Magnatec) Seme LAB
|
AD7507JP |
7ns, Low Power, Single Supply, Ground-Sensing Comparator; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 7ns, Low Power, Single Supply, Ground-Sensing Comparator; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 接口IC
|
TE Connectivity, Ltd.
|
MAX9202 MAX9201 MAX9203 |
Low-Cost, 7ns, Low-Power Voltage Comparators
|
MAXIM - Dallas Semiconductor
|
EPM7032LC44-15 EPM7160SLC84-10 EPM7160SLC84-6 EPM7 |
Programmable logic , 160 macrocells, 10 logic array blocks, 64 I/O pins, 20ns Programmable logic , 64 macrocells, 4 logic array blocks, 36 I/O pins, 6ns Programmable logic , 128 macrocells, 8 logic array blocks, 84 I/O pins, 6ns Programmable logic , 32 macrocells, 2 logic array blocks, 36 I/O pins, 12ns Programmable logic , 96 macrocells, 6 logic array blocks, 52 I/O pins, 15ns Programmable logic , 128 macrocells, 8 logic array blocks, 100 I/O pins, 7ns Programmable logic , 128 macrocells, 8 logic array blocks, 84 I/O pins, 7ns Programmable logic , 32 macrocells, 2 logic array blocks, 36 I/O pins, 7ns Programmable logic , 256 macrocells, 16 logic array blocks, 164 I/O pins, 12ns Programmable logic , 192 macrocells, 12 logic array blocks, 124 I/O pins, 12ns Programmable logic , 64 macrocells, 4 logic array blocks, 36 I/O pins, 7ns Programmable logic , 64 macrocells, 4 logic array blocks, 68 I/O pins, 15ns Programmable logic , 160 macrocells, 10 logic array blocks, 84 I/O pins, 10ns Programmable logic , 160 macrocells, 10 logic array blocks, 104 I/O pins, 10ns Programmable Logic Device Family 可编程逻辑器件系列 Programmable logic , 160 macrocells, 10 logic array blocks, 64 I/O pins, 10ns Programmable logic , 160 macrocells, 10 logic array blocks, 64 I/O pins, 6ns Programmable logic , 256 macrocells, 16 logic array blocks, 164 I/O pins, 20ns Programmable logic , 32 macrocells, 2 logic array blocks, 36 I/O pins, 15ns Programmable logic , 192 macrocells, 12 logic array blocks, 124 I/O pins, 15ns Programmable logic , 192 macrocells, 12 logic array blocks, 124 I/O pins, 20ns Programmable logic , 256 macrocells, 16 logic array blocks, 164 I/O pins, 15ns Programmable logic , 64 macrocells, 4 logic array blocks, 36 I/O pins, 15ns Programmable logic , 64 macrocells, 4 logic array blocks, 68 I/O pins, 7ns Programmable logic , 96 macrocells, 6 logic array blocks, 64 I/O pins, 15ns Programmable logic , 32 macrocells, 2 logic array blocks, 36 I/O pins, 6ns Programmable logic , 64 macrocells, 4 logic array blocks, 68 I/O pins, 6ns Programmable logic , 128 macrocells, 8 logic array blocks, 68 I/O pins, 6ns Programmable logic , 64 macrocells, 4 logic array blocks, 68 I/O pins, 10ns Programmable logic , 96 macrocells, 6 logic array blocks, 76 I/O pins, 7ns Programmable logic , 32 macrocells, 2 logic array blocks, 36 I/O pins, 10ns
|
Altera, Corp. Altera Corporation
|
IRG4BC30UDPBF |
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE UltraFast CoPack IGBT
|
International Rectifier
|
UFB60FA20 |
200V 60A Ultrafast Doubler Diode in a SOT-227 package Insulated Ultrafast Rectifier Module
|
IRF[International Rectifier]
|
IRG4BC30KDPBF |
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE Short Circuit Rated UltraFast 1GBT
|
International Rectifier
|
|