PART |
Description |
Maker |
BU7831KN-E2 BU7831KN10 |
Voice/Audio Mixer & Selector IC
|
Rohm
|
FALC54 FALC14L1 |
Framing and Line Interface Component for PCM 30 and PCM 24 From old datasheet system
|
Infineon
|
HCF4519 HCF4519B HCF4519BC1 HCF4519BEY HCF4519BM1 |
And-Gated J-K Master-Slave Flip-Flops With Preset And Clear 14-CDIP -55 to 125 4 -位和/或选择 4 - BIT AND/OR SELECTOR 4 BIT AND/OR SELECTOR
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics ST Microelectronics
|
AD1861R-J-REEL7 AD1851R-REEL7 AD1851RZ-J AD1851R-J |
16-Bit/18-Bit, 16 X Fs PCM Audio DACs 16-Bit/18-Bit6 X Fs的PCM音频数模转换 16-Bit/18-Bit/ 16 X Fs PCM Audio DACs LBS Series Full Extension Ball Bearing Slide, with Lock Out RoHS Compliant: Yes CONNECTOR ACCESSORY 16-Bit/18-Bit, 16 3 FS PCM Audio DACs
|
ANALOG DEVICES INC Analog Devices, Inc. http://
|
BT8510EPJC BT8510 BT8510EPJ BT8510EPJB |
68-pin Plastic Leaded Chip Carrier (PLCC) PCM TRANSCEIVER,SINGLE,CEPT PCM-30/E-1,CMOS,LDCC,68PIN,PLASTIC
|
ETC Conexant Systems Inc
|
PEB2466-HV1.2 |
Four Channel Codec Filter with PCM- and m-Controller Interface SICOFI4-mC A/MU-LAW, PCM CODEC, PQFP64
|
SIEMENS AG
|
MC74HC151 MC74HC151D MC74HC151N ON1354 |
8-Input Data Selector/Multiplexer 8-INPUT DATA SELECTOR/MULTLPLEXER From old datasheet system
|
Motorola, Inc ON Semi
|
1701340600 1701340601 1701340700 1701160152 170140 |
Wiring Kit for PCM-8150 Wiring Kit for PCM-8120 Wiring Kit for PCM-5895 Rev.A Wiring Kit for PCM-8120
|
AAEON Technology
|
IRH015020LW02 IRJ008010LW02 IRJ015020LW02 IRH05405 |
1500 MHz - 2000 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 7 dB CONVERSION LOSS-MAX 800 MHz - 1000 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 7.5 dB CONVERSION LOSS-MAX 5400 MHz - 5900 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 7 dB CONVERSION LOSS-MAX 9500 MHz - 10500 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 8 dB CONVERSION LOSS-MAX 2300 MHz - 2500 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 7 dB CONVERSION LOSS-MAX 8500 MHz - 9600 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 8 dB CONVERSION LOSS-MAX 2000 MHz - 4000 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 7.5 dB CONVERSION LOSS-MAX 12000 MHz - 15000 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 8.5 dB CONVERSION LOSS-MAX 2100 MHz - 2300 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 7 dB CONVERSION LOSS-MAX 3700 MHz - 4200 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 7 dB CONVERSION LOSS-MAX 1000 MHz - 2000 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 7.5 dB CONVERSION LOSS-MAX 16000 MHz - 19000 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 9 dB CONVERSION LOSS-MAX 10000 MHz - 12000 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 8.5 dB CONVERSION LOSS-MAX
|
MITEQ INC
|
TDA6131XS |
Modulators & Universal-Mixer-Amplifiers - Mixer/Oscillator/LNA; Package: P-TSSOP-16
|
Infineon
|