PART |
Description |
Maker |
ICS93V857 ICS93V857YG-025T ICS93V857YG-125T ICS93V |
2.5V Wide Range Frequency Clock Driver (33MHz - 233MHz) 2.5V的宽量程频率时钟驱动器(33MHz 233MHz
|
Integrated Circuit Solution Inc ICST[Integrated Circuit Systems] Integrated Circuit Syst...
|
HHBA-5101 HHBA-5101C HHBA-5101CP |
1 Gb 64-bit. 33MHz Tachyon TL PCI-to-Fibre Channel Adapter. Bulk Packaging Agilent HHBA-5101 64-bit Tachyon TL PCI-to-Fibre Channel Adapter HHBA-5101C · 1 Gb 64-bit, 33MHz Tachyon TL PCI-to-Fibre Channel Adapter HHBA-5101CP · 1 Gb 64-bit, 33MHz Tachyon TL PCI-to-Fibre Channel Adapter, Bulk Packaging
|
HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
AB-2061G-33 |
33Mhz PCI to Local Bus Interface
|
Electronic Theatre Controls, Inc.
|
HSP48410 |
Histogrammer/Accumulating Buffer, 10-Bit Pixel Data, 4Kx4K Frame Sizes, 33MHz
|
Intersil
|
BV-N30DRD BV-A301RD BV-A302RD BV-A303RD BV-A304RD |
FIVE SIX DIGIT LED DISPLAYS 位LED显示 INDUCTOR 12NH .45A 0603 5% OSCILLATOR, 33MHZ, 3.3V, SMT
|
Electronic Theatre Controls, Inc. Yellow Stone Corp ETC[ETC] List of Unclassifed Manufacturers
|
PLS105N PLUS105-55N3 PLUS105-55A PLUS105-40N3 PLUS |
Serial 16-Bit Multiplying DACs; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 1kHz to 33MHz Resistor Set SOT-23 Oscillator; Package: SOT; No of Pins: 5; Temperature Range: 0°C to 70°C Fuse-Programmable PLD 保险丝,可编程的PLD 1kHz to 33MHz Resistor Set SOT-23 Oscillator; Package: SOT; No of Pins: 5; Temperature Range: 0°C to 70°C
|
Black Box, Corp.
|
PCI6156-DA33PC PCI6156 |
Synchronous, 32-bit, 33MHz PCI-to-PCI Bridge for Video Capture Applications
|
PLX Technology
|
AS5SP1M18DQ AS5SP1M18DQ-30ET AS5SP1M18DQ-30IT AS5S |
1M X 18 CACHE SRAM, 3.5 ns, PQFP100 14 X 20 MM, MS-026-D/BHA, TQFP-100 1M X 18 CACHE SRAM, 4 ns, PQFP100 14 X 20 MM, MS-026-D/BHA, TQFP-100 Plastic Encapsulated Microcircuit 18Mb, 1M x 18, Synchronous SRAM Pipeline Burst, Single Cycle Deselect
|
Austin Semiconductor, Inc Micross Components
|
SY89531LHZ SY89531LHZTR SY89531L08 SY89531LHCTR |
3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER 622.08 MHz, OTHER CLOCK GENERATOR, PQFP64
|
Micrel Semiconductor, Inc.
|
IS61NVP10018-166TQI IS61NVP51236-166TQ IS61NVP1001 |
1M X 18 ZBT SRAM, 3.6 ns, PQFP100 TQFP-100 512K X 36 ZBT SRAM, 3.6 ns, PQFP100 TQFP-100 1M X 18 ZBT SRAM, 4.2 ns, PQFP100 TQFP-100
|
Integrated Silicon Solution, Inc.
|
EPM240ZM68C7N EPM1270T144C3N EPM570T144C5 EPM570T1 |
FLASH PLD, PBGA68 LEAD FREE, MICRO, FBGA-68 FLASH PLD, PQFP144 22 X 22 MM, 0.50 MM PITCH, LEAD FREE, TQFP-144 FLASH PLD, PQFP144 22 X 22 MM, 0.50 MM PITCH, TQFP-144 The MAX II family of instant-on, non-volatile CPLDs is based on a 0.18-m, FLASH PLD, PBGA324
|
Altera, Corp. Altera International Limited Altera Corporation
|