PART |
Description |
Maker |
NTB90N02 NTB90N02T4 NTP90N02 |
Power MOSFET 90 Amps / 24 Volts TV 18C 14#22D 4#8(TWINAX) PIN 90 A, 24 V, 0.0058 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 90 Amps, 24 Volts Power MOSFET 90 Amps 24 Volts
|
ONSEMI[ON Semiconductor]
|
NTMS4P01R2 NTMS4P01R2/D NTMS4P01R2-D |
Power MOSFET -4.5 Amps, -12 Volts P-Channel Enhancement-Mode Single SO-8 Package Receptacle With A Standard Tail Power MOSFET -4.5 Amps-12 Volts
|
ON Semiconductor
|
NTD24N06L NTD24N06L-1 NTD24N06L-1G NTD24N06LG NTD2 |
Power MOSFET 24 Amps, 60 Volts, Logic Level N-Channel DPAK; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Tape and Reel; Qty per Container: 2500 24 A, 60 V, 0.045 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 24Amps, 60Volts Logic Level N-Channel DPAK(24A, 60 V,逻辑电平,N通道,DPAK封装的功率MOSFET) Power MOSFET 24 Amps, 60 Volts Logic Level, N−Channel DPAK
|
ON Semiconductor
|
NTMD2P01R2 NTMD2P01R2-D |
Power MOSFET -2.3 Amps, -16 Volts Dual SO-8 Package Power MOSFET -2.3 Amps, -16 Volts Dual SO Package(-2.3A16V,双通道SO-8封装的功率MOSFET) 2.3 A, 16 V, 0.1 ohm, 2 CHANNEL, P-CHANNEL, Si, POWER, MOSFET
|
ON Semiconductor
|
NTB75N03-06T4G NTB75N03-06G NTB75N03-006 NTB75N03- |
75 A, 30 V, 0.0065 ohm, N-CHANNEL, Si, POWER, MOSFET LEAD FREE, CASE 418AA-01, D2PAK-3 Power MOSFET 75 Amps, 30 Volts
|
ON Semiconductor
|
NTMD6P02R2 NTMD6P02R2-D NTMD6P02 |
Power MOSFET 6 Amps, 20 Volts P?Channel SO, Dual(6A0V,双P沟道SO-8封装的功率MOSFET) Power MOSFET 6 Amps, 20 Volts P-Channel SO-8, Dual
|
ONSEMI[ON Semiconductor]
|
NTB45N06L NTP45N06LG |
Power MOSFET 45 Amps, 60 Volts, Logic Level; Package: D2PAK 3 LEAD; No of Pins: 3; Container: Rail; Qty per Container: 50 45 A, 60 V, 0.028 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 45 Amps, 60 Volts, Logic Level, N-Channel TO-220; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50 45 A, 60 V, 0.028 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB Power MOSFET 45 Amps, 60 Volts Logic Level, N?Channel TO?20 and D2PAK
|
ON Semiconductor
|
NTP18N06L NTB18N06LT4 NTB18N06LT4G NTB18N06L |
Power MOSFET 15 Amps, 60 Volts, Logic Level (N−Channel TO−220 and DPAK) 15 A, 60 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 15 Amps, 60 Volts, Logic Level (N−Channel TO−220 and DPAK) Power MOSFET 15 Amps, 60 Volts, Logic Level N-Channel, D2 Pak
|
Microsemi, Corp. ONSEMI[ON Semiconductor]
|
NTMS5P02R206 NTMS5P02R2G NTMS5P02R2 |
Power MOSFET -5.4 Amps, -20 Volts 3950 mA, 20 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
ONSEMI[ON Semiconductor]
|
NTP75N03RG NTB75N03R NTB75N03RG |
Power MOSFET 75 A, 25V N-Channel, TO-220; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50 75 A, 25 V, 0.013 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB Power MOSFET 75 Amps, 25 Volts N?Channel D2PAK, TO?20
|
ON Semiconductor
|
MTD20N06HDLT4 |
Power MOSFET 20 Amps, 60 Volts, Logic Level N−Channel DPAK 20 A, 60 V, 0.07 ohm, N-CHANNEL, Si, POWER, MOSFET
|
ON Semiconductor
|
NTP75N03-06-D NTP75N03-06/D |
Power MOSFET 75 Amps30 Volts Power MOSFET 75 Amps, 30 Volts N-Channel TO-220 and D2PAK
|
ON Semiconductor
|
|