PART |
Description |
Maker |
ADSP-21161N |
Low Cost 32-Bit SHARC DSP
|
Analog Devices
|
MSC7119VM1200 |
Low-Cost 16-bit DSP with DDR Controller and 10/100 Mbps Ethernet MAC
|
飞思卡尔半导体(中国)有限公司
|
MSC7116VM1000 MSC7116VF1000 MSC7116 |
Low-Cost 16-bit DSP with DDR Controller and 10/100 Mbps Ethernet MAC
|
Freescale Semiconductor, Inc
|
ADSP-2163KP-100 ADSP-2166KS-66 ADSP-2166BS-66 ADSP |
DSP Microcomputers with ROM RECTIFIER FAST-RECOVERY SINGLE 1.5A 100V 50A-ifsm 1V-vf 50ns 5uA-ir DO-15 1K/BULK 100V 1A ULTRA FAST LOW-LOSS CONTROLLED AVALANCHE RECTIFIER, SMA US1 SERIES, DO- DSP Microcomputers with ROM 24-BIT, 16.67 MHz, OTHER DSP, PQCC68 DSP Microcomputers with ROM 24-BIT, 10.24 MHz, OTHER DSP, PQCC68 DSP Microcomputers with ROM 24-BIT, 20 MHz, OTHER DSP, PQFP80
|
Analog Devices, Inc. ANALOG DEVICES INC http://
|
ADSP-2183KST-133 ADSP-2183BST-133 ADSP-2183KST-210 |
24-BIT, 20 MHz, OTHER DSP, PQFP128 LM2941/LM2941C 1A Low Dropout Adjustable Regulator; ; Container: Tray DSP Microcomputer 24-BIT, 14.4 MHz, OTHER DSP, PQFP128
|
ANALOG DEVICES INC Analog Devices, Inc.
|
ADSP-21369BBP-2A ADSP-21368BBP-2A ADSP-21367KBP-2A |
SHARC Processors 32-BIT, 55.56 MHz, OTHER DSP, PBGA256 32-BIT, 66.67 MHz, OTHER DSP, PBGA256 MO-192BAL-2, BGA-256 High-Performance 32-bit Floating-Point SHARC Processor for General Purpose Applications; Package: 208 Ld LQFP(28x28 w_8.9mm_heatsink); No of Pins: 208; Temperature Range: Comm. 32-BIT, 44.44 MHz, OTHER DSP, PQFP208 32-BIT, 55.56 MHz, OTHER DSP, PQFP208 32-BIT, 61.012 MHz, OTHER DSP, PQFP208
|
Analog Devices, Inc. ANALOG DEVICES INC
|
MAX5360 MAX5360LEUK MAX5360MEUK MAX5360NEUK MAX536 |
4 V,low-cost, low-power, 6-bit DAC with 2-wire serial interface Low-Cost, Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package 低成本,低功耗,6位DAC,带线串行接口,采用SOT23封装 Low-Cost, Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package SERIAL INPUT LOADING, 20 us SETTLING TIME, 6-BIT DAC, PDSO5 Low-Cost / Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package Low-Cost Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package 2 V,low-cost, low-power, 6-bit DAC with 2-wire serial interface
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
CS48500 |
Cost-effective, High-performance 32-bit DSP
|
Cirrus Logic
|
TC3405 TC3405VPE TC3405VQR |
The TC3405 is a low cost, low power analog-to-digital converter based on Microchip’s Sigma-Delta technology. It performs 16-bit conversions (15-bit plus sign) at up to eight per second.Thedeviceis optimizedforuseas microcontroller pe 16-Bit, Low Cost, Low Power Sigma-Delta A/D Converter
|
MICROCHIP[Microchip Technology]
|
ADSP-2181BST-133 ADSP-2181KST-133 ADSP-2181BS-133 |
16-bit, 40 MIPS, 5v, 2 Serial Ports, Host Port, 80 KB RAM DSP Microcomputer 24-BIT, 16.67 MHz, OTHER DSP, PQFP128 DSP Microcomputer 24-BIT, 14.4 MHz, OTHER DSP, PQFP128
|
ANALOG DEVICES INC Analog Devices, Inc.
|
ADSP-21060KB-160 ADSP-21060LKS-160 ADSP-21060KS-16 |
RES, 2.2 K SM CHIP 5% 50V 1/16 WATT, 0603 48-BIT, 40 MHz, OTHER DSP, PBGA225 ADSP-2106x SHARC DSP Microcomputer Family 48-BIT, 40 MHz, OTHER DSP, PBGA225
|
Analog Devices, Inc.
|
MAX708TESA MAX706T MAX708TCSA MAX708SEPA MAX708SMJ |
3V Voltage Monitoring, Low-Cost, ?? Supervisory Circuits 3V Voltage Monitoring, Low-Cost, レP Supervisory Circuits 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDIP8 103SR Series Unipolar Hall-Effect Digital Position Sensor with 15/32 in cylindrical stainless steel housing; two hex nuts; 1 m [39.4 in] jacketed cable; current sinking output; and Vdc supply voltage 3V Voltage Monitoring / Low-Cost / P Supervisory Circuits 3V Voltage Monitoring, Low-Cost, P Supervisory Circuits 3V VOLTAGE MONITORING, LOW-COST, ヌP SUPERVISORY CIRCUITS 3V Voltage Monitoring Low-Cost P Supervisory Circuits 3V Voltage Monitoring, Low-Cost, μP Supervisory Circuits
|
Maxim Integrated Produc... MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm http:// MAXIM - Dallas Semiconductor
|
|