PART |
Description |
Maker |
MC10E136-D |
5V ECL 6 Bit Universal Up/Down Counter
|
ON Semiconductor
|
100395QC 100395 100395QCX 100395CW |
ECL-to-TTL Translator 9 ECL TO TTL TRANSLATOR, TRUE OUTPUT, PQCC28 Low Power 9-Bit ECL-to-TTL Translator with Registers(低功耗、单电源、带寄存器的9位ECL电平到TTL电平转换 From old datasheet system Low Power Hex TTL-to-ECL Translator
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
PDU54-1500 PDU54-2000 PDU54-1200M PDU54-1200MC4 PD |
Delay 1500 /-200 ns, 4-BIT, ECL-interfaced programmable delay line Delay 2000 /-400 ns, 4-BIT, ECL-interfaced programmable delay line Delay 1200 /-200 ns, 4-BIT, ECL-interfaced programmable delay line Delay 1000 /-200 ns, 4-BIT, ECL-interfaced programmable delay line Delay 200 /-60 ns, 4-BIT, ECL-interfaced programmable delay line Delay 100 /-50 ns, 4-BIT, ECL-interfaced programmable delay line
|
Data Delay Devices Inc
|
100393QC 100393 100393QCX |
Low Power 9-Bit ECL-to-TTL Translator with Latches From old datasheet system ECL-to-TTL Translator 9 ECL TO TTL TRANSLATOR, TRUE OUTPUT, PQCC28
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
MC100EP016AFAR2 MC100EP016A MC100EP016AFA |
3.3 V ECL 8-Bit Synchronous Binary Up Counter 3.3伏ECL 8位二进制计数器同步最 3.3 V ECL 8-Bit Synchronous Binary Up Counter 100E SERIES, SYN POSITIVE EDGE TRIGGERED 8-BIT UP BINARY COUNTER, PQFP32
|
ONSEMI[ON Semiconductor]
|
MC100LVE310FN MC100LVE31006 MC100LVE310FNG MC100LV |
3.3V ECL 2:8 Differential Fanout Buffer(3.3V ECL 2 差分输出缓冲 3.3V的差分ECL 2:8扇出缓冲器(3.3 ECL 2:8差分输出缓冲器)
|
ONSEMI[ON Semiconductor]
|
MC100EL07DTR2 MC100EP33DR2 MC100EL38 |
5V ECL 2-Input XOR/XNOR 3.3V / 5V ECL ÷4 Divider 5V ECL Divide by 2, Divide by 4/6 Clock Generation Chip
|
ON Semiconductor
|
74VCXR162601 74VCXR162601MTD |
Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26-Ohm Series Resistors in the Outputs Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26ヘ Series Resistors in the Outputs Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26 Series Resistors in the Outputs Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26Series Resistors in the Outputs 低电8位通用总线收发器,.6V耐压输入和输出和26ヘ系列的输出电阻 Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26Series Resistors in the Outputs ALVC/VCX/A SERIES, 18-BIT REGISTERED TRANSCEIVER, TRUE OUTPUT, PDSO56
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
AV16601DGG AV16601DL 74ALVT16601 74ALVT16601DGG 74 |
Hex Schmitt-Trigger Inverters 14-SSOP -40 to 85 18位通用总线收发器,三 18-bit universal bus transceiver (3-State) 18-bit universal bus transceiver 3-State
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
AZ10EL89DR2 AZ10EL89 AZ10EL89D AZ10EL89DR1 |
From old datasheet system ECL/PECL Coaxial Cable Driver ECL / PECL的同轴电缆驱动器
|
Arizona Microtek List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|