PART |
Description |
Maker |
SP809EK-2-9_TR SP809EK-4-6_TR SP809-23 SP809-26 SP |
3 Pin Microprocessor Supervisor Circuit
|
SIPEX[Sipex Corporation]
|
MAX6917EO50T |
I<sup>2</sup>C-Compatible RTC with Microprocessor Supervisor, Alarm, and NV RAM Controller
|
MAXIM INTEGRATED PRODUCTS INC
|
MAX708T MAX708 |
3 V microprocessor supervisor circuit with power fail comparator and manual reset
|
Philips
|
MAX708T |
3 V microprocessor supervisor circuit with power fail comparator and manual reset
|
Philips
|
MAX691705 MAX6917EO30 MAX6917EO33 MAX6917EO50 |
I2C-Compatible RTC with Microprocessor Supervisor, Alarm, and NV RAM Controller
|
Maxim Integrated Products
|
MAX6916EO50 MAX6916EO33 |
SPI-Compatible RTC with Microprocessor Supervisor, Alarm, and NV RAM Controller
|
MAXIM - Dallas Semiconductor
|
MAX6916EO30 MAX6916EO33 MAX6916EO50 MAX691605 |
SPI-Compatible RTC with Microprocessor Supervisor, Alarm, and NV RAM Controller
|
Maxim Integrated Products
|
X5643P X5643P-4.5A X5643S14 X5643S14-2.7 X5643S14- |
RTC Module With CPU Supervisor 时钟模块CPU监控 CPU Supervisor with 64Kbit SPI EEPROM
|
Intersil, Corp. XICOR[Xicor Inc.]
|
X4323 X4325V8-4.5A |
RTC Module With CPU Supervisor CPU Supervisor with 32K EEPROM
|
INTERSIL CORP http://
|
TC32M TC32MCDB TC32MEZB TC32MCZB TC32MEDB TC32MEDB |
The TC32M is a fully-integrated processor supervisor in a 3-pin package. It provides three important functions to safeguard processor sanity: precision power on/off RESET control, watchdog timer and external RESET override. On power-up, th The TC32M is a fully-integrated processor supervisor in a 3-pin package. It provides three important functions to safeguard processor ... ECONOMONITOR? 3-Pin System Supervisor with Power Supply Monitor and Watchdog ECONOMONITOR. 3-Pin System Supervisor with Power Supply Monitor and Watchdog ECONOMONITOR⑩. 3-Pin System Supervisor with Power Supply Monitor and Watchdog CONNECTOR ACCESSORY
|
MICROCHIP[Microchip Technology] Microchip Technology Inc.
|
EP910ILI-12 EP910LC-30T EP910LI-35 EP910PI-35 EP91 |
CPU Supervisor with 16Kbit SPI EEPROM; Temperature Range: -40°C to 85°C; Package: 8-PDIP CPU Supervisor with 16Kbit SPI EEPROM; Temperature Range: 0°C to 70°C; Package: 8-SOIC CPU Supervisor with 16Kbit SPI EEPROM; Temperature Range: 0°C to 70°C; Package: 14-TSSOP UV-Erasable/OTP PLD CPU Supervisor with 16Kbit SPI EEPROM; Temperature Range: 0°C to 70°C; Package: 8-PDIP RTC Module With CPU Supervisor 时钟模块CPU监控
|
Rochester Electronics, LLC
|