PART |
Description |
Maker |
5.0SMLJ90A 5.0SMLJ100A 5.0SMLJ110A 5.0SMLJ11A 5.0S |
Transient Voltage Suppressor 11 to 170 Volts 5000 Watt 5000 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB
|
Micro Commercial Compon... MCC[Micro Commercial Components] Micro Commercial Components Corp. Micro Commercial Components, Corp.
|
5KP8.0 5KP5.0 5KP6.0CA 5KP6.5CA 5KP7.5CA 5KP7.0CA |
5000 Watt Transient Voltage Suppressors 5.0 to 250 Volts
|
Micro Commercial Components Micro Commercial Compon...
|
SEN-R-1050-004 SEN-R-1050-XXX SEN-R-1050-001 SEN-R |
TRANSIENT VOLTAGE SUPPRESSOR 5000 WATT SERIES GLASS PASSIVATED DIE/CELL
|
SENSITRON[Sensitron]
|
5KP210A |
Silicon Avalanche Diodes - 5000 Watt Axial Leaded Transient Voltage Suppressor
|
Littelfuse, Inc.
|
5KP120A 5KP90CA 5KP100A 5KP100CA 5KP10A 5KP10CA 5K |
Silicon Avalanche Diodes - 5000 Watt Axial Leaded Transient Voltage Suppressor
|
LITTELFUSE[Littelfuse]
|
ST5KA110 ST5AK5.0 ST5KA5.0 T00027 T00027-15 |
5000 WATT 5.0-110 VOLTS TRANSIENT SUPPRESSORS
|
SSDI[Solid States Devices, Inc] Solid States Devices, I...
|
1N6742R 1N6742 |
Transient Voltage Suppressor TRANSIENT VOLTAGE SUPPRESOR 5000 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-217AA
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
P6KE18A P6KE22 P6KE36A P6KE6.8A P6KE7.5A P6KE160 P |
600 Watt peak power transient voltage suppressor. Reverse stand-off voltage VRWM = 138.00 V. Test current IT = 1 mA. TRANSIENT VOLTAGE SUPPRESSOR BREAKDOWN VOLTAGE:6.8-440V PEAK PULSE POWER: 600W 2.5-V 460-Kbps RS-232 Transceiver With /-15-kV ESD Protection 20-TSSOP -40 to 85 600 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS 600瓦特峰值功率瞬态电压抑制器 Power Amplifier Driver 32-VQFN -40 to 85 600瓦特峰值功率瞬态电压抑制器 600 Watt peak power transient voltage suppressor. Reverse stand-off voltage VRWM = 284.00 V. Test current IT = 1 mA.
|
Shanghai Sunrise Electronics Bytes
|
DO-214AA SMB/DO-214AA SMBJ58CA |
600 Watt Transient Voltage Suppressors 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA 600 Watt Transient Voltage Suppressors 600瓦瞬态电压抑制器
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation
|
5.0SMCJSERIES14 50SMCJ110A 50SMCJ130A 50SMCJ170A 5 |
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 5000 Watts
|
Pan Jit International Inc. Pan Jit International I...
|
P6KE100A P6KE33A P6KE18ARL P6KE100ARL P6KE10A P6KE |
600 Watt Peak Power Surmetic -40 Zener Transient Voltage Suppressors 600 Watt Peak Power Surmetic TM -40 Zener Transient Voltage Suppressors 600 Watt Peak Power Surmetic-40 Zener Transient Voltage Suppressors From old datasheet system
|
ONSEMI[ON Semiconductor]
|