PART |
Description |
Maker |
ISL85415A |
Wide VIN 500mA Synchronous Buck Regulator
|
Intersil Corporation
|
ISL85412 |
Wide VIN 150mA Synchronous Buck Regulator
|
Intersil Corporation
|
5962-04238 5962-04239 5962-04240 5962-04241 5962-0 |
10W Total Output Power 28 Vin 3.3 Vout Single DC-DC Radiation Hardened Converter in a S Package. DLA Number 5962-04238 10W Total Output Power 28 Vin 5 Vout Single DC-DC Radiation Hardened Converter in a S Package. DLA Number 5962-04239 10W Total Output Power 28 Vin 12 Vout Single DC-DC Radiation Hardened Converter in a S Package. DLA Number 5962-04240 10W Total Output Power 28 Vin 15 Vout Single DC-DC Radiation Hardened Converter in a S Package. DLA Number 5962-04241 10W Total Output Power 28 Vin /-5 Vout Dual DC-DC Radiation Hardened Converter in a S Package. DLA Number 5962-04242 10W Total Output Power 28 Vin /-12 Vout Dual DC-DC Radiation Hardened Converter in a S Package. DLA Number 5962-04243 10W Total Output Power 28 Vin /-15 Vout Dual DC-DC Radiation Hardened Converter in a S Package. DLA Number 5962-04244
|
International Rectifier
|
ISL85033CRSHEVAL1Z |
Wide VIN Dual Standard Buck Regulator With 3A/3A Continuous Output Current
|
Renesas Electronics Corporation
|
5962-91773 5962-91774 5962-92112 5962-92115 |
15W Total Output Power 28 Vin 5 Vout Single DC-DC Standard Converter in an AHV Package. DLA Number 5962-91773 15W Total Output Power 28 Vin /-15 Vout Dual DC-DC Standard Converter in an AHV Package. DLA Number 5962-91774 15W Total Output Power 28 Vin 12 Vout Single DC-DC Standard Converter in an AHV Package. DLA Number 5962-92112 15W Total Output Power 28 Vin 5, /-12 Vout Triple DC-DC Standard Converter in an AHV Package. DLA Number 5962-92115
|
International Rectifier
|
75H-501 75H-504 75H-502 75H-503 75H-202 75H-203 75 |
High PSRR 300 mA LDO, Vin 10V max, Vout =0.9V, -40C to 85C, 5-SOT-23, T/R HIGH PSRR 150 MA LDO, VIN 10V MAX, VOUT = 6.0V, -40C to 85C, 5-SOT-23, T/R TRIMMER 6.35MM CERMET EIN 100R 300V 0.5W TRIMMER 6.35MM CERMET EIN 200R 300V 0.5W TRIMMER 6.35MM CERMET EIN 1K 300V 0.5W TRIMMER 10K TRIMMER 20K High PSRR 150 mA LDO, Vin 10V max, Vout =0.9V, -40C to 85C, 5-SOT-23, T/R 修边.35mm的金属陶瓷艾10,000 300V.5W High PSRR 150 mA LDO, Vin 10V max, Vout =0.9V, -40C to 85C, 5-SOT-23, T/R 修边.35mm的艾00R 300V金属陶瓷.5W
|
Aimtec
|
MIC5309-1.8YMT MIC5309-1.5YMT MIC5309-1.2YMT MIC53 |
Low VIN/VOUT 300mA High PSRR ULDO?/a> with Ultra-Low IQ Low VIN/VOUT 300mA High PSRR ULDO⑩ with Ultra-Low IQ
|
Micrel Semiconductor
|
ISL6528 |
PWM and Linear Power Controller, VOUT 0.8V to 3.3V, ?% Reg, Typ VOUT1 =1.5V, VOUT2 =2.5V, VIN =5V
|
Intersil
|
5962-02550 5962-02553 5962-02549 |
66W -120W Total Output Power 120 Vin 9 Vout Single DC-DC Standard Converter in an AFL Package. DLA Number 5962-02550 66W -120W Total Output Power 120 Vin 28 Vout Single DC-DC Standard Converter in an AFL Package. DLA Number 5962-02553 66W -120W Total Output Power 120 Vin 8 Vout Single DC-DC Standard Converter in an AFL Package. DLA Number 5962-02549
|
International Rectifier
|
D5001R803R3P D5001R803R3PA |
10W Total Output Power 50 Vin 1.8, 3.3 Vout Dual DC-DC Rad-Tolerant Converter in a D Package.
|
International Rectifier
|
AHP27015S AHP27028S 5962-05234 |
66W -120W Total Output Power 270 Vin 15 Vout Single DC-DC Standard Converter in an AHP Package. 66W -120W Total Output Power 270 Vin 28 Vout Single DC-DC Standard Converter in an AHP Package.
|
International Rectifier
|