PART |
Description |
Maker |
MJW0281A MJW0281A05 MJW0302A MJW0281ADATASHEET MJW |
Complementary NPN?PNP Power Bipolar Transistors ; Package: SOIC NARROW; No of Pins: 14; Qty per Container: 55/Rail 15 A, 260 V, PNP, Si, POWER TRANSISTOR, TO-247AD Complementary NPN-PNP Power Bipolar Transistors Complementary Power Transistors
|
ON Semiconductor http://
|
D44H10 D45H11 D44H8 D45H8 D44H D45H10 D44H11 ON027 |
10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 80 VOLTS Card Edge Connector; No. of Contacts:24; Pitch Spacing:0.156"; Contact Termination:Solder; Leaded Process Compatible:Yes; Mounting Hole Dia:0.128" RoHS Compliant: Yes 10 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-220AB COMPLEMENTARY SILICON POWER TRANSISTORS 10 A, 80 V, PNP, Si, POWER TRANSISTOR, TO-220AB 10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60/ 80 VOLTS 10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60 80 VOLTS From old datasheet system
|
Motorola Inc ONSEMI[ON Semiconductor] MOTOROLA[Motorola Inc] http://
|
CSC2383 CSA1013 |
PNP/NPN COMPLEMENTARY PLANAR SILICON TRANSISTORS
|
CDIL
|
NTE2649 NTE2650 |
NTE2649 (NPN) & NTE2650 (PNP) Silicon Complementary Transistors Darlington
|
NTE Electronics
|
FMB1020 |
NPN & PNP Complementary Dual Transistor SuperSOT-6 Surface Mount Package 500 mA, 45 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR NPN & PNP Complementary Dual Transistor SuperSOT-6 Surface Mount Package
|
Delta Electronics, Inc. FAIRCHILD[Fairchild Semiconductor]
|
CYTA4494D |
SURFACE MOUNT DUAL, ISOLATED COMPLEMENTARY NPN & PNP HIGH VOLTAGE SILICON TRANSISTORS
|
Central Semiconductor Corp
|
RCA9228A RCA9228B RCA9228C RCA9228D RCA9229A RCA92 |
50-A COMPLEMENTARY HIGH CURRENT, MEDIUM VOLTAGE NPN AND PNP SILICON DARLINGTON POWER TRANSISTORS
|
List of Unclassifed Manufacturers ETC
|
MJE182 MJE171 MJE181 MJE172 ON2017 MOTOROLAINC-MJE |
POWER TRANSISTORS COMPLEMENTARY SILICON 3 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-225AA From old datasheet system COMPLEMENTARY SLLLCON PLASTLC POWER TRANSLSTORS 3 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 60-80 VOLTS 12.5 WATTS
|
MOTOROLA[Motorola, Inc] ONSEMI[ON Semiconductor]
|
STS01DTP06 STS01DTP06T4 |
3 A, 30 V, NPN AND PNP, Si, POWER TRANSISTOR DUAL NPN-PNP COMPLEMENTARY BIPOLAR TRANSISTOR
|
STMICROELECTRONICS[STMicroelectronics]
|
CMXT3946 |
SMD Small Signal Transistor Dual NPN & PNP General Purpose Amplifier SURFACE MOUNT SUPERmin DUAL COMPLEMENTARY SILICON TRANSISTOR
|
CENTRAL[Central Semiconductor Corp]
|
NTE275 NTE274 |
Silicon complementary PNP transistor. Darlington power apmlifier, switch. Silicon Complementary Transistors Darlington Power Amplifier, Switch
|
NTE[NTE Electronics]
|