PART |
Description |
Maker |
LTC3630AEMSE LTC3630EMSE |
High Efficiency High Voltage 500mA Synchronous Step-Down Converter
|
Linear Technology
|
BFP25 BFP22 Q62702-F721 Q62702-F621 Q62702-F201 Q6 |
NPN Silicon Transistor with high Reve... From old datasheet system NPN Silicon Transistors with High Reverse Voltage Isolation- UL94V-0 Package Material- Power Sharing on Output- Efficiency to 84% NPN Silicon RF Transisrors NPN Silicon Transistors (High breakdown voltage l Low collector-emitter saturation voltage) NPN硅晶体管(高耐压l低集电极发射极饱和电压)
|
SIEMENS[Siemens Semiconductor Group] Infineon SIEMENS AG
|
LTC1629 LTC1629C LTC1629I LTC1629C-PG LTC1629CG LT |
PolyPhase, High Efficiency,Synchronous Step-DownSwitching Regulator PolyPhase/ High Efficiency/ Synchronous Step-Down Switching Regulators PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulators RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS Dual LinCMOS(TM) Timer 14-SOIC
|
Linear Technology Corporation
|
LTC3642IDD-5PBF LTC3642EDD-3.3TRPBF LTC3642IDD-3.3 |
High Efficiency, High Voltage 50mA Synchronous Step-Down Converter; Package: 8-DFN; Temperature Range: -40 to 125C 0.05 A SWITCHING REGULATOR, PDSO8 High Efficiency, High Voltage 50mA Synchronous Step-Down Converter; Package: 8-DFN; Temperature Range: -40 to 125C; Container: Tape and Reel 0.05 A SWITCHING REGULATOR, PDSO8 High Efficiency, High Voltage 50mA Synchronous Step-Down Converter; Package: 8-MSOP; Temperature Range: -40 to 125C; Container: Tape and Reel 0.05 A SWITCHING REGULATOR, PDSO8
|
Linear Technology, Corp.
|
PEG-3E-500B PEP-3R-10B PEG-3E-25B PEP-3R-70 PEP-3R |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 4A High Efficiency Switching Regulators; Package: DD PAK; No of Pins: 5; Temperature Range: 0°C to 70°C Micropower High Efficiency 3.3/5V Step-Up DC/DC Converter 10 to 500 MHz / Continuous 0° to 180° Adjustment / Voltage Controlled / Low Insertion Loss PHASE SHIFTERS
|
Merrimac Industries, Inc.
|
2SC3950 |
RTS Series - Econoline Unregulated DC-DC Converters; Input Voltage (Vdc): 12V; Output Voltage (Vdc): 15V; Power: 2W; Assembly; High Power Density; Optional Continuous Short Circuit Protected; Efficiency to 85% High-Definition CRT Display Video Output Driver Applications
|
Sanyo Electric Co.,Ltd. Sanyo Semicon Device
|
LD7126 LD7126SERIES |
DBS-Band, 2.0KW/2.4KW Klystrons for Communications 17 GHz BAND, 2.0 kW/2.4 kW, HIGH EFFICIENCY, HIGH POWER GAIN 17 GHz BAND / 2.0 kW/2.4 kW / HIGH EFFICIENCY / HIGH POWER GAIN
|
NEC[NEC] NEC Corp.
|
NCP1616A1DR2G |
High Voltage High Efficiency Power Factor Correction Controller
|
ON Semiconductor
|
LTC3727EG LTC3727EUH-1 LTC3727EG-1 LTC3727 LTC3727 |
From old datasheet system High Efficiency, 2-Phase Synchronous Step-Down Switching Regulators RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 抗辐射高效,5安培开关稳压器
|
LINER[Linear Technology] Linear Technology Corporation Linear Technology, Corp.
|
BUL76A |
POWERLINE: RP20-S_DEW - 4:1 Wide Input Voltage Range- 20 Watts Output Power- 1.6kVDC Isolation- Fixed Operating Frequency- Six-Sided Continuous Shield- Ul 1950 Component Recognised- Standard 50.8 x40.6x10.2mm Package- Efficiency to 84% ADVANCED DISTRIBUTED BASE DESIGN HIGH VOLTAGE HIGH SPEED NPN SILICON POWER TRANSISTOR
|
TT electronics Semelab Limited Seme LAB
|