PART |
Description |
Maker |
DRT-240 DRT-240-24 DRT-240-48 |
240W Three Phase Industrial DIN RAIL Power Supply
|
Mean Well Enterprises Co., Ltd.
|
NDR-240 NDR-240-48 NDR-240-24 |
240W Single Output Industrial DIN RAIL NDR-240
|
Mean Well Enterprises C...
|
DRP-24010 DRP-240-24 DRP-240-48 |
240W Single Output Industrial DIN RAIL Power Supply
|
Mean Well Enterprises Co., Ltd. Mean Well Enterprises C...
|
WDR-240 WDR-240-24 WDR-240-48 |
240W Single Output Industrial DIN RAIL Power Supply
|
Mean Well Enterprises Co., Ltd.
|
SDR-24011 |
240W Single Output Industrial DIN RAIL with PFC Function
|
Mean Well Enterprises Co., Ltd.
|
DR-75-24 DR-75-48 DR-75-12 |
Low Cost, Industrial 75W, DIN Rail Mount AC/DC Power Supplies
|
MicroPower Direct, LLC
|
ADTL08207 ADTL082JR ADTL082JR-REEL ADTL082JR-REEL7 |
Low Cost JFET Input Dual Operational Amplifier Low Cost JFET Input Operational Amplifier; Package: MSOP; No of Pins: 8; Temperature Range: Industrial Low Cost JFET Input Operational Amplifiers Low Cost JFET Input Operational Amplifier; Package: SOIC; No of Pins: 14; Temperature Range: Commercial QUAD OP-AMP, 10000 uV OFFSET-MAX, 5 MHz BAND WIDTH, PDSO14 Low Cost JFET Input Operational Amplifier; Package: SOIC; No of Pins: 8; Temperature Range: Commercial
|
Analog Devices, Inc. ANALOG DEVICES INC
|
AD7655ACPZRL AD7655ASTZRL AD7661 AD7660 |
Low Cost, 4-Channel, 1 MSPS 16-Bit PulSAR® A/D Converter; Package: LFCSP 7x7mm (5.25EP); No of Pins: 48; Temperature Range: Industrial 4-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL/PARALLEL ACCESS, QCC48 Low Cost, 4-Channel, 1 MSPS 16-Bit PulSAR® A/D Converter; Package: LQFP; No of Pins: 48; Temperature Range: Industrial 4-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL/PARALLEL ACCESS, PQFP48 Low Cost, 4-Channel, 16-Bit 1 MSPS PulSAR? ADC Low Cost, 4-Channel, 16-Bit 1 MSPS PulSAR? ADC
|
Analog Devices, Inc.
|
ADDAC80 ADDAC87CBI-I ADDAC87CBI-V ADDAC85MILCBII8 |
Complete Low Cost Hybrid 12-Bit D/A Converter, -55 to 125C Complete Low Cost Hybrid 12-Bit D/A Converter, -25 to 85C Complete Low Cost Hybrid 12-Bit D/A Converter 0to 70C Complete Low Cost Hybrid 12-Bit D/A Converter, -25 to 85°C Complete Low Cost Hybrid 12-Bit D/A Converter, -55 to 125°C From old datasheet system IC,D/A CONVERTER,SINGLE Complete low cost, linearity error /- 1/2 LBS, binary input
|
Analog Devices adi
|
CY7C1367C-166BGC CY7C1366C-200BZI CY7C1366C-200BZC |
Low Cost, 300 MHz Rail-to-Rail Amplifier (Single); Package: SOT-23; No of Pins: 5; Temperature Range: Industrial 512K X 18 CACHE SRAM, 3.5 ns, PBGA119 Low Cost, Single, 300 MHz Voltage Feedback Amplifier; Package: SOT-23; No of Pins: 5; Temperature Range: Industrial 256K X 36 CACHE SRAM, 3 ns, PBGA165 9-Mbit (256K x 36/512K x 18) Pipelined DCD Sync SRAM 512K X 18 CACHE SRAM, 2.8 ns, PBGA165
|
Cypress Semiconductor, Corp. CYPRESS SEMICONDUCTOR CORP
|
ADM705 ADM705AN ADM705AR ADM706 ADM706AN ADM706AR |
3 V/ Voltage Monitoring uP Supervisory Circuits Low Cost uP Supervisory Circuits 低成本的监控电路 Low Cost uP Supervisory Circuits 2-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDIP8 Low Cost P Supervisory Circuits Low Cost uP Supervisory Circuits
|
ANALOG DEVICES INC Analog Devices, Inc. AD[Analog Devices]
|
DRP-480 |
480W Single Output Industrial DIN RAIL
|
Mean Well Enterprises
|