PART |
Description |
Maker |
CY62126EV30 CY62126EV30LL CY62126EV30LL-45ZSXI CY6 |
1-Mbit (64 K x 16) Static RAM Automatic power down when deselected 1-Mbit (64K x 16) Static RAM 64K X 16 STANDARD SRAM, 45 ns, PDSO44
|
Cypress Semiconductor, Corp.
|
SST4117A SST4118A |
1-Mb (128K x 8) Static RAM 1-Mbit (64K x 16) Static RAM 晶体管|场效应| N沟道| 80uA电流我(直)| SOT - 23封装
|
Electronic Theatre Controls, Inc.
|
UPD4264405G5-A50-7JD UPD4265405G5-A50-7JD UPD42S65 |
2-Mbit (128K x 18) Flow-Through SRAM with NoBL Architecture x4 EDO Page Mode DRAM 512K (32K x 16) Static RAM 36-Mbit DDR-II SRAM 2-Word Burst Architecture (2.5 Cycle Read Latency) 128K x 8 Static RAM 128K的8静态RAM
|
Omron Electronics, LLC
|
CY62168DV3009 CY62168DV30LL-55BVI |
16-Mbit (2M x 8) MoBL垄莽 Static RAM 16-Mbit (2M x 8) MoBL Static RAM
|
Cypress Semiconductor
|
ST1335 ST1355-CW4 ST1335-BD10 ST1335-BD15 ST1335-B |
5-CONTACT MEMORY CARD IC 272 BIT EEPROM WITH ADVANCED SECURITY MECHANISMS 5V, 3.3V, ISR High-Performance CPLDs NX2LP DEVELOPMENT KIT KIT DEV MOBL-USB FX2LP18 MoBL® 4-Mbit (256K x 16) Static RAM MoBL® 1-Mbit (64K x 16) Static RAM MoBL® 1 Mbit (128K x 8) Static RAM MoBL® 2-Mbit (128K x 16) Static RAM (ST1335/13361355) 5-Contact Memory Card IC 272-bit EEPROM with Advanced Security Mechanisms MoBL® 1-Mbit (64K x 16) Static RAM EEPROM 5V, 3.3V, ISR™ High-Performance CPLDs EEPROM MoBL® 4-Mbit (256K x 16) Static RAM EEPROM 5-Contact Memory Card IC 272-bit EEPROM with Advanced Security Mechanisms 5,联系记忆卡IC 272位具有高级安全机制的EEPROM
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 ST Microelectronics STMicroelectronics N.V.
|
CYU01M16SFCU-70BVXI CYU01M16SFCU |
1M X 16 PSEUDO STATIC RAM, 70 ns, PBGA48 6 X 8 MM, 1 MM HEIGHT, LEAD FREE, VFBGA-48 16-Mbit (1M x 16) Pseudo Static RAM
|
Cypress Semiconductor, Corp.
|
CYU01M16ZFCU-70BVXI CYU01M16ZFC |
1M X 16 PSEUDO STATIC RAM, 70 ns, PBGA48 6 X 8 MM, 1 MM HEIGHT, LEAD FREE, FBGA-48 16-Mbit (1M x 16) Pseudo Static RAM
|
Cypress Semiconductor, Corp.
|
CY62167E09 |
16-Mbit (1M x 16 / 2M x 8) Static RAM
|
Cypress Semiconductor
|
CY62187EV30 CY62187EV30LL-70BAXI CY62187EV30LL-55B |
64 Mbit (4M x 16) Static RAM
|
Cypress Semiconductor
|