PART |
Description |
Maker |
UPD4265805G5-A50-7JD UPD4264805G5-A50-7JD UPD42658 |
18-Mbit QDR-II SRAM 2-Word Burst Architecture 1-Mbit (64K x 16) Static RAM 1M x 4 Static RAM x8 EDO Page Mode DRAM x8 EDO公司页面模式DRAM 4-Mbit (256K x 16) Static RAM
|
NEC TOKIN, Corp.
|
CY7C1051DV33-12ZSXI CY7C1051DV33-12ZSXIT |
8-Mbit (512 K 16) Static RAM
|
Cypress
|
CY7C1049CV33 |
4-Mbit (512 K × 8) Static RAM
|
Cypress Semiconductor
|
UPD4265800LE-A80 UPD4264800LE-A80 UPD4265800LE-A70 |
18-Mbit QDR-II SRAM 2-Word Burst Architecture 64K x 16 Static RAM 1K x 8 Dual-Port Static RAM 1-Mbit (64K x 16) Static RAM x8快速页面模式的DRAM
|
STMicroelectronics N.V.
|
UPD424440LE-70 UPD424440LE-60 UPD424440LE-80 UPD42 |
MoBL® 8-Mbit (1024K x 8) Static RAM MoBL® 8-Mbit (512K x 16) Static RAM CY62167DV30 MoBL® - 16-Mbit (1M x 16) Static RAM x4 Fast Page Mode DRAM x4快速页面模式的DRAM
|
Vishay Intertechnology, Inc.
|
CY62157EV30LL-45ZSXA CY62157EV30LL-55ZXE CY62157EV |
8-Mbit (512 K x 16) Static RAM Automatic power down when deselected
|
Cypress Semiconductor
|
CY7C1049CV33-8ZSXC CY7C1049CV33-10ZXI |
4-Mbit (512 K × 8) Static RAM Automatic power down when deselected
|
Cypress Semiconductor
|
CY7C1049CV33-15ZSXE CY7C1049CV33-10VXA |
4-Mbit (512 K × 8) Static RAM TTL-compatible inputs and outputs
|
Cypress Semiconductor
|
AM41PDS3224DB35IS AM41PDS3224DB40IS AM41PDS3224DT1 |
32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation, Page Mode Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM 32兆位米16位).8伏的CMOS只,同时操作,页面模式闪存和4兆位12亩x 8-Bit/256亩x 16位),静态存储器 32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation, Page Mode Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM 32兆位米16位)1.8伏的CMOS只,同时操作,页面模式闪存和4兆位12亩x 8-Bit/256亩x 16位),静态存储器 32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation, Page Mode Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM SPECIALTY MEMORY CIRCUIT, PBGA73
|
Advanced Micro Devices, Inc.
|
CY62157DV3006 CY62157DV30L-55BVXE CY62157DV30L-55B |
8-Mbit (512K x 16) MoBL㈢ Static RAM 8-Mbit (512K x 16) MoBL? Static RAM 8-Mbit (512K x 16) MoBL垄莽 Static RAM 8-Mbit (512K x 16) MoBL Static RAM
|
Cypress Semiconductor
|
CY7C1041CV33-12ZSXE CY7C1041CV3308 CY7C1041CV33-10 |
4-Mbit (256K x 16) Static RAM; Density: 4 Mb; Organization: 256Kb x 16; Vcc (V): 3.0 to 3.6 V; 256K X 16 STANDARD SRAM, 10 ns, PDSO44 4-Mbit (256K x 16) Static RAM
|
Cypress Semiconductor, Corp.
|