PART |
Description |
Maker |
24C02C-ISN 24C02C-IST 24C02C-IP 24C02C-EP 24C02C-E |
2K 5.0V I 2 C Serial EEPROM 2K 5.0VI 2荤⑩串行EEPROM 2K 5.0V IIC serial EEPROMs(2K位,1M次擦写周期,硬件写保护,二线串行接口,EEPROM) 2K 5.0V I 2 C ?Serial EEPROM 2K5.0VI2CSerialEEPROM
|
Microchip Technology, Inc. Microchip Technology Inc. MicrochipTechnology
|
AT24C02B-PU AT24C02BN-SH-T AT24C02BY6-YH-T AT24C02 |
DIE SALE, 1.8V, 11 MIL(SERIAL EE) 256 X 8 I2C/2-WIRE SERIAL EEPROM, UUC 8 TSSOP, PB/HALO FREE, NIPDAU, 1.8V(SERIAL EE) 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 Two-wire Serial EEPROM
|
聚兴科技股份有限公司 Atmel, Corp. ATMEL Corporation
|
ST95040 ST95040B1TR ST95040B3TR ST95040B6TR ST9504 |
4K serial SPI EEPROM with positive clock strobe 4/2/1 KBITS SERIAL SPI EEPROM WITH POSITIVE CLOCK STROBE (ST950x0) 4K/2K/1K Serial SPI EEPROM with Positive Clock Strobe MOSFET, N SOT-23MOSFET, N SOT-23; Transistor type:MOSFET; Transistor polarity:N; Voltage, Vds max:30V; Case style:SOT-23; Current, Id cont:2.6A; Current, Idm pulse:10A; Power, Pd:0.75W; Resistance, Rds on:0.07R; SMD:1; Current, Id 4K/2K/1K Serial SPI EEPROM with Positive Clock Strobe 4K/2K/1K串行SPI EEPROM,带有正时钟选 SPI Serial EEPROM SPI串行EEPROM 2K serial SPI EEPROM with positive clock strobe
|
ST Microelectronics SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
24C16 AT24C164 24C164 AT24C164-10SI-2.7 AT24C16 AT |
2-Wire Serial EEPROM 2-WireSerialEEPROM 16 characters x 4 Lines, 5x7 Dot Matric Character and Cursor 2K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 Triple 3-Input Positive-NOR Gate 14-SOIC -40 to 85 2K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 Triple 3-Input Positive-NOR Gate 14-TVSOP -40 to 85 2K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 2-Wire Serial EEPROM 2K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8
|
ATMEL[ATMEL Corporation] ATMELCorporation Atmel Corp. Atmel, Corp.
|
BR93L46RF-LE2 BR93L46RFV-WE2 BR93L46RFJ-WE2 BR93L4 |
High Reliability Serial EEPROMs High Reliability Series High Reliability Serial EEPROMs High Reliability Series
|
Rohm
|
24C01B 24C01B-EP 24C01B-ESN 24C02B-ESN 24C02B-EP |
1K/2K 5.0V I 2 C ??Serial EEPROM 1K/2K 5.0V I 2 C Serial EEPROM 1K/2K 5.0VI 2荤⑩串行EEPROM 1K 5.0V IIC serial EEPROMs(1K5.0V,IIC串行EEPROM) 1K/2K5.0VI2CSerialEEPROM
|
Microchip Technology, Inc. Microchip Technology Inc. MicrochipTechnology
|
CAT24FC256 CAT24FC256JA CAT24FC256JE CAT24FC256JI |
256K-Bit I2C Serial CMOS EEPROM 256K位I2C串行CMOS EEPROM LM5100/LM5101 High Voltage High Side and Low Side Gate Driver; Package: LLP; No of Pins: 10 256K位I2C串行CMOS EEPROM LM5100A/B/C LM5101A/B/C 3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers; Package: LLP; No of Pins: 10 LM5100A/B/C LM5101A/B/C 3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers; Package: SOIC NARROW; No of Pins: 8 Serial EEPROM, Full Array Write Protect, 256Kb, 400kHz
|
ITT, Corp. NXP Semiconductors N.V. CATALYST[Catalyst Semiconductor]
|
M95256-RMW3T M95256-RDL1T M95256-VDL3T M95256-RDL5 |
256/128 Kbit Serial SPI Bus EEPROM With High Speed Clock 16K X 8 SPI BUS SERIAL EEPROM, PDSO8
|
ST Microelectronics STMICROELECTRONICS
|
IS24C64-2 IS24C64-3 IS24C64-2G IS24C32-2G |
8192x8-Wire Serial CMOS EEPROM(64K线串行EEPROM) IC-SM-32K SERIAL EEPROM 8192x8锛?-Wire Serial CMOS EEPROM(64K锛?绾夸覆琛?EPROM)
|
Integrated Silicon Solution, Inc.
|
AT25020 AT25020-10PC AT25020-10PC-1.8 AT25020-10PC |
SPI Serial EEPROMs High Speed CMOS Logic 3-to-8 Line Decoder Demultiplexer Inverting and Non-Inverting 16-TSSOP -55 to 125 512 X 8 SPI BUS SERIAL EEPROM, PDIP8 High Speed CMOS Logic 3-to-8 Line Decoder Demultiplexer Inverting and Non-Inverting 16-SO -55 to 125 256 X 8 SPI BUS SERIAL EEPROM, PDSO8 SPI Serial EEPROMs 256 X 8 SPI BUS SERIAL EEPROM, PDIP8 SPI Serial EEPROMs 128 X 8 SPI BUS SERIAL EEPROM, PDSO8 SPI Serial EEPROMs 128 X 8 SPI BUS SERIAL EEPROM, PDIP8 SPI Serial EEPROMs 256 X 8 SPI BUS SERIAL EEPROM, PDSO8 SPI Serial EEPROMs 512 X 8 SPI BUS SERIAL EEPROM, PDSO8
|
ATMEL[ATMEL Corporation] Atmel Corp. PROM Atmel, Corp.
|