PART |
Description |
Maker |
SUP65P06-20 SUB65P06-20 |
From old datasheet system P-Channel Enhancement-Mode Trans P-Channel 60-V (D-S), 175C MOSFET TRANSISTOR,MOSFET,P-CHANNEL,60V V(BR)DSS,65A I(D),TO-220AB P-Channel MOSFET 30V N-Channel PowerTrench MOSFET
|
VISAY[Vishay Siliconix] Vishay Intertechnology Inc Vishay Intertechnology,Inc.
|
IRFB4310PBF IRFS4310PBF IRFSL4310PBF IRFS4310RPBF |
HEXFET㈢Power MOSFET HEXFET庐Power MOSFET HEXFET?Power MOSFET High Efficiency Synchronous Rectification in SMPS
|
International Rectifier
|
ZXMP6A13FTC ZXMP6A13F ZXMP6A13FTA |
P-channel MOSFET 60V P-CHANNEL ENHANCEMENT MODE MOSFET MOSFET P-CH 60V 900MA SOT-23 900 mA, 60 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
ZETEX[Zetex Semiconductors] Electronic Theatre Controls, Inc. Zetex Semiconductor PLC
|
IXTH36N50P IXTT36N50P IXTV36N50P IXTV36N50PS IXTQ3 |
MOSFET N-CH 500V 36A TO-247 36 A, 500 V, 0.17 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AD PolarHV Power MOSFET
|
IXYS, Corp. IXYS Corporation
|
IXTA4N60P IXTU4N60P IXTY4N60P |
MOSFET N-CH 600V 4A D2-PAK 4 A, 600 V, 2 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB PolarHV Power MOSFET
|
IXYS, Corp. IXYS Corporation
|
IRLU8743PBF IRLR8743PBF |
160 A, 30 V, 0.0031 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251AA HEXFET㈢Power MOSFET HEXFET?Power MOSFET
|
International Rectifier
|
AM29LV010B-45RJC AM29LV010B-55JC AM29LV010B-55JE A |
A 20V Single N-Channel HEXFET Power MOSFET in a DirectFET ST Package 100V Single N-Channel HEXFET Power MOSFET in a SO-8 package 80V Single N-Channel HEXFET Power MOSFET in a SO-8 package -40V Single P-Channel HEXFET Power MOSFET in a TSOP-6 (Micro 6) package 20V Dual N-Bidirectional HEXFET Power MOSFET in a 6-Lead FlipFET 30V N-Channel PowerTrench MOSFET 30VN沟道的PowerTrench MOSFET -12V Single P-Channel HEXFET Power MOSFET in a TSSOP-8 package x8闪存EEPROM 1 Mb (128K x 8) Uniform Sector, Flash Memory 128K X 8 FLASH 3V PROM, 70 ns, PQCC32 x8 Flash EEPROM x8闪存EEPROM
|
Toshiba, Corp. Advanced Micro Devices, Inc. Spansion, Inc.
|
ISL6206 ISL6206CB ISL6206CB-T ISL6206CB- |
High Voltage Synchronous Rectified Buck MOSFET Driver 1.1 A HALF BRDG BASED MOSFET DRIVER, PDSO8 MOSFET Driver,Dual N-Channel, 30V, use with Multiphase Controllers, 700mA
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
FAN5009M FAN5009MX |
Dual Bootstrapped 12V MOSFET Driver HALF BRDG BASED MOSFET DRIVER, PDSO8 Synchronous DC-DC MOSFET Driver
|
Fairchild Semiconductor, Corp.
|
ZXMC3A18DN8 ZXMC3A18DN8TA ZXMC3A18DN8TC |
COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET 7.6 A, 30 V, 0.025 ohm, 2 CHANNEL, N AND P-CHANNEL, Si, POWER, MOSFET N & P-channel MOSFET
|
Zetex Semiconductor PLC ZETEX[Zetex Semiconductors]
|
IRFL4310 IRFL4310TR |
HEXFET? Power MOSFET 1.6 A, 100 V, 0.2 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-261AA Power MOSFET(Vdss=100V, Rds(on)=0.20ohm, Id=1.6A) 100V Single N-Channel HEXFET Power MOSFET in a SOT-223 package
|
IRF[International Rectifier]
|